Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STD100N3LF3 Datasheet(PDF) 3 Page - STMicroelectronics

Part No. STD100N3LF3
Description  N-channel 30 V, 0.0045 Ω, 80 A, DPAK planar STripFET™ II Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

STD100N3LF3 Datasheet(HTML) 3 Page - STMicroelectronics

 
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
STD100N3LF3
Electrical ratings
Doc ID 13206 Rev 3
3/14
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
30
V
VGS
Gate-source voltage
± 20
V
ID
(1)
1.
Current limited by package.
Drain current (continuous) at TC = 25 °C
80
A
ID
Drain current (continuous) at TC=100 °C
70
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
320
A
PTOT
Total dissipation at TC = 25 °C
110
W
Derating factor
0.73
W/°C
dv/dt (3)
3.
ISD ≤80A, di/dt 360 A/µs, VDS ≤V(BR)DSS, TJ ≤TJMAX
Peak diode recovery voltage slope
3.9
V/ns
Tstg
Storage temperature
-55 to 175
°C
TJ
Max. operating junction temperature
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance junction-case max
1.36
°C/W
RthJA
Thermal resistance junction-ambient max
100
°C/W
Tl
Maximum lead temperature for soldering
purpose
275
°C
Table 4.
Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR
Not-repetitive avalanche current
(pulse width limited by TJ max)
40
A
EAS
Single pulsed avalanche energy
(starting TJ = 25 °C, ID = IAV, VDD = 24 V)
500
mJ


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn