Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STD100N3LF3 Datasheet(PDF) 1 Page - STMicroelectronics

Part No. STD100N3LF3
Description  N-channel 30 V, 0.0045 Ω, 80 A, DPAK planar STripFET™ II Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

STD100N3LF3 Datasheet(HTML) 1 Page - STMicroelectronics

 
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
November 2009
Doc ID 13206 Rev 3
1/14
14
STD100N3LF3
N-channel 30 V, 0.0045
Ω, 80 A, DPAK
planar STripFET™ II Power MOSFET
Features
100% avalanche tested
Logic level threshold
Applications
Switching application
– Automotive
Description
This STripFET™ II Power MOSFET technology is
among the latest improvements, which have been
especially tailored to minimize on-state resistance
providing superior switching performance.
Figure 1.
Internal schematic diagram
Type
VDSSS
RDS(on)
ID
Pw
STD100N3LF3
30 V
<0.0055
Ω 80 A(1)
1.
Current limited by package
110 W
1
3
DPAK
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STD100N3LF3
100N3LF3
DPAK
Tape and reel
www.st.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn