Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMRT2815S Datasheet(PDF) 9 Page - Interpoint Corporation Company

Part # SMRT2815S
Description  Built in MIL-STD-461 EMI filter Output trim from 51% to 124% of nominal
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMRT2815S Datasheet(HTML) 9 Page - Interpoint Corporation Company

Back Button SMRT2815S Datasheet HTML 5Page - Interpoint Corporation Company SMRT2815S Datasheet HTML 6Page - Interpoint Corporation Company SMRT2815S Datasheet HTML 7Page - Interpoint Corporation Company SMRT2815S Datasheet HTML 8Page - Interpoint Corporation Company SMRT2815S Datasheet HTML 9Page - Interpoint Corporation Company SMRT2815S Datasheet HTML 10Page - Interpoint Corporation Company SMRT2815S Datasheet HTML 11Page - Interpoint Corporation Company SMRT2815S Datasheet HTML 12Page - Interpoint Corporation Company SMRT2815S Datasheet HTML 13Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Electrical Characteristics: -55°C to +125°C TC, 28 VDC Vin, 100% load, unless otherwise specified.
DUAL OUTPUT MODELS
SMRT2805D
SMRT2812D
SMRT2815D
unItS
parameter
COnDItIOnS
MIn
TYP
MAX
MIn
TYP
MAX
MIn
TYP
MAX
Output VOltage
VOut a
4.90
5.00
5.10 11.76 12.00 12.24 14.70 15.00 15.30
VDC
VOut b
4.90
5.00
5.10 11.76 12.00 12.24 14.70 15.00 15.30
Output Current 2, 3
VOut a
3.0
1.46
1.17
VOut b
3.0
1.46
1.17
A
Output pOwer 2, 3
VIn = 19 tO 56 VDC
VOut a
0
15
0
17.5
0
17.5
W
VOut b
0
15
0
17.5
0
17.5
Output rIpple
10 khz - 20 mhz
200
200
180
mV p-p
lIne regulatIOn 2
VIn = 19, 50 VDC
30
5
25
5
30
mV
lOaD regulatIOn
5
40
5
50
5
40
mV
VIn = 19, 50 VDC
70
100
70
tOtal regulatIOn 1
VOUT
all COnDItIOnS OF
lIne, lOaD, agIng,
temp anD raDIatIOn
±4.6
±5.4
±10.9
±13.1 ±14.0
±16.0
VDC
Input VOltage 4
COntInuOuS
19
28
56
19
28
56
19
28
56
VDC
tranSIent 100 ms
0
80
0
80
0
80
V
Input Current
InhIbIteD 4
50
50
50
mA
nO lOaD
110
110
110
Input rIpple
Current 4
10 kHz - 20 MHz
10
50
10
150
10
50
mA p-p
eFFICIenCy
66
75
75
%
lOaD Fault 5, 6
pOwer DISSIpatIOn
28
20
20
W
reCOVery 1
25
25
25
ms
Step lOaD
reSpOnSe 6, 7, 8
tranSIent
±450
±450
±575
mV pk
reCOVery
3
2
3
ms
Step lIne
reSpOnSe 1, 6, 7
19 - 50 - 19 VIn
tranSIent
±500
±1000
±700
mv pk
reCOVery
4
3
4
ms
Start-up 9
Delay
nO lOaD anD Full
25
20
25
ms
OVerShOOt
50
350
150
mV pk
CapaCItIVe lOaD1
tC = 25°C
unCOnDItIOnally
Stable, Start-up
Delay InCreaSeD
5000
5000
5000
µF
notes
1. guaranteed by design, not tested.
2. The specified maximum current/power is available from each output.
3. To maintain tight regulation over the full input voltage range a minimum load of 2% of full load should be used on all outputs.
4. Converters meet MIL-STD-461 specification revisions for conducted emissions C-CE03 and D-/E-/F-CE-102. The actual value of input ripple current is much less, the
limit in the characteristic table is based on measurement resolution..
5. Maximum power dissipation when output is shorted.
6. Recovery time is measured from application of the transient to point at which VOUT is within 1% of VOUT at final value.
7. Transition time >10 µs.
8. Half load to/from full load.
9. Measured from release of inhibit or input voltage step
Crane Aerospace & Electronics Power Solutions
www.interpoint.com
Page 9 of 19
sMrt28 single, Dual and triple space Dc/Dc converters
28 VOLt Input – 35 Watt – space quaLIFIeD
SMRT28 Rev E - 20100216


Similar Part No. - SMRT2815S

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
SMRT2815S/KR INTERPOINT-SMRT2815S/KR Datasheet
1Mb / 44P
   SMRT Single, Dual and Triple Space DC-DC Converters
logo
Crane Aerospace & Elect...
SMRT2815SHP CRANE-SMRT2815SHP Datasheet
249Kb / 17P
   SMRT Single, Dual and Triple DC/DC Converters
SMRT2815SHR CRANE-SMRT2815SHR Datasheet
249Kb / 17P
   SMRT Single, Dual and Triple DC/DC Converters
SMRT2815SKF CRANE-SMRT2815SKF Datasheet
249Kb / 17P
   SMRT Single, Dual and Triple DC/DC Converters
SMRT2815SKP CRANE-SMRT2815SKP Datasheet
249Kb / 17P
   SMRT Single, Dual and Triple DC/DC Converters
More results

Similar Description - SMRT2815S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KG9501 ETC-KG9501 Datasheet
1Mb / 6P
   MIL-STD-461-C INPUT EMI FILTER for 4W up to 50W DC/DC Converters
logo
Nova Electric. All Righ...
FC1250U NOVA-FC1250U Datasheet
304Kb / 2P
   RUGGED SINGLE-PHASE SINEWAVE FREQUENCY CONVERTER CAN MEET MIL-STD-810, MIL-STD-1399, MIL-S-901, MIL-STD-704, & MIL-STD-461 OPTIONALLY
logo
Holt Integrated Circuit...
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
   MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
logo
List of Unclassifed Man...
BUS-8559 ETC1-BUS-8559 Datasheet
811Kb / 4P
   VARIABLE OUTPUT MIL-STD-1553 TRANSCEIVER
logo
Abracon Corporation
AWBC-05 ABRACON-AWBC-05 Datasheet
638Kb / 1P
   Widely used in PC products to filter EMI from the outside
03.07.14
logo
JMK Inc.
AA-1506-12 JMK-AA-1506-12 Datasheet
55Kb / 1P
   This economical filter is designed to operate in severe environments such as Mil-Std-704.
ZM-1758-40 JMK-ZM-1758-40 Datasheet
36Kb / 1P
   The ZM-1758-40 filter is designed to work with systems with requirements to meet Mil-Std-461D or Mil-Std-461E.
logo
List of Unclassifed Man...
BUS-8553 ETC1-BUS-8553 Datasheet
289Kb / 4P
   MIL-STD-1553 TRANSCEIVER
logo
Holt Integrated Circuit...
HI-8428 HOLTIC-HI-8428 Datasheet
124Kb / 16P
   MIL-STD-704 compliant
logo
Dynex Semiconductor
MAS281 DYNEX-MAS281 Datasheet
551Kb / 55P
   MIL-STD-1750A Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com