Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA4743 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LA4743
Description  45 W Four-Channel (Bridge Circuit) Power Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4743 Datasheet(HTML) 6 Page - Sanyo Semicon Device

  LA4743 Datasheet HTML 1Page - Sanyo Semicon Device LA4743 Datasheet HTML 2Page - Sanyo Semicon Device LA4743 Datasheet HTML 3Page - Sanyo Semicon Device LA4743 Datasheet HTML 4Page - Sanyo Semicon Device LA4743 Datasheet HTML 5Page - Sanyo Semicon Device LA4743 Datasheet HTML 6Page - Sanyo Semicon Device LA4743 Datasheet HTML 7Page - Sanyo Semicon Device LA4743 Datasheet HTML 8Page - Sanyo Semicon Device LA4743 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
No. 6630-6/9
LA4743B
Notes on Usage and Handling
• Oscillator stabilization time
In some cases, details of the printed circuit board layout may lead to induced parasitic oscillation. This oscillation can
be prevented by adding any one of the following components. Verify the optimal values for these capacitors by testing
in actual end products.
Technique 1 ... Connect Mylar capacitors (0.1 µF) between the BTL amplifier outputs.
Technique 2 ... Connect an RC circuit (2.2
Ω and 0.1 µF in series) between each output and ground.
• Audio quality (low band)
The low-band frequency characteristics can be improved by adjusting the values of the input capacitors. The
recommended value is 2.2 µF.
• Impulse noise
The LA4743B includes a built-in impulse noise suppression circuit. However, further improvement can be achieved by
using the muting circuit. When first applying power, activate the muting function at the same time as applying power.
Then, after the output DC potential has stabilized, turn off the muting function. When turning off the power, first
activate the muting function and then turn off the power. Sample transient responses are attached (see the timing
charts).
Transient Responses at Power On
Power on: Standby and muting activated at the same time.
Muting is turned off after the output has stabilized.
+
22
3.3
µF
Mute
10 k
MUTE
MUTE OFF
ON TIME
5 [V]
0
4
2
0
200 ms/div
0 [V]
5 [V]
Transient Responses at Power Off
Power off: After activating the muting circuit, turn the power off.
+
22
3.3
µF
Mute
10 k
MUTE
200 ms/div
5 [V]
0
4
2
0
0 [V]
5 [V]
Standby set high
External 10 k
Ω muting switch
Standby pin
Output pin
Standby set low
External 10 k
Ω muting switch
Standby pin
Output pin


Similar Part No. - LA4743

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4743A SANYO-LA4743A Datasheet
85Kb / 9P
   45 W Four-Channel (Bridge Circuit) Power Amplifier
More results

Similar Description - LA4743

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4743A SANYO-LA4743A Datasheet
85Kb / 9P
   45 W Four-Channel (Bridge Circuit) Power Amplifier
LA4742 SANYO-LA4742 Datasheet
106Kb / 9P
   45 W Four-Channel Bridge Circuit Power Amplifier
LA47536 SANYO-LA47536 Datasheet
83Kb / 7P
   Four-Channel 45 W BTL Car Audio Power Amplifier
STK401-080 SANYO-STK401-080 Datasheet
256Kb / 9P
   AF Power Amplifier (Split Power Supply) (45 W 45 W min, THD = 0.4%)???
logo
List of Unclassifed Man...
PAL013A ETC-PAL013A Datasheet
148Kb / 2P
   4 x 45 W Quad bridge car radio amplifier
logo
STMicroelectronics
TDA7560A STMICROELECTRONICS-TDA7560A Datasheet
207Kb / 15P
   4 x 45 W quad bridge car radio amplifier
logo
List of Unclassifed Man...
CD7377CZ ETC2-CD7377CZ Datasheet
374Kb / 8P
   7W×4 four-channel audio power amplifier circuit Version
S-2012-04-A
logo
STMicroelectronics
TDA7492PE STMICROELECTRONICS-TDA7492PE Datasheet
740Kb / 24P
   45 W 45 W dual BTL class-D audio amplifier
November 2014 Rev 1
logo
NXP Semiconductors
TDA8595 PHILIPS-TDA8595_15 Datasheet
484Kb / 51P
   I2C-bus controlled 4 ??45 W power amplifier
Rev. 5-11 June 2013
TDA8595 NXP-TDA8595 Datasheet
294Kb / 50P
   I2C-bus controlled 4 쨈 45 W power amplifier
Rev. 02-21 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com