Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMHF2805S Datasheet(PDF) 7 Page - Interpoint Corporation Company

Part # SMHF2805S
Description  Fully qualified to Class H or K -55째C to 125째C operation 16 to 40 VDC input
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMHF2805S Datasheet(HTML) 7 Page - Interpoint Corporation Company

Back Button SMHF2805S Datasheet HTML 3Page - Interpoint Corporation Company SMHF2805S Datasheet HTML 4Page - Interpoint Corporation Company SMHF2805S Datasheet HTML 5Page - Interpoint Corporation Company SMHF2805S Datasheet HTML 6Page - Interpoint Corporation Company SMHF2805S Datasheet HTML 7Page - Interpoint Corporation Company SMHF2805S Datasheet HTML 8Page - Interpoint Corporation Company SMHF2805S Datasheet HTML 9Page - Interpoint Corporation Company SMHF2805S Datasheet HTML 10Page - Interpoint Corporation Company SMHF2805S Datasheet HTML 11Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
notes
1. Guaranteed by design, not tested.
2.Indefinite short circuit protection not guaranteed above 125°C
(case)
3.Recoverytimeismeasuredfromapplicationofthetransient
tothepointatwhichVoutiswithinregulation.
4.Steptransitiontime>10µs.
SIngLEOUTPUTMODELS
SMHF2812S
SMHF2815S
unitS
paraMeter
cOnDitiOnS
MIn TYP MAX MIn TYP MAX
Output VOltage
tc = 25°c
11.8812.0012.12 14.8515.0015.15
VDc
Output current
Vin = 16 tO 40 VDc
1.25 —
1.00
a
Output pOwer
Vin = 16 tO 40 VDc
0
15 0
15
w
Output ripple
10 kHz - 2 MHz
60
150
50
200
60
175
— 100 260
mVp-p
tc = -55°c tO +125°c
line regulatiOn
Vin = 16 tO 40 VDc
5
100 —
5
100
mV
lOaD regulatiOn
nO lOaD tO Full
20
50 —
20
50
mV
input VOltage
nO lOaD tO Full
cOntinuOuS
16
28
40
0
50
16
28
40
0
50
VDc
V
TRAnSIEnT120ms1
input current
nO lOaD
25
55
5
12
25
62
5
12
mA
inHiBiteD
input ripple
current
10 kHz - 10 MHz
tc = -55°c tO +125°c
35
80
120
35
80
120
mAp-p
eFFiciencY
tc = 25°c
76
79
— 78
80
%
lOaD Fault2
SHOrt circuit
pOwer DiSSipatiOn —
3.5
8
7.5
30
3.5
8
7.5
30
w
ms
recOVerY1, 3
Step lOaD
reSpOnSe
50% - 100% - 50%
tranSient4
-700 150 700
— 150 1000
-800 200 800
— 600 1200
mVpk
µs
recOVerY3
Step line
reSpOnSe1
16 - 40 -16 VDc
tranSient4
-800 550 800
0.8
1.2
-800 550 800
0.8
1.2
mVpk
ms
recOVerY3
Start-up
0 tO 28 VDc
DelaY
10
25
— 200 1200
10
25
— 200 1500
ms
mVpk
OVerSHOOt1, 4
capacitiVe lOaD
tc = 25°c
100 —
100
µF
ElectricalCharacteristics:25°CTc,28VDCVin,100%load,radiationlevelO,unlessotherwisespecified.
Crane Aerospace & Electronics Power Solutions
smHF single and dual dc/dc converters
Page7of15
RevD-20070404
28 Volt input – 15 Watt
www.craneae.com


Similar Part No. - SMHF2805S

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
SMHF2805S INTERPOINT-SMHF2805S Datasheet
213Kb / 12P
   DC/DC CONVERTERS 28 VOLT INPUT
SMHF2805S/HO INTERPOINT-SMHF2805S/HO Datasheet
213Kb / 12P
   DC/DC CONVERTERS 28 VOLT INPUT
SMHF2805S/KR INTERPOINT-SMHF2805S/KR Datasheet
511Kb / 15P
   SMHF Single and Dual DC-DC Converters
SMHF2805SE/HO INTERPOINT-SMHF2805SE/HO Datasheet
213Kb / 12P
   DC/DC CONVERTERS 28 VOLT INPUT
SMHF2805SE/HR INTERPOINT-SMHF2805SE/HR Datasheet
213Kb / 12P
   DC/DC CONVERTERS 28 VOLT INPUT
More results

Similar Description - SMHF2805S

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
SMFL283R3S INTERPOINT-SMFL283R3S_10 Datasheet
787Kb / 15P
   Operating temperature -55째 to 125째C Qualified to MIL-PRF-38534 Class H and K
SFMC28-461 INTERPOINT-SFMC28-461 Datasheet
833Kb / 11P
   Operating temperature -55째 to 125째C Qualified to MIL-PRF-38534 Class H and K
logo
Microsemi Corporation
JANTX1N6761UR-1 MICROSEMI-JANTX1N6761UR-1 Datasheet
45Kb / 2P
   Operating Temperature: -55째C to 125째C, Storage Temperature: -55째C to 150째C
logo
Interpoint Corporation ...
MFL283R3S INTERPOINT-MFL283R3S_10 Datasheet
645Kb / 13P
   Parallel operation with current share, 16 to 40 VDC input
logo
Dielectric Laboratories...
B148QF0S DILABS-B148QF0S Datasheet
370Kb / 3P
   Frequency Stable over Temperature -55째C to 125째C
logo
Interpoint Corporation ...
MHV283R3S INTERPOINT-MHV283R3S_10 Datasheet
1Mb / 19P
   Operating temperature -55째 to 125째C Input voltage range 16 to 50 VDC
logo
Amphenol Corporation
AT06-12SA AMPHENOL-AT06-12SA Datasheet
809Kb / 2P
   CURRENT RATING: 13 AMPS OPERATING TEMPERATURE: -55째C TO 125째C
logo
MicroPower Direct, LLC
MDCFM-40U MPD-MDCFM-40U Datasheet
842Kb / 4P
   40 to 110 VDC Input
MDCFM-01A MPD-MDCFM-01A Datasheet
493Kb / 2P
   0 to 40 VDC Input
logo
MMD Components
IM830B MMD-IM830B Datasheet
734Kb / 9P
   MEMS Oscillator, -55째C to 125째C, LVCMOS/HCMOS Compatible, 1.000 MHz to 110.000MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com