Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMFLHP2812D Datasheet(PDF) 9 Page - Interpoint Corporation Company

Part # SMFLHP2812D
Description  Parallel operation with current share, up to 3 units (228 watts)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMFLHP2812D Datasheet(HTML) 9 Page - Interpoint Corporation Company

Back Button SMFLHP2812D Datasheet HTML 5Page - Interpoint Corporation Company SMFLHP2812D Datasheet HTML 6Page - Interpoint Corporation Company SMFLHP2812D Datasheet HTML 7Page - Interpoint Corporation Company SMFLHP2812D Datasheet HTML 8Page - Interpoint Corporation Company SMFLHP2812D Datasheet HTML 9Page - Interpoint Corporation Company SMFLHP2812D Datasheet HTML 10Page - Interpoint Corporation Company SMFLHP2812D Datasheet HTML 11Page - Interpoint Corporation Company SMFLHP2812D Datasheet HTML 12Page - Interpoint Corporation Company SMFLHP2812D Datasheet HTML 13Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Figure 13
Figure 15
VIN
–Vout
+Vout
1ms/div
No Load
SMFLHP2815D Turn On Response
30 40 50 60 70 80
16
18
17
90
19
Output Power (Watts)
Low Line Dropout
100
SMFLHP2805S & 5D
SMFLHP2815S
& 15D
SMFLHP2812S & 12D
0
30
40
50
60
– 8
– 6
– 4
– 2
2
4
6
8
SMFLHP2812D
SMFLHP2805D
70
SMFLHP2815D
Output Load (%)
+Pout 70 to 30 %, –Pout 30 to 70%
Cross Regulation
Figure 14
Typical Performance Curves: 25°C Tc , 28 VDC Vin, 100% load, free run, unless otherwise specified.
Figure 16
Vin Rise-time (µs)
10
600
700
400
500
200
300
0
100
1000
10000
100
-55°C
125°C
100°C
25°C
SMFLHP2815D Line Transient Response
vs. Vin Rise-time
Crane Aerospace & Electronics Power Solutions
www.craneae.com
Page 9 of 13
Rev H - 20071221
smFlHp single and dual dc/dc converters
28 Volt input – 100 Watt


Similar Part No. - SMFLHP2812D

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
SMFLHP2812D INTERPOINT-SMFLHP2812D Datasheet
313Kb / 15P
   SMFLHP Single and Dual DC-DC Converters
SMFLHP2812D/KR INTERPOINT-SMFLHP2812D/KR Datasheet
258Kb / 6P
   DC/DC CONVERTERS 28 VOLT INPUT
More results

Similar Description - SMFLHP2812D

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MOR283R3S INTERPOINT-MOR283R3S_10 Datasheet
2Mb / 24P
   Parallel operation with current share, up to 5 units (540 watts)
MHP270 INTERPOINT-MHP270_10 Datasheet
493Kb / 10P
   Parallel operation with current share, up to 5 units (up to 276 watts) Sync In and Sync Out
MFL283R3S INTERPOINT-MFL283R3S_10 Datasheet
645Kb / 13P
   Parallel operation with current share, 16 to 40 VDC input
logo
Bel Fuse Inc.
PET1300-12-0540A BEL-PET1300-12-0540A Datasheet
1Mb / 22P
   Parallel operation with active current sharing
logo
Analog Devices
ADM1041A AD-ADM1041A Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
logo
Pasternack Enterprises,...
PE6228 PASTERNACK-PE6228 Datasheet
203Kb / 3P
   Medium Power 25 Watts RF Load Up To 3 GHz With
logo
Zilog, Inc.
Z8F2480 ZILOG-Z8F2480 Datasheet
558Kb / 24P
   Load current up to 3 amps
logo
Wall Industries,Inc.
DCBOB3 WALL-DCBOB3 Datasheet
391Kb / 4P
   Up to 3 Watts, DC/DC Power Converters
logo
Analog Devices
ADM1041 AD-ADM1041 Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
logo
Emerson Network Power
IMP1-3L0-2E2-1Q1-4LL000-A EMERSON-NETWORKPOWER-IMP1-3L0-2E2-1Q1-4LL000-A Datasheet
3Mb / 9P
   Up to 1500 Watts
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com