Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD115436B Datasheet(PDF) 2 Page - Sensitron

Part # SHD115436B
Description  HERMETIC SCHOTTKY RECTIFIER Low Forward Voltage Drop
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD115436B Datasheet(HTML) 2 Page - Sensitron

  SHD115436B Datasheet HTML 1Page - Sensitron SHD115436B Datasheet HTML 2Page - Sensitron SHD115436B Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web - http://www.sensitron.com • E-Mail - sales@sensitron.com •
SENSITRON
TECHNICAL DATA
DATA SHEET 4540, REV. B
MECHANICAL DIMENSIONS: In Inches / mm
Note: The Vf curves shown are for the unpackaged die only.
SHD115436
SHD115436B
SHD-2
SHD-2B
.075 (1.91) Max
.315±.010
(8.00±.254)
Moly Lid
Moly Base
.315±.010
(8.00±.254)
Alumina Ring
.090 (2.29) Max
Alumina Ring
Moly Base
(Cathode)
.060±.010
(1.52±.254)
.015±.002
(.381±.051)
.020±.005 R
(.508±.127 )
.315±.010
(8.00±.254)
.150±.010
(3.81±.254)
.465±.020
(11.8±.508)
.315±.010
(8.00±.254)
.015±.005
(.381±.127)
Copper Anode
0.0
0.2
0.4
0.6
0.8
1.0
Forward Voltage Drop - V
F (V)
10
-2
10
-1
10
0
10
1
Typical Forward Characteristics
125 °C
200 °C
175 °C
25 °C
0
40
80
120
160
200
240
Reverse Voltage - V
R (V)
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
Typical Reverse Characteristics
25 °C
50 °C
75 °C
100 °C
125 °C
150 °C
200 °C
175 °C
0
40
80
120
160
200
240
Reverse Voltage - V
R (V)
0
150
300
450
600
Typical Junction Capacitance


Similar Part No. - SHD115436B

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD115436B SENSITRON-SHD115436B Datasheet
149Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Low Forward Voltage Drop
More results

Similar Description - SHD115436B

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD115244 SENSITRON-SHD115244 Datasheet
147Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD120036 SENSITRON-SHD120036 Datasheet
96Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD120244 SENSITRON-SHD120244 Datasheet
94Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD120036 SENSITRON-SHD120036_08 Datasheet
62Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD115536 SENSITRON-SHD115536_08 Datasheet
52Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD118536 SENSITRON-SHD118536_08 Datasheet
58Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD120444 SENSITRON-SHD120444 Datasheet
65Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD115144 SENSITRON-SHD115144 Datasheet
147Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD115236 SENSITRON-SHD115236 Datasheet
149Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD118134 SENSITRON-SHD118134 Datasheet
94Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD118436 SENSITRON-SHD118436 Datasheet
94Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Low Forward Voltage Drop
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com