Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA4725 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LA4725
Description  2-Channel BTL Power Amplifier 30 W30 W with Standby Switch for Car Stereos
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4725 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LA4725 Datasheet HTML 1Page - Sanyo Semicon Device LA4725 Datasheet HTML 2Page - Sanyo Semicon Device LA4725 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LA4725
No.5715-3/3
1
2
4
3
11
+
+
+
IN
Predriver
Power
13
+
12
Predriver
Power
C6
C5
VCC
2200
µF
0.1
µF
C7 0.1
µF
R2
2.2
R3
2.2
OUT1
OUT1
RL
4
Load short
protector
(Polyester film
capacitor)
Overvoltage/
surge protector
Output pin-to-GND
short protector
Output pin-to-VCC
short protector
Thermal
shutdown
Standby
SW
BIAS
circuit
Ripple
filter
Pop noise
prevention
circuit
VCC
6
5
8
+
IN
Predriver
Power
9
+
10
Predriver
Power
C8 0.1
µF
C9 0.1
µF
R4
2.2
R5
2.2
OUT2
OUT2
RL
4
**
**
**
**
**
Load short
protector
Power
GND2
Output pin-to-GND
short protector
Output pin-to-VCC
short protector
+
7
14
C1
2.2
µF/6V
IN2
C4
2.2
µF/6V
R1
10k
ON
OFF
+5V
33
µF/6V
0.47
µF/6V
C3
C10
100
µF/16V
A07429
No products described or contained herein are intended for use in surgical implants, life-support systems,
aerospace equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and
the like, the failure of which may directly or indirectly cause injury, death or property lose.
Anyone purchasing any products described or contained herein for an above-mentioned use shall:
Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates,
subsidiaries and distributors and all their officers and employees, jointly and severally, against any
and all claims and litigation and all damages, cost and expenses associated with such use:
Not impose any responsibilty for any fault or negligence which may be cited in any such claim or
litigation on SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of
their officers and employees jointly or severally.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guarant-
eed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees
are made or implied regarding its use or any infringements of intellectual property rights or other rights of
third parties.
This catalog provides information as of March, 1997. Specifications and information herein are subject to
change without notice.
Block Diagram and Sample Application Circuit


Similar Part No. - LA4725

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4725 SANYO-LA4725 Datasheet
129Kb / 8P
   2-channel 30W BTL Audio Power Amplifier
logo
ON Semiconductor
LA4725 ONSEMI-LA4725 Datasheet
156Kb / 8P
   2-channel 30W BTL Audio Amplifier
May, 2013
logo
Sanyo Semicon Device
LA4725 SANYO-LA4725_09 Datasheet
129Kb / 8P
   2-channel 30W BTL Audio Power Amplifier
More results

Similar Description - LA4725

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4728 SANYO-LA4728 Datasheet
44Kb / 3P
   2-Channel BTL Power Amplifier 35 W35 W with Standby Switch for Car Stereos
LA4708 SANYO-LA4708 Datasheet
204Kb / 9P
   20 W 2-channel BTL AF Power Amplifier for Car Stereos
LA4705 SANYO-LA4705 Datasheet
258Kb / 8P
   15 W 2-channel BTL AF Power Amplifier for Car Stereos
logo
STMicroelectronics
TDA7265B STMICROELECTRONICS-TDA7265B Datasheet
814Kb / 18P
   30 W 30 W stereo amplifier with mute and standby
logo
Panasonic Semiconductor
AN7164 PANASONIC-AN7164 Datasheet
39Kb / 3P
   30 W BTL audio power amplifier
logo
Sanyo Semicon Device
LA4741 SANYO-LA4741 Datasheet
110Kb / 3P
   42W 4-Channel BTL Power Amplifier for Car Stereos
logo
NXP Semiconductors
TDA1516CQ PHILIPS-TDA1516CQ Datasheet
68Kb / 10P
   24 W BTL car radio power amplifier
July 1994
logo
Sanyo Semicon Device
LA47536 SANYO-LA47536 Datasheet
83Kb / 7P
   Four-Channel 45 W BTL Car Audio Power Amplifier
LA4708N SANYO-LA4708N Datasheet
203Kb / 9P
   Monolithic Linear IC For Car Stereos 20W 2-channel BTL AF Power Amplifier
logo
NXP Semiconductors
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
   12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com