Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHB645052E Datasheet(PDF) 2 Page - Sensitron

Part # SHB645052E
Description  HERMETIC QUAD SILICON CARBIDE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHB645052E Datasheet(HTML) 2 Page - Sensitron

  SHB645052E_09 Datasheet HTML 1Page - Sensitron SHB645052E_09 Datasheet HTML 2Page - Sensitron SHB645052E_09 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web - http://www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
Technical Data
Datasheet 4287 REV. A
ELECTRICAL CHARACTERISTICS
CHARACTERISTIC
TYP
MAX.
UNITS
MAXIMUM FORWARD VOLTAGE DROP (If = 5 A PER LEG) Vf TJ=25 °C
TJ=150 °C
1.65
2.55
1.80
3.00
Volts
MAXIMUM REVERSE CURRENT (1200V PIV PER LEG) Ir
TJ = 25 °C
TJ = 150 °C
0.05
0.10
0.20
1.00
mA
MAXIMUM JUNCTION CAPACITANCE (Vr =5V) per leg
CT
450
pF
TOTAL CAPACITANCE CHARGE (VR=1200V, IF=5A, di/dt=500A/μs and
TJ=25°C) QC per leg
28
N/A
nC
Note: The following curves are for individual legs of the bridge.
Application Note: Customers should be aware that at the current stage of technical development of SiC, the reverse avalanche
capabilities of the device are limited.
Customer designs will need to accommodate these limitations and avoid exposure of the device to this and other potentially
damaging conditions in their applications.
SHB645052E


Similar Part No. - SHB645052E_09

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHB645052E SENSITRON-SHB645052E Datasheet
169Kb / 3P
   HERMETIC QUAD SILICON CARBIDE RECTIFIER
More results

Similar Description - SHB645052E_09

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHB645052E SENSITRON-SHB645052E Datasheet
169Kb / 3P
   HERMETIC QUAD SILICON CARBIDE RECTIFIER
SHD620052 SENSITRON-SHD620052 Datasheet
166Kb / 2P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD674112 SENSITRON-SHD674112 Datasheet
240Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD676052 SENSITRON-SHD676052 Datasheet
52Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD620112 SENSITRON-SHD620112 Datasheet
244Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD626031 SENSITRON-SHD626031 Datasheet
184Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD675052 SENSITRON-SHD675052 Datasheet
291Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHDC626112 SENSITRON-SHDC626112 Datasheet
382Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHDC624122 SENSITRON-SHDC624122_09 Datasheet
66Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD626051 SENSITRON-SHD626051 Datasheet
464Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com