Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD060SB100B Datasheet(PDF) 1 Page - Sensitron

Part # SD060SB100B
Description  SILICON SCHOTTKY RECTIFIER DIE Low Forward Voltage Drop (175 혮C TJ Operation)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SD060SB100B Datasheet(HTML) 1 Page - Sensitron

  SD060SB100B Datasheet HTML 1Page - Sensitron SD060SB100B Datasheet HTML 2Page - Sensitron SD060SB100B Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SENSITRON
SEMICONDUCTOR
œ 221 West Industry Court 3 Deer Park, NY 11729-4681 3 (631) 586-7600 FAX (631) 242-9798 œ
œ World Wide Web Site - http://www.sensitron.com œ E-Mail Address - sales@sensitron.com œ
SD060SB100A/B
Technical Data
Data Sheet 4960, Rev.-
SILICON SCHOTTKY RECTIFIER DIE
Low Forward Voltage Drop (175
•C T
J Operation)
Applications:
œ Switching Power Supply œ Converters œ Free-Wheeling Diodes œ Polarity Protection Diode
Features:
œ Soft Reverse Recovery at Low and High Temperature
œ Low Forward Voltage Drop
œ Low Power Loss, High Efficiency
œ High Surge Capacity
œ Guard Ring for Enhanced Durability and Long Term Reliability
œ Guaranteed Reverse Avalanche Characteristics
œ Electrically / Mechanically Stable during and after Packaging
Maximum Ratings(1):
Characteristics
Symbol
Condition
Max.
Units
Peak Inverse Voltage
VRWM
-
100
V
Max. Average Forward
Current
IF(AV)
50% duty cycle, rectangular
wave form
3
A
Max. Peak One Cycle Non-
Repetitive Surge Current
IFSM
8.3 ms, half Sine wave (1)
55
A
Non-Repetitive Avalanche
Energy
EAS
TJ = 25
•C, I
AS = 1.3 A,
L = 10 mH
5.6
mJ
Repetitive Avalanche Current
IAR
IAS decay linearly to 0 in 1
ms
‹ limited by T
J max VA=1.5VR
1.3
A
Max. Junction Temperature
TJ
-
-65 to +175
•C
Max. Storage Temperature
Tstg
-
-65 to +175
•C
Electrical Characteristics(1):
Characteristics
Symbol
Condition
Max.
Units
Max. Forward Voltage Drop
VF1
@ 3A, Pulse, TJ = 25
•C
0.84
V
VF2
@ 3A, Pulse, TJ = 125
•C
0.68
V
Max. Reverse Current
IR1
@VR = 100V, Pulse,
TJ = 25
•C
0.07
mA
IR2
@VR = 100V, Pulse,
TJ = 125
•C
1.6
mA
Max. Junction Capacitance
CT
@VR = 5V, TC = 25
•C
fSIG = 1MHz,
VSIG = 50mV (p-p)
100
pF
(1) in SHD package


Similar Part No. - SD060SB100B

ManufacturerPart #DatasheetDescription
logo
Sensitron
SD060SA30A SENSITRON-SD060SA30A Datasheet
54Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD060SA30B SENSITRON-SD060SA30B Datasheet
54Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD060SA45A SENSITRON-SD060SA45A Datasheet
62Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 C TJ Operation)
SD060SA45B SENSITRON-SD060SA45B Datasheet
62Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 C TJ Operation)
SD060SA60A SENSITRON-SD060SA60A Datasheet
62Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 C TJ Operation)
More results

Similar Description - SD060SB100B

ManufacturerPart #DatasheetDescription
logo
Sensitron
SD090SB100A SENSITRON-SD090SB100A Datasheet
148Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Low Forward Voltage Drop (175??TJ Operation)
SD090SC150A SENSITRON-SD090SC150A Datasheet
155Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Low Forward Voltage Drop (200 ??TJ Operation)
SD060SC150A SENSITRON-SD060SC150A Datasheet
153Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Low Forward Voltage Drop (200 C TJ Operation)
SD200SA60A SENSITRON-SD200SA60A Datasheet
54Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 째C TJ Operation)
SD125SA60A SENSITRON-SD125SA60A Datasheet
188Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 째C TJ Operation)
SD060SA45A SENSITRON-SD060SA45A Datasheet
62Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 C TJ Operation)
SD040SA45A SENSITRON-SD040SA45A Datasheet
62Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 C TJ Operation)
SD090SA60A SENSITRON-SD090SA60A Datasheet
63Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 째C TJ Operation)
SD060SA60A SENSITRON-SD060SA60A Datasheet
62Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 C TJ Operation)
SD040SA60A SENSITRON-SD040SA60A Datasheet
62Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 째C TJ Operation)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com