Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STB80PF55 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STB80PF55
Description  P-channel 55 V, 0.016 廓, 80 A TO-220, D2PAK STripFETTM II Power MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB80PF55 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STB80PF55 Datasheet HTML 2Page - STMicroelectronics STB80PF55 Datasheet HTML 3Page - STMicroelectronics STB80PF55 Datasheet HTML 4Page - STMicroelectronics STB80PF55 Datasheet HTML 5Page - STMicroelectronics STB80PF55 Datasheet HTML 6Page - STMicroelectronics STB80PF55 Datasheet HTML 7Page - STMicroelectronics STB80PF55 Datasheet HTML 8Page - STMicroelectronics STB80PF55 Datasheet HTML 9Page - STMicroelectronics STB80PF55 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Electrical characteristics
STB80PF55, STP80PF55
6/16
Doc ID 8177 Rev 6
2.1
Electrical characteristics (curves)
Figure 2.
Safe operating area for TO-220 and
D2PAK
Figure 3.
Thermal impedance for TO-220 and
D2PAK
Figure 4.
Output characterisics
Figure 5.
Transfer characteristics
Figure 6.
Transconductance
Figure 7.
Static drain-source on resistance


Similar Part No. - STB80PF55

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB80PF55 STMICROELECTRONICS-STB80PF55 Datasheet
175Kb / 7P
   P-CHANNEL 55V - 0.016 ohm - 80A D2PAK STripFET??II POWER MOSFET
STB80PF55 STMICROELECTRONICS-STB80PF55 Datasheet
251Kb / 13P
   P-channel 55V - 0.016廓 - 80A - TO-220 - D2PAK STripFET??II Power MOSFET
STB80PF55T4 STMICROELECTRONICS-STB80PF55T4 Datasheet
348Kb / 16P
   P-channel 55 V, 0.016 廓, 80 A TO-220, D2PAK STripFETTM II Power MOSFET
STB80PF55 STMICROELECTRONICS-STB80PF55_06 Datasheet
251Kb / 13P
   P-channel 55V - 0.016廓 - 80A - TO-220 - D2PAK STripFET??II Power MOSFET
More results

Similar Description - STB80PF55

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB80PF55T4 STMICROELECTRONICS-STB80PF55T4 Datasheet
348Kb / 16P
   P-channel 55 V, 0.016 廓, 80 A TO-220, D2PAK STripFETTM II Power MOSFET
STB85NF55L STMICROELECTRONICS-STB85NF55L_09 Datasheet
937Kb / 14P
   N-channel 55 V, 0.0060 廓, 80 A, TO-220, D2PAK STripFET??II Power MOSFET
STB80PF55 STMICROELECTRONICS-STB80PF55_06 Datasheet
251Kb / 13P
   P-channel 55V - 0.016廓 - 80A - TO-220 - D2PAK STripFET??II Power MOSFET
STB85NF55 STMICROELECTRONICS-STB85NF55_09 Datasheet
951Kb / 15P
   N-channel 55 V, 0.0062 廓, 80 A, TO-220, D2PAK, I2PAK STripFET??II Power MOSFET
STB45NF06 STMICROELECTRONICS-STB45NF06_10 Datasheet
362Kb / 15P
   N-channel 60 V, 0.023 廓, 38 A TO-220, D2PAK STripFETTM II Power MOSFET
STB45NF06T4 STMICROELECTRONICS-STB45NF06T4 Datasheet
362Kb / 15P
   N-channel 60 V, 0.023 廓, 38 A TO-220, D2PAK STripFETTM II Power MOSFET
STB80NF55-08T4 STMICROELECTRONICS-STB80NF55-08T4 Datasheet
368Kb / 15P
   N-channel 55 V, 0.0065 廓, 80 A, TO-220, D2PAK, TO-247 STripFET??Power MOSFET
STB80NF55-08 STMICROELECTRONICS-STB80NF55-08_08 Datasheet
358Kb / 15P
   N-channel 55 V - 0.0065 廓 - 80 A - TO-220 - D2PAK - TO-247 STripFET??Power MOSFET
STB76NF80 STMICROELECTRONICS-STB76NF80 Datasheet
673Kb / 13P
   N-channel 80 V, 0.0095 廓, 80 A D2PAK STripFET??II Power MOSFET
STB80NF10 STMICROELECTRONICS-STB80NF10_09 Datasheet
585Kb / 14P
   N-channel 100 V, 0.012 廓, 80 A, TO-220, D2PAK low gate charge STripFET??II Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com