Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLZ12 Datasheet(PDF) 2 Page - Sensitron

Part # DLZ12
Description  Transient Voltage Suppressor / Data Line Transient Suppressor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

DLZ12 Datasheet(HTML) 2 Page - Sensitron

  DLZ12 Datasheet HTML 1Page - Sensitron DLZ12 Datasheet HTML 2Page - Sensitron DLZ12 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
©2000 Sensitron Semiconductor
• 221 West Industry Court
Deer Park, NY 11729
(631) 586 7600, FAX (631) 242 9798
• www.sensitron.com • sales@sensitron.com •
DLZ5 thru DLZ30
DLZ5A thru DLZ30A
DLZ8C thru DLZ30C
DLZ8CA thru DLZ30CA
SENSITRON
TECHNICAL DATA
DATA SHEET 563, REV. E
Part Number
Reverse
Stand-Off
Voltage
VWM
Volts
Minimum
Breakdown
Voltage
@ 1 mA
V(BR)
Volts
Maximum
Clamping
Voltage
@ IPP1 = 1A
(8x20
μs)
Vc1
Volts
Maximum Clamping
Voltage
@ IPP2 = 10A
(8x20
μs)
Vc2
Volts
Maximum
Reverse
Leakage
@ VWM
ID
μA
Maximum
Capacitance
@ 0V, 1MHz
C
pF
Maximum
Voltage
Temperature
Variation of
V(BR)
mV/C
Unidirectional
DLZ5
DLZ5A
DLZ12
DLZ12A
DLZ17
DLZ17A
DLZ24
DLZ24A
DLZ30
DLZ30A
5.0
5.0
12
12
17
17
24
24
30
30
6.0
6.0
13.3
13.3
19.2
19.2
26.7
26.7
33.3
33.3
10.2
9.5
21.1
19.1
30.4
27.5
42.3
38.3
52.8
47.8
12.5
10.6
26.0
23.5
37.4
33.9
52.1
47.2
65.0
58.8
200
200
2
2
2
2
2
2
2
2
880
880
440
440
330
330
275
275
220
220
5
5
18
18
20
20
31
31
39
39
Bidirectional
DLZ8C
DLZ8CA
DLZ13C
DLZ13CA
DLZ19C
DLZ19CA
DLZ30C
DLZ30CA
8.0
8.0
13
13
19
19
30
30
8.5
8.5
14.4
14.4
21.6
21.6
33.3
33.3
13.4
12.2
22.8
20.6
34.2
31.0
52.8
47.8
16.6
15.0
28.1
25.4
42.1
38.1
65.0
58.8
30
30
4
4
4
4
4
4
440
440
385
385
275
275
165
165
9
9
18
18
24
24
39
39
TYPICAL UNIDIRECTIONAL SCHEMATIC
TYPICAL BIDIRECTIONAL SCHEMATIC


Similar Part No. - DLZ12

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ12 SENSITRON-DLZ12 Datasheet
69Kb / 4P
   Transient Voltage Suppressor
DLZ12A SENSITRON-DLZ12A Datasheet
69Kb / 4P
   Transient Voltage Suppressor
logo
Micro Commercial Compon...
DLZ12A MCC-DLZ12A Datasheet
224Kb / 4P
   500 mW Zener Diode 3.46 to 38.52 Volts
DLZ12B MCC-DLZ12B Datasheet
397Kb / 2P
   500 mW Zener Diode 3.725 to 36.275 Volts
DLZ12B MCC-DLZ12B Datasheet
224Kb / 4P
   500 mW Zener Diode 3.46 to 38.52 Volts
More results

Similar Description - DLZ12

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
DLTS-5 MICROSEMI-DLTS-5 Datasheet
76Kb / 2P
   DATA LINE TRANSIENT SUPPRESSOR
DLTS-5 MICROSEMI-DLTS-5_09 Datasheet
95Kb / 3P
   DATA LINE TRANSIENT SUPPRESSOR
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com