Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM6L13TU Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # SSM6L13TU
Description  TOSHIBA Field-Effect Transistor Silicon P / N Channel MOS Type
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM6L13TU Datasheet(HTML) 2 Page - Toshiba Semiconductor

  SSM6L13TU_10 Datasheet HTML 1Page - Toshiba Semiconductor SSM6L13TU_10 Datasheet HTML 2Page - Toshiba Semiconductor SSM6L13TU_10 Datasheet HTML 3Page - Toshiba Semiconductor SSM6L13TU_10 Datasheet HTML 4Page - Toshiba Semiconductor SSM6L13TU_10 Datasheet HTML 5Page - Toshiba Semiconductor SSM6L13TU_10 Datasheet HTML 6Page - Toshiba Semiconductor SSM6L13TU_10 Datasheet HTML 7Page - Toshiba Semiconductor SSM6L13TU_10 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SSM6L13TU
2010-07-10
2
Q1 Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Conditions
Min
Typ.
Max
Unit
V (BR) DSS
ID = 1 mA, VGS = 0
20
Drain-source breakdown voltage
V (BR) DSX
ID = 1 mA, VGS = − 12 V
10
V
Drain cutoff current
IDSS
VDS = 20 V, VGS = 0
1
μA
Gate leakage current
IGSS
VGS = ± 12 V, VDS = 0
± 1
μA
Gate threshold voltage
Vth
VDS = 3 V, ID = 1 mA
0.4
1.0
V
Forward transfer admittance
⏐Yfs
VDS = 3 V, ID = 0.6 A
(Note 2)
2.3
3.75
S
ID = 0.6 A, VGS = 4.0 V
(Note 2)
116
143
ID = 0.4 A, VGS = 2.5 V
(Note 2)
134
178
Drain-source ON-resistance
RDS (ON)
ID = 0.2 A, VGS = 1.8 V
(Note 2)
160
235
m
Ω
Input capacitance
Ciss
VDS = 10 V, VGS = 0, f = 1 MHz
268
pF
Output capacitance
Coss
VDS = 10 V, VGS = 0, f = 1 MHz
44
pF
Reverse transfer capacitance
Crss
VDS = 10 V, VGS = 0, f = 1 MHz
34
pF
Turn-on time
ton
9
Switching time
Turn-off time
toff
VDD = 10 V, ID = 0.25 A,
VGS = 0 to 2.5 V, RG = 4.7 Ω
16
ns
Drain-source forward voltage
VDSF
ID = − 0.8 A, VGS = 0 V
(Note 2)
− 0.8
1.15
V
Note 2 : Pulse test
Q2 Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Conditions
Min
Typ.
Max
Unit
V (BR) DSS
ID = − 1 mA, VGS = 0
− 20
Drain-source breakdown voltage
V (BR) DSX
ID = − 1 mA, VGS = + 8 V
− 12
V
Drain cutoff current
IDSS
VDS = − 20 V, VGS = 0
− 10
μA
Gate leakage current
IGSS
VGS = ± 8 V, VDS = 0
± 1
μA
Gate threshold voltage
Vth
VDS = − 3 V, ID = − 1 mA
− 0.3
− 1.0
V
Forward transfer admittance
⏐Yfs
VDS = − 3 V, ID = − 0.6 A
(Note 2)
1.5
2.5
S
ID = − 0.6 A, VGS = − 4.0 V
(Note 2)
175
234
ID = − 0.4 A, VGS = − 2.5 V
(Note 2)
230
306
Drain-source ON-resistance
RDS (ON)
ID = − 0.1 A, VGS = − 1.8 V
(Note 2)
300
460
m
Ω
Input capacitance
Ciss
VDS = − 10 V, VGS = 0, f = 1 MHz
250
pF
Output capacitance
Coss
VDS = − 10 V, VGS = 0, f = 1 MHz
45
pF
Reverse transfer capacitance
Crss
VDS = − 10 V, VGS = 0, f = 1 MHz
35
pF
Turn-on time
ton
12
Switching time
Turn-off time
toff
VDD = − 10 V, ID = − 0.25 A,
VGS = 0 to − 2.5 V, RG = 4.7 Ω
18
ns
Drain-source forward voltage
VDSF
ID = 0.8 A, VGS = 0 V
(Note 2)
0.85
1.2
V
Note 2: Pulse test


Similar Part No. - SSM6L13TU_10

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6L13TU TOSHIBA-SSM6L13TU Datasheet
186Kb / 8P
   Power Management Switch Applications
SSM6L13TU TOSHIBA-SSM6L13TU Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - SSM6L13TU_10

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6L09FU TOSHIBA-SSM6L09FU Datasheet
203Kb / 8P
   TOSHIBA Field Effect Transistor Silicon N/P Channel MOS Type
SSM6L05FU TOSHIBA-SSM6L05FU Datasheet
205Kb / 8P
   TOSHIBA Field Effect Transistor Silicon N/P Channel MOS Type
SSM3J02F TOSHIBA-SSM3J02F Datasheet
164Kb / 5P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM3J35MFV TOSHIBA-SSM3J35MFV Datasheet
256Kb / 5P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type
SSM6P49NU TOSHIBA-SSM6P49NU Datasheet
192Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM3J02T TOSHIBA-SSM3J02T Datasheet
147Kb / 5P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM3J01T TOSHIBA-SSM3J01T Datasheet
169Kb / 5P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM5P05FU TOSHIBA-SSM5P05FU Datasheet
144Kb / 5P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
SSM6J401TU TOSHIBA-SSM6J401TU Datasheet
224Kb / 6P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type
SSM3J117TU TOSHIBA-SSM3J117TU_V01 Datasheet
395Kb / 5P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type
2015/01/20
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com