Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHFL4913ESY502 Datasheet(PDF) 7 Page - STMicroelectronics

Part # RHFL4913ESY502
Description  Rad-hard positive fixed voltage regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913ESY502 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button RHFL4913ESY502 Datasheet HTML 3Page - STMicroelectronics RHFL4913ESY502 Datasheet HTML 4Page - STMicroelectronics RHFL4913ESY502 Datasheet HTML 5Page - STMicroelectronics RHFL4913ESY502 Datasheet HTML 6Page - STMicroelectronics RHFL4913ESY502 Datasheet HTML 7Page - STMicroelectronics RHFL4913ESY502 Datasheet HTML 8Page - STMicroelectronics RHFL4913ESY502 Datasheet HTML 9Page - STMicroelectronics RHFL4913ESY502 Datasheet HTML 10Page - STMicroelectronics RHFL4913ESY502 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
RHFL4913XX25, RHFL4913XX33, RHFL4913XX50
Electrical characteristics
Doc ID 10004 Rev 11
7/19
Vd
Dropout voltage
IO = 400mA, TJ = -55°C
300
400
mV
IO = 400mA, TJ = +25°C
350
450
IO = 400mA, TJ = +125°C
450
550
IO = 1A, TJ = -55°C
550
IO = 1A, TJ = +25°C
650
IO = 1A, TJ = +125°C
800
IO = 2A, TJ = +25°C
750
IO = 2A, TJ = +125°C
950
VINH(ON) Inhibit voltage
IO = 5mA, TJ= -55 to 125°C
0.8
V
VINH(OFF) Inhibit voltage
IO = 5mA, TJ= -55 to 125°C
2.4
V
SVR
Supply voltage rejection
(1)
VI = VO+2.5V ± 1V, IO = 5mA
f = 120Hz
60
70
dB
f = 33kHz
30
40
ISH
Shutdown input current
VINH = 5 V
15
µA
VOCM
OCM pin voltage
Sinked IOCM = 24 mA active low
0.38
V
tPLH
tPHL
Inhibit propagation delay
(1)
VI = VO+2.5V, VINH = 2.4 V, IO = 400 mA
on-off
20
µs
off-on
100
µs
eN
Output noise voltage (1)
B= 10Hz to 100kHz, IO = 5mA to 2A
40
µVrms
1.
This value is guaranteed by design. For each application it’s strongly recommended to comply with the maximum current
limit of the package used.
Table 4.
Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Figure 4.
Application diagram for remote sensing operation


Similar Part No. - RHFL4913ESY502

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFL4913ESY502 STMICROELECTRONICS-RHFL4913ESY502 Datasheet
1Mb / 20P
   Rad-hard positive fixed voltage regulator
Rev 15 - February 2021
More results

Similar Description - RHFL4913ESY502

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFL4913XX15 STMICROELECTRONICS-RHFL4913XX15 Datasheet
266Kb / 19P
   Rad-hard positive fixed voltage regulator
RHFL4913XX25 STMICROELECTRONICS-RHFL4913XX25_V01 Datasheet
1Mb / 20P
   Rad-hard positive fixed voltage regulator
Rev 15 - February 2021
RHFL4913XX15 STMICROELECTRONICS-RHFL4913XX15_V01 Datasheet
1Mb / 32P
   1.5 V rad-hard positive fixed voltage regulator
Rev 1 December 2015
RHFL4913 STMICROELECTRONICS-RHFL4913 Datasheet
185Kb / 11P
   RAD-HARD POSITIVE FIXED VOLTAGE REGULATORS
RHFL4913 STMICROELECTRONICS-RHFL4913_07 Datasheet
418Kb / 16P
   Rad-Hard Adjustable positive voltage regulator
RHFL4913A STMICROELECTRONICS-RHFL4913A_12 Datasheet
302Kb / 20P
   Rad-hard adjustable positive voltage regulator
RHFL4913_0711 STMICROELECTRONICS-RHFL4913_0711 Datasheet
433Kb / 19P
   Rad-hard adjustable positive voltage regulator
RHFL4913A STMICROELECTRONICS-RHFL4913A Datasheet
426Kb / 20P
   Rad-hard adjustable positive voltage regulator
logo
Anaren Microwave
MSK5953RH ANAREN-MSK5953RH Datasheet
1Mb / 9P
   RAD HARD DUAL POSITIVE LDO ADJ VOLTAGE REGULATOR
logo
STMicroelectronics
RHFL6000A STMICROELECTRONICS-RHFL6000A Datasheet
1Mb / 31P
   2 A rad-hard adjustable positive voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com