Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA4582CM Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA4582CM
Description  Pre Power Amplifier for 3-V Headphone Stereo Systems
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4582CM Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA4582CM Datasheet HTML 1Page - Sanyo Semicon Device LA4582CM Datasheet HTML 2Page - Sanyo Semicon Device LA4582CM Datasheet HTML 3Page - Sanyo Semicon Device LA4582CM Datasheet HTML 4Page - Sanyo Semicon Device LA4582CM Datasheet HTML 5Page - Sanyo Semicon Device LA4582CM Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
No. 5701-2/6
LA4582CM
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
[PRE + L.BOOST + PVSS + POWER]
Quiescent current
ICCO1
Rg = 2.2 k
Ω, low boost off, PVSS off
13
19
29
mA
ICCO2
Rg = 2.2 k
Ω, low boost on, PVSS on
14
20
30
mA
Voltage gain (closed loop)
VGT
VO = –5 dBm
62.5
64.5
67.5
dB
[Preamplifier]
Voltage gain (open loop)
VG0
VO = –5 dBm
70
83
dB
Voltage gain (closed loop)
VG1
VO = –5 dBm
40
dB
Maximum output voltage
VO max1 THD = 1%, VCC = 1.8 V
0.1
0.2
V
Total harmonic distortion
THD1
VO = 0.2 V, VG = 40 dB/NAB
0.05
0.5
%
Equivalent input noise voltage
VNI
Rg = 2.2 k
Ω, BPF = 20 Hz to 20 kHz
1.3
2.0
µV
Crosstalk
CT1
Rg = 2.2 k
Ω, TUNE 1 kHz
60
80
dB
Ripple rejection
Rr1
Rg = 2.2 k
Ω, VCC = 1.8 V,
40
50
dB
Vr = –20 dBm, fr = 100 Hz
[Power Amplifier]
Output power
PO
THD = 10%
23
34
mW
Voltage gain (closed loop)
VG2
VO = –5 dBm
27
29
32
dB
Total harmonic distortion
THD2
PO = 1 mW
0.4
1.0
%
Interchannel crosstalk
CT2
VO = –5 dBm, RV = 0 Ω
30
40
dB
Output noise voltage
VNO1
RV = 0 Ω, BPF = 20 Hz to 20 kHz
25
40
µV
Ripple rejection
Rr2
RV = 0 Ω, Vr = –20 dBm
45
55
dB
fr = 100 Hz, VCC = 1.8 V
Input resistance
Ri
22
30
38
k
DC offset voltage
VODC OFF Between pin 8 and pins 4 to 6
–90
+90
mV
[L· BOOST]
Voltage gain
VG3
VIN = –30 dBm, boost: on/off
–2.3
–3.8
–5.3
dB
Boost
BST1
VINBST = –30 dBm, f = 100 Hz, boost: on
11.2
14.7
18.2
dB
BST2
VINBST = –30 dBm, f = 10 Hz, boost: on
7.0
8.5
10
dB
Maximum output voltage
VO max2 THD = 1%, boost: on
0.3
0.5
V
Total harmonic distortion
THD3
VO = 0.1 V, boost: on
0.04
0.5
%
Interchannel crosstalk
CT3
VO = –20 dBm, Rg = 0, boost: on
25
32
dB
Output noise voltage
VNO2
Rg = 0, BPF = 20 Hz to 20 kHz, boost: off
2.0
5.0
µV
Ripple rejection
Rr3
Rg = 0, fR = 100 Hz, VR = –20 dBm,
45
53
dB
VCC = 1.8 V, boost: on
[L· BOOST + PVSS + POWER] RV = 30 kΩ max
Voltage gain
VG4
VIN = –40 dBm, f = 1 kHz, boost: on/off
22.0
24.5
28.0
dB
Low boost output voltage
VO1
VIN = –43 dBm, f = 100 Hz, boost: on
0.13
0.23
0.33
V
VO2
VIN = –28 dBm, f = 100 Hz, boost: on
0.25
0.4
0.55
V
Low boost total harmonic distortion
THD4
VIN = –40 dBm, f = 100 Hz, boost: on
0.5
1.2
%
PVSS voltage
VO3
VIN = –40 dBm, PVSS2
–40
–37
–34
dBm
Input increment between the point where
PVSS width
WPVSS
operation starts and the point where the
30
40
dB
output is +4 dB from there.
PVSS: on
PVSS total harmonic distortion
THD5
VIN = –40 dBm, PVSS2
0.5
1.2
%
PVSS start input
VOPIN
PVSS2
–67
–63
–59
dBm
Operating Characteristics at Ta = 25°C, VCC = 3.0 V, fi = 1 kHz, 0.775 V = 0 dBm
RL = 10 kΩ (preamplifier), RL = 30 kΩ (low boost), RL = 16 Ω (power amplifier)
Note: The amount of boost for a 1-kHz signal.


Similar Part No. - LA4582CM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4580 SANYO-LA4580 Datasheet
355Kb / 8P
   2-Channel Preamp Power Amp 3V Headphone Use
LA4580M SANYO-LA4580M Datasheet
355Kb / 8P
   2-Channel Preamp Power Amp 3V Headphone Use
LA4581 SANYO-LA4581 Datasheet
216Kb / 8P
   Preamplifier Power Amplifier for 3V Headphone Stereos
LA4581MB SANYO-LA4581MB Datasheet
216Kb / 8P
   Preamplifier Power Amplifier for 3V Headphone Stereos
LA4583 SANYO-LA4583 Datasheet
773Kb / 32P
   Compact Cassette Stereo Recording and Playback System
More results

Similar Description - LA4582CM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4800V SANYO-LA4800V Datasheet
192Kb / 11P
   3 V Stereo Headphone Power Amplifier
LA4585M SANYO-LA4585M Datasheet
131Kb / 5P
   3-V Preamplifier Power Amplifier for Headphone Stereo Products
logo
Toshiba Semiconductor
TA2145AFG TOSHIBA-TA2145AFG Datasheet
310Kb / 16P
   3 V Stereo Headphone Amplifier (3 V USE)
logo
Sanyo Semicon Device
LA4535MC SANYO-LA4535MC Datasheet
160Kb / 4P
   For 1.5V Headphone Stereo Power Amplifier
logo
Rohm
BA3612AKV ROHM-BA3612AKV Datasheet
304Kb / 14P
   Pre-power amplifier for headphone stereos
logo
Panasonic Semiconductor
AN7082K PANASONIC-AN7082K Datasheet
289Kb / 5P
   PRE/POWER AMPLIFIER GOVERNOR SINGLE CHIP IC FOR 3V HEADPHONE STEREO
logo
Sanyo Semicon Device
LA4535M SANYO-LA4535M_08 Datasheet
173Kb / 4P
   For 1.5V Headphone Stereo Power Amplifier
LA4802T SANYO-LA4802T Datasheet
87Kb / 10P
   Headphone Stereo Power Amplifier
logo
Global Mixed-mode Techn...
G1402 GMT-G1402 Datasheet
259Kb / 8P
   Stereo Headphone Power Amplifier
G1401 GMT-G1401 Datasheet
211Kb / 6P
   Stereo Headphone Power Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com