Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHFL4913KP331 Datasheet(PDF) 8 Page - STMicroelectronics

Part # RHFL4913KP331
Description  Rad-hard positive fixed voltage regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913KP331 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button RHFL4913KP331 Datasheet HTML 4Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 5Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 6Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 7Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 8Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 9Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 10Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 11Page - STMicroelectronics RHFL4913KP331 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Device description
RHFL4913XX25, RHFL4913XX33, RHFL4913XX50
8/19
Doc ID 10004 Rev 11
5
Device description
The RHFL4913 fixed voltage contains a PNP type power element controlled by a signal
resulting from amplified comparison between the internal temperature compensated band-
gap cell and the fraction of the desired output voltage value. This fractional value is obtained
from an internal-to-die resistor divider bridge set by STMicroelectronics. The device is
protected by several functional blocks.
5.1
Low pin count package limitations
Some functions (INHIBIT, OCM, SENSE) are not available due to lack of pins.
Corresponding die pads are by default connected inside silicon.
5.2
SENSE pin
The load voltage is applied by a Kelvin line connected to SENSE pin: Voltage feed-back
comes from the internal divider resistor bridge. Therefore possible output voltages are set
by manufacturer mask metal options. SENSE pin is not available in 3pin packages.
5.3
Inhibit ON-OFF control
By setting INHIBIT pin TTL-high, the device switches off the output current and voltage. The
device is ON when INHIBIT pin is set low. Since INHIBIT pin is internally pulled down, it can
be left floating in case inhibit function is not utilized. INHIBIT pin is not available in 3pin
packages.
5.4
Overtemperature protection
A temperature detector internally monitors the power element junction temperature. The
device goes OFF at approx. 175 °C, returning to ON mode when back to approx. 40 °C. It is
worth noting that when the internal temperature detector reaches 175 °C, the active power
element can be at 225 °C: device reliability cannot be granted in case of extensive operation
under these conditions.
5.5
Overcurrent protection
ISC pin. An internal non-fold back short-circuit limitation is set with ISHORT > 3.8 A (VO is 0
V). This value can be reduced by an external resistor connected between ISC pin and VI pin,
with a typical value range of 25 k
Ω to 200 kΩ. This adjustment feature is not available in 3
pin packages. To keep excellent VO regulation, it is necessary to set ISHORT 1.6 times
greater than the maximum desired application IO. When IO reaches ISHORT – 300 mA, the
current limiter overrules regulation and VO starts to drop and the OCM flag is risen. When no
current limitation adjustment is required, ISC pin must be left unbiased (as it is in 3 pin
packages).


Similar Part No. - RHFL4913KP331

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFL4913KP331 STMICROELECTRONICS-RHFL4913KP331 Datasheet
266Kb / 19P
   Rad-hard positive fixed voltage regulator
RHFL4913KP331 STMICROELECTRONICS-RHFL4913KP331 Datasheet
1Mb / 20P
   Rad-hard positive fixed voltage regulator
Rev 15 - February 2021
More results

Similar Description - RHFL4913KP331

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFL4913XX15 STMICROELECTRONICS-RHFL4913XX15 Datasheet
266Kb / 19P
   Rad-hard positive fixed voltage regulator
RHFL4913XX25 STMICROELECTRONICS-RHFL4913XX25_V01 Datasheet
1Mb / 20P
   Rad-hard positive fixed voltage regulator
Rev 15 - February 2021
RHFL4913XX15 STMICROELECTRONICS-RHFL4913XX15_V01 Datasheet
1Mb / 32P
   1.5 V rad-hard positive fixed voltage regulator
Rev 1 December 2015
RHFL4913 STMICROELECTRONICS-RHFL4913 Datasheet
185Kb / 11P
   RAD-HARD POSITIVE FIXED VOLTAGE REGULATORS
RHFL4913 STMICROELECTRONICS-RHFL4913_07 Datasheet
418Kb / 16P
   Rad-Hard Adjustable positive voltage regulator
RHFL4913A STMICROELECTRONICS-RHFL4913A_12 Datasheet
302Kb / 20P
   Rad-hard adjustable positive voltage regulator
RHFL4913_0711 STMICROELECTRONICS-RHFL4913_0711 Datasheet
433Kb / 19P
   Rad-hard adjustable positive voltage regulator
RHFL4913A STMICROELECTRONICS-RHFL4913A Datasheet
426Kb / 20P
   Rad-hard adjustable positive voltage regulator
logo
Anaren Microwave
MSK5953RH ANAREN-MSK5953RH Datasheet
1Mb / 9P
   RAD HARD DUAL POSITIVE LDO ADJ VOLTAGE REGULATOR
logo
STMicroelectronics
RHFL6000A STMICROELECTRONICS-RHFL6000A Datasheet
1Mb / 31P
   2 A rad-hard adjustable positive voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com