Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYL-4014UBC1B Datasheet(PDF) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYL-4014UBC1B
Description  LED LAMP
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYL-4014UBC1B Datasheet(HTML) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYL-4014UBC1B Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-4014UBC1B Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-4014UBC1B Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LED LAMP
LAMP PACKING.
LAMP PACKING.
LAMP PACKING.
LAMP PACKING.
DEVICE
QTY/polybag(pcs)
Polybag/box A
Fig
5mm(T-1
3/4)
1000
8 bags
Label
1
3mm(T-1 )
1000
10 bags
Label
1
10mm(T-1)
250
8 bags
Label
1
Blue/Green/White
500pcs
8 bags
Label
2
FORYARD
OPTOELECTRONICS
Part No:
Quanlity:
Date:
Q.A:
QC1
PASSED
PASSED
QC1
Q.A:
Date:
Quanlity:
Part No:
OPTOELECTRONICS
Pb
FORYARD
P A
R T
N O
.
Q '
T Y
( p
c s
)
3mm.5mm.10mm Polybag
Label 1
Label 2
Anti-electrostatic bag
B o x
D i m e n s i o n ( c m ) : 3 0 * 1 9 * 1 1 . 5
Pb
C/NO
Q '
T Y
( p
c s
)
P A
R T
N U
M B
E R
G .
W
N .
W
M E
A S
: 3
8 *
3 1
* 3
8 C
M
K G
S
K G
S
CARTON
Dimension(cm):39*32*38
6 Boxes/Carton
5mm:48,000pcs
3mm:60,000pcs
10mm:12,000pcs
Blue/Pure Green/bluish Green
/White:24,000pcs


Similar Part No. - FYL-4014UBC1B

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYL-4014UWC1B FORYARD-FYL-4014UWC1B Datasheet
141Kb / 3P
   LED LAMP
More results

Similar Description - FYL-4014UBC1B

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM5411 AUK-SM5411 Datasheet
166Kb / 3P
   LED Lamp
SM5511 AUK-SM5511 Datasheet
187Kb / 3P
   LED Lamp
SG3317 AUK-SG3317_1 Datasheet
181Kb / 4P
   LED Lamp
SA3412 AUK-SA3412 Datasheet
57Kb / 3P
   LED Lamp
SM3317-H AUK-SM3317-H Datasheet
182Kb / 4P
   LED Lamp
SM3317-L AUK-SM3317-L Datasheet
180Kb / 4P
   LED Lamp
SY5311 AUK-SY5311 Datasheet
179Kb / 4P
   LED Lamp
logo
Visual Communications C...
VAOL-10GAT4 VCC-VAOL-10GAT4 Datasheet
584Kb / 3P
   LED LAMP
logo
KODENSHI_AUK CORP.
SW3318E-G KODENSHI-SW3318E-G Datasheet
334Kb / 7P
   LAMP LED
SY3318-V KODENSHI-SY3318-V Datasheet
251Kb / 3P
   LAMP LED
SY3418-E KODENSHI-SY3418-E Datasheet
256Kb / 3P
   LAMP LED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com