Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STW1145LTM Datasheet(PDF) 6 Page - STANLEY ELECTRIC CO.,LTD.

Part # STW1145LTM
Description  PLCC Side Viewing Type White LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

STW1145LTM Datasheet(HTML) 6 Page - STANLEY ELECTRIC CO.,LTD.

Back Button STW1145LTM Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. STW1145LTM Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. STW1145LTM Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. STW1145LTM Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. STW1145LTM Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. STW1145LTM Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. STW1145LTM Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. STW1145LTM Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. STW1145LTM Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Page 6
Sorting Chart for Chromaticity
(Ta=25℃)
Ra nk
xy
xy
xy
xy
1p
0.272
0.258
0.264
0.267
0.276
0.281
0.282
0.272
1q
0.280
0.248
0.272
0.258
0.282
0.272
0.288
0.262
1r
0.282
0.272
0.276
0.281
0.287
0.295
0.292
0.286
1s
0.288
0.262
0.282
0.272
0.292
0.286
0.296
0.276
2p
0.292
0.286
0.287
0.295
0.297
0.305
0.300
0.295
2q
0.296
0.276
0.292
0.286
0.300
0.295
0.304
0.285
2r
0.300
0.295
0.297
0.305
0.307
0.315
0.309
0.305
2s
0.304
0.285
0.300
0.295
0.309
0.305
0.311
0.294
RIGHT DOWN point
L EFT DOWN point
L EFT UP point
RIGHT UP point
STW1145LTM
PLCC Side Viewing Type White LED
2010.12.01
Chromaticity Coordinates Tolerance Each Rank:+/-0.01
※ Please contact our sales staff concerning rank designation.


Similar Part No. - STW1145LTM

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
STW1147ASE-TR STANLEY-STW1147ASE-TR Datasheet
853Kb / 25P
   Thinner package, White color emitting LED
STW1147ASK-TR STANLEY-STW1147ASK-TR Datasheet
743Kb / 24P
   Thinner package, White color emitting LED
More results

Similar Description - STW1145LTM

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
JUR1112LU STANLEY-JUR1112LU Datasheet
246Kb / 11P
   PLCC Side Viewing Type LED RoHS Compliant
VEW1147LS STANLEY-VEW1147LS Datasheet
243Kb / 13P
   PLCC-2 Type White LED
logo
OPTEK Technologies
OVSR9WBCR8 OPTEK-OVSR9WBCR8 Datasheet
744Kb / 5P
   White Side-Emitting SMD LED (120째 Viewing Angle)
logo
STANLEY ELECTRIC CO.,LT...
VLW1148LS STANLEY-VLW1148LS Datasheet
255Kb / 13P
   PLCC-2 Type White LED (High Reliability type, White V-Series)
VSEW1154LDS-E STANLEY-VSEW1154LDS-E Datasheet
299Kb / 20P
   PLCC-2 Type White LED (High Reliability type, White V-Series)
logo
CT Micro International ...
WC283507-GTC4 CTMICRO-WC283507-GTC4 Datasheet
1,004Kb / 10P
   PLCC Type White Emitter
May, 2022 Rev 3
logo
P-tec Corporation
PL008-WCW13Z P-TEC-PL008-WCW13Z Datasheet
32Kb / 1P
   White SMD LED PLCC-2 Package
logo
STANLEY ELECTRIC CO.,LT...
JDN1102F-TR STANLEY-JDN1102F-TR Datasheet
583Kb / 22P
   Side viewing angle package,Infrared LED
logo
P-tec Corporation
PL0084-WCW15Z P-TEC-PL0084-WCW15Z Datasheet
32Kb / 1P
   SMD LED PLCC-4 Package White
logo
Lucky Light Electronic
LL-484WC1F-W6-3K LUCKY-LIGHT-LL-484WC1F-W6-3K Datasheet
256Kb / 8P
   4.8mm Round Wide Viewing Angle Type White LED Technical Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com