Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N3020 Datasheet(PDF) 1 Page - Seme LAB

Part # 2N3020
Description  Bipolar NPN Device in a Hermetically sealed TO39
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3020 Datasheet(HTML) 1 Page - Seme LAB

  2N3020 Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2N3020
Bipolar NPN Device.
V
CEO =
80V
I
C = 1A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
80
V
I
C(CONT)
1
A
h
FE
@ 5/1m (V
CE / IC)
30
-
f
t
80M
Hz
P
D
0.8
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
1-Aug-02
Bipolar NPN Device in a
Hermetically sealed TO39
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
0.89
(0.035)
max.
12.70
(0.500)
min.
0.41 (0.016)
0.53 (0.021)
dia.
5.08 (0.200)
typ.
0.71 (0.028)
0.86 (0.034)
2.54
(0.100)
45°
6.10 (0.240)
6.60 (0.260)
8.51 (0.34)
9.40 (0.37)
7.75 (0.305)
8.51 (0.335)
1
2
3
0.74 (0.029)
1.14 (0.045)
TO39 (TO205AD)
PINOUTS
1 – Emitter
2 – Base
3 – Collector


Similar Part No. - 2N3020

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3020 BOCA-2N3020 Datasheet
138Kb / 3P
   GENERAL TRANSISTOR NPN SILICON
logo
Micro Electronics
2N3020 MICRO-ELECTRONICS-2N3020 Datasheet
144Kb / 2P
   NPN SILICON AF MEDIUM POWER AMPLIFIERS & SWITCHES
logo
Continental Device Indi...
2N3020 CDIL-2N3020 Datasheet
184Kb / 4P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Central Semiconductor C...
2N3020 CENTRAL-2N3020 Datasheet
55Kb / 1P
   Small Signal Transistors
logo
Comset Semiconductor
2N3020 COMSET-2N3020 Datasheet
176Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - 2N3020

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N2219A SEME-LAB-2N2219A Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39
2N3300 SEME-LAB-2N3300 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39
2N2960 SEME-LAB-2N2960 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39
2N3036 SEME-LAB-2N3036 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39
2N3053A SEME-LAB-2N3053A Datasheet
16Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39
2N3108 SEME-LAB-2N3108 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39
2N3110 SEME-LAB-2N3110 Datasheet
16Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39
BFT32A SEME-LAB-BFT32A Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39
BFY56 SEME-LAB-BFY56 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39
BSX46 SEME-LAB-BSX46 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39
BSX62 SEME-LAB-BSX62 Datasheet
16Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com