Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA4485 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA4485
Description  5 W, Two-channel Power Amplifier with Very Few External Parts
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4485 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA4485 Datasheet HTML 1Page - Sanyo Semicon Device LA4485 Datasheet HTML 2Page - Sanyo Semicon Device LA4485 Datasheet HTML 3Page - Sanyo Semicon Device LA4485 Datasheet HTML 4Page - Sanyo Semicon Device LA4485 Datasheet HTML 5Page - Sanyo Semicon Device LA4485 Datasheet HTML 6Page - Sanyo Semicon Device LA4485 Datasheet HTML 7Page - Sanyo Semicon Device LA4485 Datasheet HTML 8Page - Sanyo Semicon Device LA4485 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Operating Characteristics at Ta = 25°C, VCC = 13.2 V, RL =4 Ω,Rg=600 Ω,f=1 kHz, Dual
Parameter
Symbol
Conditions
min
typ
max
Unit
Standby current
Ist
Pin 9 to GND, Standby switch OFF
10
µA
Quiescent supply current
ICCO
Rg = 0
40
80
160
mA
Voltage gain
VG1
Dual: VO = 0 dBm
43
45
47
dB
VG2
BTL: VO = 0 dBm
51
dB
Output power
PO1*
Dual: THD = 10%
4
5
W
PO2
BTL: THD = 10%
11
15
W
Total harmonic distortion
THD
PO = 1 W
0.15
0.8
%
Channel separation
CH sep
VO = 0 dBm, Rg = 0
45
55
dB
Output noise voltage
VNO
Rg = 0, 20 Hz to 20 kHz bandpass filter
0.15
0.5
mV
Ripple rejection ratio
SVRR
Rg = 0, 20 Hz to 20 kHz bandpass filter,
fR = 100 Hz, VR = 0 dBm, decoupling capacitor
connected
40
50
dB
*: PO1 = 6 W (typ) when VCC = 14.4 V
Voff
± 250 mV for BTL-mode
Equivalent Circuit Block Diagram
Pd max – Ta
Infinite heat sink
No heat sink
Al heat sink
mounting
conditions
Mounting
torque
39 Nvcm.
Flat washer
with silicone
grease
applied
Ambient temperature, Ta – °C
Filter
Large signal
VCC
Small signal
VCC
FILTER
CH1 IN
Input
amp
CH1
Output-to-ground
short-circuit
protection
Output-to-supply
short-circuit
protection
Output
amp
CH1 OUT
Thermal shutdown
protection
Small signal GND
REF
amp
Large signal GND
Overvoltage
protection
BTL IN
CH2 IN
Input
amp
CH2
Pre
drive
amp
Output-to-supply
short-circuit
protection
Output-to-ground
short-circuit
protection
Output
amp
CH2 OUT
Standby switch
Mute
BTL OUT
STANDBY
MUTE
Pre
drive
amp
LA4485
No.3680-2/20


Similar Part No. - LA4485

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4400 SANYO-LA4400 Datasheet
310Kb / 6P
   LA4400
LA4422 SANYO-LA4422 Datasheet
429Kb / 10P
   5.8W typ AF Power Amplifier for Car Stereos, Car Radios
LA4425A SANYO-LA4425A Datasheet
162Kb / 8P
   5 W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
LA4425A SANYO-LA4425A Datasheet
105Kb / 9P
   For Car Radio and Car Stereo 5W Power Amplifier with Very Few External Parts
logo
ON Semiconductor
LA4425A ONSEMI-LA4425A Datasheet
103Kb / 9P
   5W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
June, 2013
More results

Similar Description - LA4485

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4425A SANYO-LA4425A Datasheet
162Kb / 8P
   5 W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
logo
ON Semiconductor
LA4425A-E ONSEMI-LA4425A-E Datasheet
103Kb / 9P
   5W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
June, 2013
logo
Sanyo Semicon Device
LA4425A SANYO-LA4425A_07 Datasheet
105Kb / 9P
   For Car Radio and Car Stereo 5W Power Amplifier with Very Few External Parts
LA4425A SANYO-LA4425A_10 Datasheet
138Kb / 9P
   For Car Radio and Car Stereo 5W Power Amplifier with Very Few External Parts
logo
ON Semiconductor
LA4425F-E ONSEMI-LA4425F-E Datasheet
103Kb / 9P
   5W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
June, 2013
logo
Unisonic Technologies
TDA7360L-J11-T UTC-TDA7360L-J11-T Datasheet
235Kb / 6P
   Very few external components
logo
Sanyo Semicon Device
LA4425PV SANYO-LA4425PV Datasheet
369Kb / 8P
   Monolithic Linear IC For Car Radio and Car Stereo 5W Power Amplifier with Very Few External Parts
logo
Hotchip Technology Co.,...
PT4115 HOTCHIP-PT4115 Datasheet
733Kb / 8P
   Very few external components
logo
Shenzhen Huazhimei Semi...
HM8001 HMSEMI-HM8001 Datasheet
422Kb / 3P
   Single ASIC chip design with very few external components
logo
IK Semicon Co., Ltd
ILA7056B IKSEMICON-ILA7056B Datasheet
391Kb / 7P
   Few external components
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com