Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA4425A Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LA4425A
Description  5 W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4425A Datasheet(HTML) 7 Page - Sanyo Semicon Device

  LA4425A Datasheet HTML 1Page - Sanyo Semicon Device LA4425A Datasheet HTML 2Page - Sanyo Semicon Device LA4425A Datasheet HTML 3Page - Sanyo Semicon Device LA4425A Datasheet HTML 4Page - Sanyo Semicon Device LA4425A Datasheet HTML 5Page - Sanyo Semicon Device LA4425A Datasheet HTML 6Page - Sanyo Semicon Device LA4425A Datasheet HTML 7Page - Sanyo Semicon Device LA4425A Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
The overvoltage protector (VCCX 6 21.5 V) inside the IC is used to cut all bias routes and reverse bias between B-E of output
stage elements, in order to increase the power line’s capability of handling positive surge. This means, of course, that a VCES
(VCBO) type output stage element is used instead of the VCEO (VCER) type.
.
Load Resistance and Misoperation
It should be noted that when RL < 2 Ω and VCC is high, and the switch is turned ‘‘ON’’ when setting is for a signal (THD =
10 %), the ground detector (current
× voltage Schmitt circuit) operates momentarily.
.
Precautions on TaB
If power voltage is applied to the IC substrate (the heat sink on a set), the IC structure is such that the PN junctions may be
burned, causing deterioration or destruction. Consult Sanyo’s Quality Assurance Department with regard to the energy handling
capability (voltage peak value, pulse width). Also, the IC TaB (substrate) is connected to pin 3, large signal GND.
.
Test of +VCC to Output Pin
The power pin is in a floating state when a power capacitor is connected, so if +VCC touches output lines a and b, the upper
power transistor inside the IC will be damaged.
The LA4425A has a protective bypass route inside the IC.
.
Starting Time (ts)
This is set at 0.35 sec/typ, but it can be made shorter by making input capacitor Ci smaller, or longer by making it larger.
.
Pop noise
The pop noise prevention circuit operates to reduce pop until Rg reaches 50 k
Ω. However, if Rg is left open, the charging route
of input capacitor Ci is lost, so the pop noise reduction circuit stops operating and click noises become louder.
.
VG/OSC
The voltage gain is fixed at 45 dB inside the IC. It is impossible to change it externally.
Phase compensation capacitors (350 pF/total) are connected between individual stages inside the IC, and the open loop gain is
low. In addition, the upper and lower drives are made equivalent so that final stage current gain is adjusted, providing a measure
against unwanted high-frequency parasitic oscillation peculiar to power IC’s.
.
BTL Connection
Connection is impossible with IC alone.
.
Reverse Mounting of IC
The pin assignment is such that there is no danger of damage.
.
T.S.D (Thermal Shutdown) Operating Temperature
Floating
TC(°C)
30
× 30 × 1.5 mm3 thick Al board
Ta = 25°C
LA4425A
No.3309-7/8


Similar Part No. - LA4425A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4425A SANYO-LA4425A Datasheet
105Kb / 9P
   For Car Radio and Car Stereo 5W Power Amplifier with Very Few External Parts
logo
ON Semiconductor
LA4425A ONSEMI-LA4425A Datasheet
103Kb / 9P
   5W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
June, 2013
LA4425A ONSEMI-LA4425A Datasheet
103Kb / 9P
   5W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
June, 2013
LA4425A-E ONSEMI-LA4425A-E Datasheet
103Kb / 9P
   5W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
June, 2013
LA4425AN ONSEMI-LA4425AN Datasheet
98Kb / 10P
   5W Power Amplifier
September 2014 - Rev. 0
More results

Similar Description - LA4425A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LA4425A-E ONSEMI-LA4425A-E Datasheet
103Kb / 9P
   5W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
June, 2013
logo
Sanyo Semicon Device
LA4425A SANYO-LA4425A_07 Datasheet
105Kb / 9P
   For Car Radio and Car Stereo 5W Power Amplifier with Very Few External Parts
LA4425A SANYO-LA4425A_10 Datasheet
138Kb / 9P
   For Car Radio and Car Stereo 5W Power Amplifier with Very Few External Parts
logo
ON Semiconductor
LA4425F-E ONSEMI-LA4425F-E Datasheet
103Kb / 9P
   5W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
June, 2013
logo
Sanyo Semicon Device
LA4425PV SANYO-LA4425PV Datasheet
369Kb / 8P
   Monolithic Linear IC For Car Radio and Car Stereo 5W Power Amplifier with Very Few External Parts
LA4485 SANYO-LA4485 Datasheet
497Kb / 20P
   5 W, Two-channel Power Amplifier with Very Few External Parts
LA4460N SANYO-LA4460N Datasheet
479Kb / 12P
   12W AF Power Amplifier for Car Radio, Car Stereo
logo
STMicroelectronics
TDA2004R STMICROELECTRONICS-TDA2004R Datasheet
293Kb / 17P
   10 10 W stereo amplifier for car radio
logo
Toshiba Semiconductor
TA7205AP TOSHIBA-TA7205AP Datasheet
414Kb / 5P
   5.8W AUDIO POWER AMPLIFIER FOR CAR-STEREO, CAR-RADIO OUTPUT
logo
Sanyo Semicon Device
LA4460 SANYO-LA4460 Datasheet
478Kb / 5P
   12W AF Power Amplifier For Car Radio or Car Stereo
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com