Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LA4425A Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part No. LA4425A
Description  5 W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4425A Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LA4425A Datasheet HTML 1Page - Sanyo Semicon Device LA4425A Datasheet HTML 2Page - Sanyo Semicon Device LA4425A Datasheet HTML 3Page - Sanyo Semicon Device LA4425A Datasheet HTML 4Page - Sanyo Semicon Device LA4425A Datasheet HTML 5Page - Sanyo Semicon Device LA4425A Datasheet HTML 6Page - Sanyo Semicon Device LA4425A Datasheet HTML 7Page - Sanyo Semicon Device LA4425A Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
VNO –Rg
BPF=20 Hzto20 kHz
Signal source resistance, Rg –
SVRR – VCC
BPF=20 Hzto20 kHz
Supply voltage, VCC –V
SVRR – VR
BPF=20 Hzto20 kHz
Power supply ripple, VR – mVrms
SVRR – fR
BPF=20 Hzto20 kHz
Ripple frequency, fR –Hz
ICCO –Ta
Ambient temperature, Ta – °C
VN –Ta
Ambient temperature, Ta – °C
PO –Ta
Ambient temperature, Ta – °C
Switch ‘‘ON’’ locus
0.2 s/div
LA4425A
No.3309-5/8


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn