Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB60-45SSMD Datasheet(PDF) 1 Page - Seme LAB

Part # SB60-45SSMD
Description  SCHOTTKY BARRIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

SB60-45SSMD Datasheet(HTML) 1 Page - Seme LAB

  SB60-45SSMD Datasheet HTML 1Page - Seme LAB SB60-45SSMD Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SB60-45SSMD
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Document Number 5317
Issue 2
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
VRRM
Peak Repetitive Reverse Voltage
VRSM
Peak Non-Repetitive Reverse Voltage
VR
Continuous Reverse Voltage
IO
Output Current
IFSM
Peak Non-Repetitive Surge Current (50Hz)
TSTG
Storage Temperature Range
TJ
Maximum Operating Junction Temperature
RTH(j-c)
Maximum Thermal Resistance Junction To Case
PD
Power Dissipation
45V
45V
45V
60A
400A
-55°C to 175°C
150°C
0.625°C/W
200W
3 . 6 0 ( 0 . 1 4 2 )
M a x .
3 . 7 0 ( 0 . 1 4 6 )
3 . 4 1 ( 0 . 1 3 4 )
3 . 7 0 ( 0 . 1 4 6 )
3 . 4 1 ( 0 . 1 3 4 )
0 . 8 9
( 0 . 0 3 5 )
m i n .
9 . 6 7 ( 0 . 3 8 1 )
9 . 3 8 ( 0 . 3 6 9 )
1 1 . 5 8 ( 0 . 4 5 6 )
1 1 . 2 8 ( 0 . 4 4 4 )
0 . 5 0 ( 0 . 0 2 0 )
0 . 2 6 ( 0 . 0 1 0 )
1
3
2
MECHANICAL DATA
Dimensions in mm
SCHOTTKY BARRIER
DIODE IN SMD1
FOR HI–REL APPLICATIONS
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
FEATURES
• HERMETIC CERAMIC PACKAGE
• ISOLATED CASE
• SCREENING OPTIONS AVAILABLE
• OUTPUT CURRENT 60A
•LOW VF
• LOW LEAKAGE
SMD1 (TO-276AB)Package
Pad 2 = Cathode
Pads 1 & 3 = Anode
1
2
3


Similar Part No. - SB60-45SSMD

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB60-05 SANYO-SB60-05 Datasheet
79Kb / 3P
   50V, 6A Rectifier
SB60-05 SANYO-SB60-05 Datasheet
72Kb / 3P
   50V, 6A Rectifier
SB60-05H SANYO-SB60-05H Datasheet
79Kb / 3P
   50V, 6A Rectifier
SB60-05J SANYO-SB60-05J Datasheet
72Kb / 3P
   50V, 6A Rectifier
SB60-05K SANYO-SB60-05K Datasheet
73Kb / 3P
   50V, 6A Rectifier
More results

Similar Description - SB60-45SSMD

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
EIC discrete Semiconduc...
LL5817 EIC-LL5817 Datasheet
39Kb / 2P
   SCHOTTKY BARRIER
logo
Seme LAB
SB30-100SSMD SEME-LAB-SB30-100SSMD Datasheet
28Kb / 2P
   SCHOTTKY BARRIER
logo
EIC discrete Semiconduc...
LMK12 EIC-LMK12 Datasheet
112Kb / 2P
   SCHOTTKY BARRIER
logo
Toshiba Semiconductor
U3FWK42 TOSHIBA-U3FWK42 Datasheet
141Kb / 4P
   TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
CRS01 TOSHIBA-CRS01_13 Datasheet
188Kb / 5P
   TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CRS10I30A TOSHIBA-CRS10I30A Datasheet
197Kb / 6P
   TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com