Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM317HVK Datasheet(PDF) 4 Page - Seme LAB

Part # LM317HVK
Description  POSITIVE ADJUSTABLE VOLTAGE REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

LM317HVK Datasheet(HTML) 4 Page - Seme LAB

  LM317HVK Datasheet HTML 1Page - Seme LAB LM317HVK Datasheet HTML 2Page - Seme LAB LM317HVK Datasheet HTML 3Page - Seme LAB LM317HVK Datasheet HTML 4Page - Seme LAB LM317HVK Datasheet HTML 5Page - Seme LAB LM317HVK Datasheet HTML 6Page - Seme LAB LM317HVK Datasheet HTML 7Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
POSITIVE ADJUSTABLE
VOLTAGE REGULATOR
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 8375
Issue 1
Page 4 of 7
ELECTRICAL CHARACTERISTICS(1)(3) (TC = 25°C unless otherwise stated)
LM317, IP317, LM317HV, IP317HV
Symbols
Parameters
Test Conditions
Min.
Typ
Max.
Units
IOUT = 10mA
1.200
1.250
1.300
VREF
Reference Voltage
10mA ≤ IOUT ≤ IMAX, P ≤ PMAX,
3V ≤ (VIN-VOUT) ≤ VMAX
1.200
1.250
1.300
V
0.010
0.040
IN
OUT
V
V
Line Regulation (2)
3V ≤ (VIN-VOUT) ≤ VMAX,
IOUT = 10mA
0.020
0.070
%/V
VOUT ≤ 5V
5
25
mV
VOUT ≥ 5V
0.1
0.5
%
VOUT ≤ 5V
20
70
mV
OUT
I
OUT
V
Load Regulation (2)(3)
10mA ≤ IOUT ≤ IMAX
VOUT ≥ 5V
0.3
1.5
%
Thermal Regulation
VIN = 14.58V, IOUT = 1.5A,
PD = 20W, TA = 25°C, 20ms Pulse
0.030
0.070
%/W
VOUT = 10V
CADJ = 0
65
Ripple Rejection
f = 120Hz
CADJ = 10µF
66
80
dB
IADJ
Adjust Pin Current
50
100
∆IADJ
Adjust Pin Current Change
10mA ≤ IOUT ≤ IMAX,
2.5V ≤ (VIN-VOUT) ≤ VMAX
0.2
5
µA
(VIN - VOUT) = 40V
3.5
10
IMIN
Minimum Load Current
(VIN - VOUT) = 60V (HV Series)
(HV Series)
(HV Series)
(HV Series)
3.5
12
mA
(VIN - VOUT) ≤ 15V
1.5
2.2
(VIN - VOUT) = 40V
0.15
0.4
ICL
Current Limit
(VIN - VOUT) = 60V (HV Series)
(HV Series)
(HV Series)
(HV Series)
0.1
A
TEMP
OUT
V
Temperature Stability
1.0
TIME
OUT
V
Long Term Stability
TA = 125°C, 1000Hrs
0.3
1.0
en
RMS Output Noise
(% of VOUT)
TA = 25°C, 10Hz ≤ f ≤ 10KHz
0.003
%
Notes
Notes
Notes
Notes
The ● denotes the specifications which apply over the full operating temperature range.
(1)
Test conditions unless otherwise stated: VIN - VOUT = 5V, IOUT = 0.5A, PMAX = 20W, IMAX = 1.5A
(2)
Regulation is measured at constant junction temperature, using pulse testing at a low duty cycle. Changes in output voltage due to heating
effects are covered under thermal regulation specifications. Load regulation is measured at
1/
8” below the bottom of the package.
(3)
VMAX = 40V for LM117, IP117, LM117A, IP117A, LM317, IP317, LM317A, IP317A
VMAX = 60V for LM117HV, IP117HV, LM117AHV, IP117AHV, LM317HV, IP317HV, LM317AHV, IP317AHV


Similar Part No. - LM317HVK

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM317HVK NSC-LM317HVK Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
TT Electronics.
LM317HVK TTELEC-LM317HVK Datasheet
301Kb / 7P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Texas Instruments
LM317HVKSTEEL TI1-LM317HVKSTEEL Datasheet
2Mb / 28P
[Old version datasheet]   High Voltage Three-Terminal Adjustable Regulator
LM317HVKSTEEL TI1-LM317HVKSTEEL Datasheet
2Mb / 26P
[Old version datasheet]   High Voltage Three-Terminal Adjustable Regulator With Overload Protection
LM317HVKSTEEL/NOPB TI1-LM317HVKSTEEL/NOPB Datasheet
2Mb / 28P
[Old version datasheet]   High Voltage Three-Terminal Adjustable Regulator
More results

Similar Description - LM317HVK

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SELM317 SECOS-SELM317 Datasheet
650Kb / 4P
   Positive Adjustable Voltage Regulator
logo
TT Electronics.
IP117K TTELEC-IP117K Datasheet
301Kb / 7P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Seme LAB
IP117R SEME-LAB-IP117R Datasheet
166Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117SMD05 SEME-LAB-IP117SMD05_10 Datasheet
412Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117G SEME-LAB-IP117G Datasheet
805Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117SMD SEME-LAB-IP117SMD Datasheet
501Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Austin Semiconductor
AS117R AUSTIN-AS117R Datasheet
254Kb / 11P
   Positive Adjustable Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM317L HTC-LM317L Datasheet
93Kb / 3P
   ADJUSTABLE VOLTAGE REGULATOR (POSITIVE)
logo
Seme LAB
IP117SMD SEME-LAB-IP117SMD_10 Datasheet
496Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
TT Electronics.
IP117SMD TTELEC-IP117SMD Datasheet
496Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
LM317T FAIRCHILD-LM317T Datasheet
67Kb / 6P
   Adjustable Voltage Regulator (Positive)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com