Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M48T128Y Datasheet(PDF) 17 Page - STMicroelectronics

Part # M48T128Y
Description  5.0 or 3.3 V, 1 Mbit (128 Kb x 8) TIMEKEEPER짰 SRAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T128Y Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M48T128Y_10 Datasheet HTML 13Page - STMicroelectronics M48T128Y_10 Datasheet HTML 14Page - STMicroelectronics M48T128Y_10 Datasheet HTML 15Page - STMicroelectronics M48T128Y_10 Datasheet HTML 16Page - STMicroelectronics M48T128Y_10 Datasheet HTML 17Page - STMicroelectronics M48T128Y_10 Datasheet HTML 18Page - STMicroelectronics M48T128Y_10 Datasheet HTML 19Page - STMicroelectronics M48T128Y_10 Datasheet HTML 20Page - STMicroelectronics M48T128Y_10 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
M48T128Y, M48T128V
DC and AC parameters
Doc ID 5746 Rev 6
17/23
Table 9.
DC characteristics
Symbol
Parameter
Test condition(1)
1.
Valid for ambient operating temperature: TA = 0 to 70 °C; VCC = 4.5 to 5.5 V or 3.0 to 3.6 V (except where noted).
M48T128Y
M48T128V
Unit
–70
–85
Min
Max
Min
Max
ILI
Input leakage current
0 V
≤ VIN ≤ VCC
±2
±2
µA
ILO
(2)
2.
Outputs deselected.
Output leakage current
0 V
≤ VOUT ≤ VCC
±2
±2
µA
ICC
Supply current
Outputs open
95
50
mA
ICC1
Supply current (standby) TTL
E = VIH
84
mA
ICC2
Supply current (standby) CMOS
E = VCC – 0.2 V
4
3
mA
VIL
Input low voltage
–0.3
0.8
–0.3
0.4
V
VIH
Input high voltage
2.2
VCC + 0.3
2.2
VCC + 0.3
V
VOL
Output low voltage
IOL = 2.1 mA
0.4
0.4
V
VOH
Output high voltage
IOH = –1 mA
2.4
2.2
V


Similar Part No. - M48T128Y_10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T128Y-70PM1 STMICROELECTRONICS-M48T128Y-70PM1 Datasheet
340Kb / 22P
   3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
M48T128Y-70PM1TR STMICROELECTRONICS-M48T128Y-70PM1TR Datasheet
340Kb / 22P
   3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
M48T128Y-85PM1 STMICROELECTRONICS-M48T128Y-85PM1 Datasheet
340Kb / 22P
   3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
M48T128Y-85PM1TR STMICROELECTRONICS-M48T128Y-85PM1TR Datasheet
340Kb / 22P
   3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
M48T128YPM STMICROELECTRONICS-M48T128YPM Datasheet
340Kb / 22P
   3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
More results

Similar Description - M48T128Y_10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T129Y STMICROELECTRONICS-M48T129Y_10 Datasheet
445Kb / 28P
   5.0 or 3.3 V, 1 Mbit (128 Kbit x 8) TIMEKEEPER짰 SRAM
M48Z129Y STMICROELECTRONICS-M48Z129Y_10 Datasheet
324Kb / 20P
   5.0 V or 3.3 V, 1 Mbit (128 Kb x 8) ZEROPOWER짰 SRAM
M48T512Y STMICROELECTRONICS-M48T512Y_10 Datasheet
376Kb / 23P
   5.0 or 3.3 V, 4 Mbit (512 Kbit x 8) TIMEKEEPER짰 SRAM
M48Z128 STMICROELECTRONICS-M48Z128_10 Datasheet
339Kb / 20P
   5.0 V or 3.3 V, 1 Mbit (128 Kbit x 8) ZEROPOWER짰 SRAM
M48T58Y STMICROELECTRONICS-M48T58Y_11 Datasheet
495Kb / 33P
   5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
June 2011 Rev 8
M48T59 STMICROELECTRONICS-M48T59_08 Datasheet
378Kb / 32P
   5.0 or 3.3 V, 64 Kbit (8 Kbit x 8) TIMEKEEPER짰 SRAM
M48T58 STMICROELECTRONICS-M48T58_11 Datasheet
495Kb / 33P
   5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
June 2011 Rev 8
M48T58 STMICROELECTRONICS-M48T58_10 Datasheet
517Kb / 33P
   5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
M48T37Y STMICROELECTRONICS-M48T37Y_10 Datasheet
521Kb / 30P
   5.0 or 3.3 V, 256 Kbit (32 Kbit x 8) TIMEKEEPER짰 SRAM
M48T02 STMICROELECTRONICS-M48T02_10 Datasheet
395Kb / 25P
   5.0 V, 16 Kbit (2 Kb x 8) TIMEKEEPER짰 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com