Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M4Z32-BR00SH Datasheet(PDF) 10 Page - STMicroelectronics

Part # M4Z32-BR00SH
Description  ZEROPOWER짰 SNAPHAT짰 (battery)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M4Z32-BR00SH Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M4Z32-BR00SH Datasheet HTML 6Page - STMicroelectronics M4Z32-BR00SH Datasheet HTML 7Page - STMicroelectronics M4Z32-BR00SH Datasheet HTML 8Page - STMicroelectronics M4Z32-BR00SH Datasheet HTML 9Page - STMicroelectronics M4Z32-BR00SH Datasheet HTML 10Page - STMicroelectronics M4Z32-BR00SH Datasheet HTML 11Page - STMicroelectronics M4Z32-BR00SH Datasheet HTML 12Page - STMicroelectronics M4Z32-BR00SH Datasheet HTML 13Page - STMicroelectronics M4Z32-BR00SH Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
DC and AC parameters
M4Z28-BR00SH, M4Z32-BR00SH
10/16
4
DC and AC parameters
This section summarizes the operating and measurement conditions, as well as the DC and
AC characteristics of the device. The parameters in the following DC and AC characteristic
tables are derived from tests performed under the measurement conditions listed in the
relevant tables. Designers should check that the operating conditions in their projects match
the measurement conditions when using the quoted parameters.
Table 3.
Operating and AC measurement conditions
Parameter
M4Z28-BR00SH
M4Z32-BR00SH
Unit
Nominal battery voltage (VCC)2.8
2.8
V
Nominal battery capacity
48
120
mAh
Battery chemistry
Li(CF)
Li(CF)


Similar Part No. - M4Z32-BR00SH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M4Z32-BR00SH STMICROELECTRONICS-M4Z32-BR00SH Datasheet
285Kb / 19P
   5V or 3V NVRAM SUPERVISOR FOR LPSRAM
M4Z32-BR00SH STMICROELECTRONICS-M4Z32-BR00SH Datasheet
49Kb / 7P
   ZEROPOWER SNAPHAT Battery
November 1999
M4Z32-BR00SH STMICROELECTRONICS-M4Z32-BR00SH Datasheet
272Kb / 20P
   3V NVRAM Supervisor for Up to 8 LPSRAMs
M4Z32-BR00SH STMICROELECTRONICS-M4Z32-BR00SH Datasheet
252Kb / 24P
   4 Mbit (512 Kbit x 8) ZEROPOWER SRAM
M4Z32-BR00SH STMICROELECTRONICS-M4Z32-BR00SH Datasheet
230Kb / 25P
   5V or 3V NVRAM supervisor for LPSRAM
More results

Similar Description - M4Z32-BR00SH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M4T28-BR12SH STMICROELECTRONICS-M4T28-BR12SH_08 Datasheet
139Kb / 16P
   TIMEKEEPER짰 SNAPHAT짰 (battery and crystal)
M48Z08 STMICROELECTRONICS-M48Z08_05 Datasheet
283Kb / 16P
   5V, 64 Kbit (8Kb x 8) ZEROPOWER짰 SRAM
M48Z35 STMICROELECTRONICS-M48Z35_11 Datasheet
414Kb / 24P
   256 Kbit (32 Kbit x 8) ZEROPOWER짰 SRAM
M48Z58 STMICROELECTRONICS-M48Z58_11 Datasheet
417Kb / 24P
   5 V, 64 Kbit (8 Kbit x 8) ZEROPOWER짰 SRAM
M48Z512A STMICROELECTRONICS-M48Z512A_10 Datasheet
341Kb / 21P
   4 Mbit (512 Kbit x 8) ZEROPOWER짰 SRAM
M48Z35 STMICROELECTRONICS-M48Z35_10 Datasheet
432Kb / 24P
   256 Kbit (32 Kbit x 8) ZEROPOWER짰 SRAM
M48Z35AV STMICROELECTRONICS-M48Z35AV Datasheet
223Kb / 24P
   5.0V or 3.3V, 256Kbit (32Kbit x 8) ZEROPOWER짰 SRAM
M48Z08 STMICROELECTRONICS-M48Z08_10 Datasheet
323Kb / 20P
   5 V, 64 Kbit (8 Kb x 8) ZEROPOWER짰 SRAM
M48Z02 STMICROELECTRONICS-M48Z02_11 Datasheet
343Kb / 22P
   5 V, 16 Kbit (2 Kb x 8) ZEROPOWER짰 SRAM
M48Z02 STMICROELECTRONICS-M48Z02_10 Datasheet
335Kb / 21P
   5 V, 16 Kbit (2 Kb x 8) ZEROPOWER짰 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com