Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M4T28-BR12SH Datasheet(PDF) 11 Page - STMicroelectronics

Part # M4T28-BR12SH
Description  TIMEKEEPER짰 SNAPHAT짰 (battery and crystal)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M4T28-BR12SH Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M4T28-BR12SH Datasheet HTML 7Page - STMicroelectronics M4T28-BR12SH Datasheet HTML 8Page - STMicroelectronics M4T28-BR12SH Datasheet HTML 9Page - STMicroelectronics M4T28-BR12SH Datasheet HTML 10Page - STMicroelectronics M4T28-BR12SH Datasheet HTML 11Page - STMicroelectronics M4T28-BR12SH Datasheet HTML 12Page - STMicroelectronics M4T28-BR12SH Datasheet HTML 13Page - STMicroelectronics M4T28-BR12SH Datasheet HTML 14Page - STMicroelectronics M4T28-BR12SH Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
M4T28-BR12SH, M4T32-BR12SH
Package mechanical data
11/16
5
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Figure 5.
SH – 4-pin SNAPHAT® housing for 48 mAh battery & crystal, package
outline
Note:
Drawing is not to scale.
Table 4.
SH – 4-pin SNAPHAT® housing for 48 mAh battery & crystal, package
mechanical data
SHTK-A
A1
A
D
E
eA
eB
A2
B
L
A3
Symb
mm
inches
Typ
Min
Max
Typ
Min
Max
A
9.78
0.385
A1
6.73
7.24
0.265
0.285
A2
6.48
6.99
0.255
0.275
A3
0.38
0.015
B
0.46
0.56
0.018
0.022
D
21.21
21.84
0.835
0.860
E
14.22
14.99
0.560
0.590
eA
15.55
15.95
0.612
0.628
eB
3.20
3.61
0.126
0.142
L
2.03
2.29
0.080
0.090


Similar Part No. - M4T28-BR12SH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M4T28-BR12SH STMICROELECTRONICS-M4T28-BR12SH Datasheet
530Kb / 34P
   5.0 OR 3.0V, 512 bit 64 x 8 SERIAL RTC and NVRAM SUPERVISOR
M4T28-BR12SH STMICROELECTRONICS-M4T28-BR12SH Datasheet
518Kb / 31P
   5 V, 64 Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
June 2010 Rev 10
M4T28-BR12SH STMICROELECTRONICS-M4T28-BR12SH Datasheet
231Kb / 29P
   Serial Real Time Clock with 56 Bytes of NVRAM
logo
ARTSCHIP ELECTRONICS CO...
M4T28-BR12SH ARTSCHIP-M4T28-BR12SH Datasheet
7Mb / 27P
   TIMEKEEPER SRAM
logo
STMicroelectronics
M4T28-BR12SH STMICROELECTRONICS-M4T28-BR12SH Datasheet
433Kb / 31P
   512 Bit 64 bit x8 SERIAL RTC SPI SRAM
More results

Similar Description - M4T28-BR12SH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M4Z28-BR00SH STMICROELECTRONICS-M4Z28-BR00SH_09 Datasheet
234Kb / 16P
   ZEROPOWER짰 SNAPHAT짰 (battery)
M4T28-BR12SH1 STMICROELECTRONICS-M4T28-BR12SH1 Datasheet
135Kb / 16P
   TIMEKEEPER SNAPHAT (battery and crystal)
logo
Texas Instruments
BQ48SH-28X6 TI-BQ48SH-28X6 Datasheet
96Kb / 6P
[Old version datasheet]   SNAPHAT WITH INTEGRATED BATTERY AND CRYSTAL
logo
STMicroelectronics
M48T201Y STMICROELECTRONICS-M48T201Y_07 Datasheet
318Kb / 35P
   5.0 or 3.3V TIMEKEEPER짰 supervisor
M4TXX-BR12SH STMICROELECTRONICS-M4TXX-BR12SH Datasheet
51Kb / 7P
   TIMEKEEPER SNAPHAT Battery & Crystal
November 1999
M4T28-BR12SH STMICROELECTRONICS-M4T28-BR12SH_03 Datasheet
172Kb / 12P
   TIMEKEEPER SNAPHAT (BATTERY & CRYSTAL)
M48T201Y STMICROELECTRONICS-M48T201Y_09 Datasheet
317Kb / 37P
   5.0 or 3.3 V TIMEKEEPER짰 supervisor
M48T35AV STMICROELECTRONICS-M48T35AV_07 Datasheet
250Kb / 28P
   3.3V, 256Kbit (32Kbit x 8) TIMEKEEPER짰 SRAM
M41T00CAP STMICROELECTRONICS-M41T00CAP Datasheet
385Kb / 27P
   Serial access real-time clock (RTC) with integral backup battery and crystal
M48T08 STMICROELECTRONICS-M48T08_07 Datasheet
259Kb / 30P
   5V, 64Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com