Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD39015XG33R Datasheet(PDF) 9 Page - STMicroelectronics

Part # LD39015XG33R
Description  150 mA low quiescent current low noise voltage regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39015XG33R Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LD39015XG33R Datasheet HTML 5Page - STMicroelectronics LD39015XG33R Datasheet HTML 6Page - STMicroelectronics LD39015XG33R Datasheet HTML 7Page - STMicroelectronics LD39015XG33R Datasheet HTML 8Page - STMicroelectronics LD39015XG33R Datasheet HTML 9Page - STMicroelectronics LD39015XG33R Datasheet HTML 10Page - STMicroelectronics LD39015XG33R Datasheet HTML 11Page - STMicroelectronics LD39015XG33R Datasheet HTML 12Page - STMicroelectronics LD39015XG33R Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LD39015xx
Typical performance characteristics
9/16
6
Typical performance characteristics
Figure 4.
Output voltage vs. temperature
Figure 5.
Output voltage vs. input voltage
Figure 6.
Dropout voltage vs. output current
Figure 7.
COUT stability region
Figure 8.
Supply voltage rejection vs.
frequency
Figure 9.
Output noise voltage vs. frequency
V
IN=1.5V
0.75
0.76
0.77
0.78
0.79
0.8
0.81
0.82
0.83
0.84
0.85
-50
0
50
100
150
Temp [°C]
I
OUT=1mA
I
OUT=100mA
V
IN=1.5V
0.75
0.76
0.77
0.78
0.79
0.8
0.81
0.82
0.83
0.84
0.85
-50
0
50
100
150
Temp [°C]
I
OUT=1mA
I
OUT=100mA
V
IN=1.5V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
123
4
5
6
V
IN [V]
V
IN=1.5V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
123
4
5
6
V
IN [V]
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0
0.05
0.1
0.15
0.2
0.25
I
OUT [A]
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0
0.05
0.1
0.15
0.2
0.25
I
OUT [A]
STABILITY REGION
C
IN=1 µF, VIN=VEN=1.5 to 5.5 V
I
OUT=1 mA to 0.15 A
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
0
5
10
15
20
25
C
OUT [µF] (nominal value)
STABILITY REGION
C
IN=1 µF, VIN=VEN=1.5 to 5.5 V
I
OUT=1 mA to 0.15 A
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
0
5
10
15
20
25
C
OUT [µF] (nominal value)
I
OUT = 10mA Vripple = 0.1Vpp
10
15
20
25
30
35
40
45
50
55
60
65
70
75
100
1000
10000
100000
Freq [Hz]
I
OUT = 10mA Vripple = 0.1Vpp
10
15
20
25
30
35
40
45
50
55
60
65
70
75
100
1000
10000
100000
Freq [Hz]
I
OUT=10 mA, VIN=4.3 V, CIN=COUT= 1µF
V
OUT=3.3 V
0
100
200
300
400
500
600
700
800
1000
10000
100000
FREQ [Hz]
I
OUT=10 mA, VIN=4.3 V, CIN=COUT= 1µF
V
OUT=3.3 V
0
100
200
300
400
500
600
700
800
1000
10000
100000
FREQ [Hz]


Similar Part No. - LD39015XG33R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD39015XG33R STMICROELECTRONICS-LD39015XG33R Datasheet
302Kb / 16P
   150 mA low quiescent current low noise voltage regulator
More results

Similar Description - LD39015XG33R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD39115JXX STMICROELECTRONICS-LD39115JXX Datasheet
1Mb / 23P
   150 mA low quiescent current low noise voltage regulator
LD39015XX08 STMICROELECTRONICS-LD39015XX08 Datasheet
302Kb / 16P
   150 mA low quiescent current low noise voltage regulator
LD39015JXX STMICROELECTRONICS-LD39015JXX Datasheet
505Kb / 17P
   150 mA low quiescent current low noise voltage regulator
LD39015J STMICROELECTRONICS-LD39015J Datasheet
367Kb / 16P
   150 mA low quiescent current low noise voltage regulator
January 2014 Rev 4
LD39050XX STMICROELECTRONICS-LD39050XX Datasheet
831Kb / 24P
   500 mA low quiescent current low noise voltage regulator
STLQ015XX STMICROELECTRONICS-STLQ015XX Datasheet
386Kb / 17P
   150 mA, ultra-low quiescent current linear voltage regulator
logo
Texas Instruments
TPS76501-Q1 TI1-TPS76501-Q1 Datasheet
314Kb / 21P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATOR
logo
STMicroelectronics
STLQ015 STMICROELECTRONICS-STLQ015_V01 Datasheet
519Kb / 19P
   150 mA, ultra low quiescent current linear voltage regulator
Rev 7 - February 2020
STLQ015 STMICROELECTRONICS-STLQ015 Datasheet
1Mb / 17P
   150 mA, ultra low quiescent current linear voltage regulator
LD39050 STMICROELECTRONICS-LD39050 Datasheet
723Kb / 28P
   500 mA low quiescent current and low noise voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com