Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFM140 Datasheet(PDF) 2 Page - Seme LAB

Part # IRFM140
Description  N-CHANNEL POWER MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IRFM140 Datasheet(HTML) 2 Page - Seme LAB

  IRFM140 Datasheet HTML 1Page - Seme LAB IRFM140 Datasheet HTML 2Page - Seme LAB IRFM140 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
N-CHANNEL
POWER MOSET
IRFM140 / 2N7218
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 8085
Issue 1
Page 2 of 3
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise stated)
Symbols
Parameters
Test Conditions
Min.
Typ
Max.
Units
BVDSS
Drain-Source Breakdown
Voltage
VGS = 0
ID = 1.0mA
100
V
J
T
DSS
BV
Temperature Coefficent of
Breakdown Voltage
Reference
to 25°C
ID = 1.0mA
0.13
V/°C
VGS = 10V
ID = 20A
0.077
RDS(on)
(4)
Static Drain-Source
On-State Resistance
VGS = 10V
ID = 28A
0.125
VGS(th)
Gate Threshold Voltage
VDS = VGS
ID = 250µA
2
4
V
gfs
(4)
Forward Transconductance
VDS ≥ 15V
I DS = 21A
9.1
S( )
VGS = 0
VDS = 0.8BVDSS
25
IDSS
Zero Gate Voltage
Drain Current
TJ = 125°C
250
µA
IGSS
Forward Gate-Source
Leakage
VGS = 20V
100
IGSS
Reverse Gate-Source
Leakage
VGS = -20V
-100
nA
DYNAMIC CHARACTERISTICS
Ciss
Input Capacitance
VGS = 0
1660
Coss
Output Capacitance
VDS = 25V
550
Crss
Reverse Transfer
Capacitance
f = 1.0MHz
120
pF
Qg
Total Gate Charge
VGS = 10V
30
59
Qgs
Gate-Source Charge
ID = 28A
2.4
12
Qgd
Gate-Drain Charge
VDS = 0.5BVDSS
12
30.7
nC
td(on)
Turn-On Delay Time
21
tr
Rise Time
145
td(off)
Turn-Off Delay Time
64
tf
Fall Time
VDD = 50V
ID = 20A
RG = 9.1Ω
105
ns
SOURCE-DRAIN DIODE CHARACTERISTICS
IS
Continuous Source Current
28
ISM
(1)
Pulse Source Current
112
A
IS = 28A
TJ = 25°C
VSD
(4)
Diode Forward Voltage
VGS = 0
1.5
V
trr
(4)
Reverse Recovery Time
IS = 28A
TJ = 25°C
400
ns
Qrr
(4)
Reverse Recovery Charge
VDD ≤ 50V
di/dt = 100A/
µs
2.9
µC


Similar Part No. - IRFM140

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFM140 IRF-IRFM140 Datasheet
211Kb / 8P
   HEXFET TRANSISTOR
IRFM140 IRF-IRFM140 Datasheet
215Kb / 8P
   Simple Drive Requirements
IRFM140 IRF-IRFM140_15 Datasheet
215Kb / 8P
   Simple Drive Requirements
More results

Similar Description - IRFM140

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com