Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMD1029 Datasheet(PDF) 1 Page - Seme LAB

Part # DMD1029
Description  METAL GATE RF SILICON FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

DMD1029 Datasheet(HTML) 1 Page - Seme LAB

  DMD1029 Datasheet HTML 1Page - Seme LAB DMD1029 Datasheet HTML 2Page - Seme LAB DMD1029 Datasheet HTML 3Page - Seme LAB DMD1029 Datasheet HTML 4Page - Seme LAB DMD1029 Datasheet HTML 5Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DMD1029
DMD1029-A
Document Number 6859
Issue 3
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
PD
Power Dissipation
BVDSS
Drain – Source Breakdown Voltage *
BVGSS
Gate – Source Breakdown Voltage*
ID(sat)
Drain Current*
Tstg
Storage Temperature
Tj
Maximum Operating Junction Temperature
875W (438W -A Version)
70V
±20V
35A
–65 to 150°C
200°C
MECHANICAL DATA
GOLD METALLISED
MULTI-PURPOSE SILICON
DMOS RF FET
350W – 28V – 175MHz
PUSH–PULL
APPLICATIONS
• VHF/UHF COMMUNICATIONS
from 1 MHz to 400 MHz
METAL GATE RF SILICON FET
TetraFET
* Per Side
FEATURES
• SUITABLE FOR BROAD BAND APPLICATIONS
• SIMPLE BIAS CIRCUITS
• ULTRA-LOW THERMAL RESISTANCE
• BeO FREE
• LOW Crss
• HIGH GAIN – 16 dB MINIMUM
M
K
J
I
O
N
A
C
(2 pls)
D
F
E
(4 pls)
B
G
(typ)
P
(2 pls)
1
5
4
3
2
H
D1
PIN 1
SOURCE (COMMON)
PIN 2
DRAIN 1
PIN 3
DRAIN 2
PIN 4
GATE 2
PIN 5
GATE 1
DIM
Millimetres
Tol.
Inches
Tol.
A
15.24
0.50
0.600
0.020
B
10.80
0.13
0.425
0.005
C
45°
45°
D
9.78
0.13
0.385
0.005
E
8.38
0.13
0.330
0.005
F
27.94
0.13
1.100
0.005
G
1.52R
0.13
0.060R
0.005
H
10.16
0.15
0.400
0.006
I
21.84
0.23
0.860
0.009
J
0.10
0.02
0.004
0.001
K
1.96
0.13
0.077
0.005
M
1.02
0.13
0.040
0.005
N
4.45
0.38
0.175
0.015
O
34.04
0.13
1.340
0.005
P
1.63R
0.13
0.064R
0.005
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)


Similar Part No. - DMD1029

ManufacturerPart #DatasheetDescription
logo
Seme LAB
DMD1020 SEME-LAB-DMD1020 Datasheet
199Kb / 6P
   METAL GATE RF SILICON FET
DMD1020-A SEME-LAB-DMD1020-A Datasheet
199Kb / 6P
   METAL GATE RF SILICON FET
DMD1028 SEME-LAB-DMD1028 Datasheet
90Kb / 5P
   ROHS COMPLIANT METAL GATE RF SILICON FET
DMD1028-A SEME-LAB-DMD1028-A Datasheet
90Kb / 5P
   ROHS COMPLIANT METAL GATE RF SILICON FET
More results

Similar Description - DMD1029

ManufacturerPart #DatasheetDescription
logo
Seme LAB
D1082UK SEME-LAB-D1082UK Datasheet
20Kb / 2P
   METAL GATE RF SILICON FET
D1211UK SEME-LAB-D1211UK Datasheet
16Kb / 2P
   METAL GATE RF SILICON FET
D1212UK SEME-LAB-D1212UK Datasheet
16Kb / 2P
   METAL GATE RF SILICON FET
D2002UK SEME-LAB-D2002UK Datasheet
15Kb / 2P
   METAL GATE RF SILICON FET
D2003UK SEME-LAB-D2003UK Datasheet
60Kb / 4P
   METAL GATE RF SILICON FET
D2089UK SEME-LAB-D2089UK Datasheet
23Kb / 2P
   METAL GATE RF SILICON FET
D2220UK SEME-LAB-D2220UK Datasheet
16Kb / 2P
   METAL GATE RF SILICON FET
D2230UK SEME-LAB-D2230UK Datasheet
17Kb / 2P
   METAL GATE RF SILICON FET
D2282UK SEME-LAB-D2282UK Datasheet
18Kb / 2P
   METAL GATE RF SILICON FET
D1004UK SEME-LAB-D1004UK Datasheet
35Kb / 4P
   METAL GATE RF SILICON FET
D1011UK SEME-LAB-D1011UK Datasheet
16Kb / 2P
   METAL GATE RF SILICON FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com