Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMD1009 Datasheet(PDF) 1 Page - Seme LAB

Part # DMD1009
Description  ROHS COMPLIANT METAL GATE RF SILICON FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

DMD1009 Datasheet(HTML) 1 Page - Seme LAB

  DMD1009 Datasheet HTML 1Page - Seme LAB DMD1009 Datasheet HTML 2Page - Seme LAB DMD1009 Datasheet HTML 3Page - Seme LAB DMD1009 Datasheet HTML 4Page - Seme LAB DMD1009 Datasheet HTML 5Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DMD1009
DMD1009-A
Document Number 6932
Issue 2
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
PD
Power Dissipation
BVDSS
Drain – Source Breakdown Voltage *
BVGSS
Gate – Source Breakdown Voltage*
ID(sat)
Drain Current*
Tstg
Storage Temperature
Tj
Maximum Operating Junction Temperature
648W (389W -A Version)
70V
±20V
20A
–65 to 150°C
200°C
MECHANICAL DATA
GOLD METALLISED
MULTI-PURPOSE SILICON
DMOS RF FET
150W – 28V – 500MHz
PUSH–PULL
APPLICATIONS
• VHF/UHF COMMUNICATIONS
from 1 MHz to 500 MHz
METAL GATE RF SILICON FET
TetraFET
* Per Side
FEATURES
• SUITABLE FOR BROAD BAND APPLICATIONS
• SIMPLE BIAS CIRCUITS
• ULTRA-LOW THERMAL RESISTANCE
• BeO FREE
• LOW Crss
• HIGH GAIN – 12 dB MINIMUM
M
K
J
I
O
N
A
C
(2pls)
D
F
E
(4pls)
B
G
(typ)
P
(2pls)
1
54
3
2
H
D1
PIN 1
SOURCE (COMMON)
PIN 2
DRAIN 1
PIN 3
DRAIN 2
PIN 4
GATE 2
PIN 5
GATE 1
DIM
Millimetres
Tol.
Inches
Tol.
A
15.24
0.50
0.600
0.020
B
10.80
0.13
0.425
0.005
C
45°
45°
D
9.78
0.13
0.385
0.005
E
8.38
0.13
0.330
0.005
F
27.94
0.13
1.100
0.005
G
1.52R
0.13
0.060R
0.005
H
10.16
0.15
0.400
0.006
I
21.84
0.23
0.860
0.009
J
0.10
0.02
0.004
0.001
K
1.96
0.13
0.077
0.005
M
1.02
0.13
0.040
0.005
N
4.45
0.38
0.175
0.015
O
34.04
0.13
1.340
0.005
P
1.63R
0.13
0.064R
0.005
ROHS COMPLIANT


Similar Part No. - DMD1009

ManufacturerPart #DatasheetDescription
logo
Seme LAB
DMD1006 SEME-LAB-DMD1006 Datasheet
95Kb / 5P
   ROHS COMPLIANT METAL GATE RF SILICON FET
DMD1006-A SEME-LAB-DMD1006-A Datasheet
95Kb / 5P
   ROHS COMPLIANT METAL GATE RF SILICON FET
More results

Similar Description - DMD1009

ManufacturerPart #DatasheetDescription
logo
Seme LAB
D2009UK SEME-LAB-D2009UK Datasheet
31Kb / 2P
   ROHS COMPLIANT METAL GATE RF SILICON FET
D5002UK SEME-LAB-D5002UK Datasheet
69Kb / 5P
   ROHS COMPLIANT METAL GATE RF SILICON FET
D5029UK SEME-LAB-D5029UK Datasheet
62Kb / 4P
   ROHS COMPLIANT METAL GATE RF SILICON FET
DMD1028 SEME-LAB-DMD1028 Datasheet
90Kb / 5P
   ROHS COMPLIANT METAL GATE RF SILICON FET
DMD1012 SEME-LAB-DMD1012 Datasheet
32Kb / 2P
   ROHS COMPLIANT METAL GATE RF SILICON FET
DMD1010 SEME-LAB-DMD1010 Datasheet
87Kb / 5P
   ROHS COMPLIANT METAL GATE RF SILICON FET
DMD5029 SEME-LAB-DMD5029 Datasheet
32Kb / 2P
   ROHS COMPLIANT METAL GATE RF SILICON FET
D5001UK SEME-LAB-D5001UK Datasheet
75Kb / 5P
   ROHS COMPLIANT METAL GATE RF SILICON FET
D2018UK SEME-LAB-D2018UK Datasheet
34Kb / 2P
   ROHS COMPLIANT METAL GATE RF SILICON FET
D5006UK SEME-LAB-D5006UK Datasheet
32Kb / 2P
   ROHS COMPLIANT METAL GATE RF SILICON FET
DMD5028 SEME-LAB-DMD5028 Datasheet
105Kb / 5P
   ROHS COMPLIANT METAL GATE RF SILICON FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com