Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L9349TR-LF Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9349TR-LF
Description  Quad intelligent power low side switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9349TR-LF Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9349TR-LF Datasheet HTML 6Page - STMicroelectronics L9349TR-LF Datasheet HTML 7Page - STMicroelectronics L9349TR-LF Datasheet HTML 8Page - STMicroelectronics L9349TR-LF Datasheet HTML 9Page - STMicroelectronics L9349TR-LF Datasheet HTML 10Page - STMicroelectronics L9349TR-LF Datasheet HTML 11Page - STMicroelectronics L9349TR-LF Datasheet HTML 12Page - STMicroelectronics L9349TR-LF Datasheet HTML 13Page - STMicroelectronics L9349TR-LF Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Electrical specifications
L9349-LF
10/17
3.5
Diagnostic
tDH-L, Diag
Diag. delay output
OFF time
(3) Figure 4
865
90
μs
tD IOU
Diagnostic open load
delay time
9V< VS <16V, Figure 5
850
μs
tDOL
Diagnostic overload
delay switch-OFF time
9V< VS <16V, Figure 5
665
μs
tfilt
Filter time
4
24
μs
PGND
PGNDloss,h
Power GND loss
threshold high
3V
PGNDloss,l
Power GND loss
threshold low
2V
1.
The diagnostic output is short circuit protected up to VD = 16V
2.
Open pins (EN, IN) are detected as low
3.
VS = 9 to 16V IOUC ≤ IO ≤ IOOC
Table 6.
Electrical characteristics (continued)
(VS = 4.5 to 32V; -40°C ≤ Tj1 ≤ 150°C < Tj2 ≤ TjDIS, unless otherwise specified.)
Symbol
Parameter
Test conditions
Values T
j1
Values T
j2
Unit
Min.
Typ.
Max.
Min.
Max.
Table 7.
Diagnostic
Conditions
EN
IN
OUT
DIAG.
Normal function
LX
off
L
HL
off
L
HH
on
H
GND short
VOtyp < 0.55VS
L
X
off
H
Load bypass
ΔVO1-4/2-3 ≥ 1.25V
H
L
off
H
Open load
IO1,2,3,4typ < 320mA
H
H
on
L
Tjtyp ≥ 190°C Overtemperature
X
X
off
L
Over load
IOmin 1,2 > 5A
IOmin 3,4 > 3A
HH
off
L
SGND or PGND loss
channel off
X
L
off
H
SGND or PGND loss
channel on
H
H
off
L


Similar Part No. - L9349TR-LF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9349 STMICROELECTRONICS-L9349 Datasheet
285Kb / 12P
   QUAD INTELLIGENT POWER LOW SIDE SWITCH
L9349DIE1 STMICROELECTRONICS-L9349DIE1 Datasheet
285Kb / 12P
   QUAD INTELLIGENT POWER LOW SIDE SWITCH
More results

Similar Description - L9349TR-LF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9349 STMICROELECTRONICS-L9349 Datasheet
285Kb / 12P
   QUAD INTELLIGENT POWER LOW SIDE SWITCH
L9332 STMICROELECTRONICS-L9332 Datasheet
255Kb / 17P
   Quad intelligent power low side switch
logo
Texas Instruments
TPIC2404 TI-TPIC2404 Datasheet
88Kb / 7P
[Old version datasheet]   INTELLIGENT-POWER QUAD LOW-SIDE SWITCH
logo
STMicroelectronics
L9346 STMICROELECTRONICS-L9346 Datasheet
96Kb / 13P
   QUAD INTELLIGENT POWER LOW SIDE SWITCH
logo
Texas Instruments
TPIC2404KN TI-TPIC2404KN Datasheet
90Kb / 7P
[Old version datasheet]   INTELLIGENT-POWER QUAD LOW-SIDE SWITCH
logo
STMicroelectronics
IPS4260L STMICROELECTRONICS-IPS4260L Datasheet
834Kb / 29P
   Quad low-side intelligent power switch
Rev 5 - July 2021
L9352 STMICROELECTRONICS-L9352 Datasheet
328Kb / 21P
   INTELLIGENT QUAD 2X5A/2X2.5A LOW-SIDE SWITCH
L9347 STMICROELECTRONICS-L9347 Datasheet
329Kb / 21P
   INTELLIGENT QUAD 2X5A/2X2.5A LOW-SIDE SWITCH
L9352B STMICROELECTRONICS-L9352B Datasheet
611Kb / 21P
   INTELLIGENT QUAD (2X5A/2X2.5A) LOW-SIDE SWITCH
logo
International Rectifier
IPS2041RLPBF IRF-IPS2041RLPBF Datasheet
1Mb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com