Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF257CSM4 Datasheet(PDF) 1 Page - Seme LAB

Part # BF257CSM4
Description  SILICON PLANAR NPN HIGH
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BF257CSM4 Datasheet(HTML) 1 Page - Seme LAB

  BF257CSM4 Datasheet HTML 1Page - Seme LAB BF257CSM4 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Document Number 2666
Issue 1
BF257CSM4
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is
believed to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in
its use. Semelab encourages customers to verify that datasheets are current before placing orders.
SILICON PLANAR NPN HIGH
VOLTAGE TRANSISTOR IN A
CERAMIC SURFACE MOUNT
PACKAGE
MECHANICAL DATA
Dimensions in mm (inches)
1
2
3
4
5.59 ± 0.13
(0.22 ± 0.005)
0.23
(0.009)
rad.
1.02 ± 0.20
(0.04 ± 0.008)
2.03 ± 0.20
(0.08 ± 0.008)
1.40 ± 0.15
(0.055 ± 0.006)
0.25 ± 0.03
(0.01 ± 0.001)
0.23
(0.009)
min.
LCC3
FEATURES
• High Voltage
• Ceramic Surface Mount
• Screening Options Available
ABSOLUTE MAXIMUM RATINGS
VCBO
Collector - Base Voltage (IE = 0 )
VCEO
Collector - Emitter Voltage (IB = 0)
VEBO
Emitter Base Voltage (IC = 0)
IC
Collector Current
ICM
Collector Peak Current
Ptot
Total Power Dissipation at Tcase £ 50°C
Tstg
Storage Temperature
Tj
Junction Temperature
PAD 1 = COLLECTOR
PAD 2 = N/C
PAD 3 = EMITTER
PAD 4 = BASE
160V
160V
5V
100mA
200mA
5W
-55 to 200°C
200°C


Similar Part No. - BF257CSM4

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BF257CSM SEME-LAB-BF257CSM Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed LCC1
More results

Similar Description - BF257CSM4

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FXT449 ZETEX-FXT449 Datasheet
30Kb / 1P
   NPN SILICON PLANAR
logo
Guangdong Kexin Industr...
FZT749 KEXIN-FZT749 Datasheet
37Kb / 2P
   NPN Silicon Planar
logo
Hitachi Semiconductor
2SC4628 HITACHI-2SC4628 Datasheet
29Kb / 6P
   Silicon NPN Planar
logo
Zetex Semiconductors
FZT651 ZETEX-FZT651 Datasheet
93Kb / 2P
   NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTORS
BSP19 ZETEX-BSP19 Datasheet
42Kb / 1P
   NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
BST39 ZETEX-BST39 Datasheet
12Kb / 1P
   NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FZT653 ZETEX-FZT653 Datasheet
96Kb / 2P
   NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
FZT655 ZETEX-FZT655 Datasheet
90Kb / 2P
   NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
FCX458 ZETEX-FCX458 Datasheet
18Kb / 1P
   NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FMMT455 ZETEX-FMMT455 Datasheet
136Kb / 2P
   NPN SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com