Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMP1000G-JQ Datasheet(PDF) 1 Page - Seme LAB

Part # SMP1000G-JQ
Description  P.I.N. PHOTODIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

SMP1000G-JQ Datasheet(HTML) 1 Page - Seme LAB

  SMP1000G-JQ Datasheet HTML 1Page - Seme LAB SMP1000G-JQ Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
2
Ø 15.25
Ø 14.0
Ø 0.45
LEAD
10.16
SMP1000G-JQ
Prelim. 1/98
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
MECHANICAL DATA
Dimensions in mm.
P.I.N. PHOTODIODE
DESCRIPTION
The SMP1000G-JQ is a large Silicon P.I.N. photodiode
incorporated in a hermetic metal can package. The
package window has greater ultra-violet light transmission,
thus extending the useful spectral range of the device. The
electrical terminations are via two leads of diameter 0.018"
on pitch of 0.2". The cathode of the photodiode is
electrically connected to the package.
The larger photodiode active area provides greater
sensitivity than the SMP900 range of devices, with a
corresponding reduction in speed. The photodiode
structure has been optimised for high sensitivity, light
measurement applications across the infra-red to ultra-
violet spectrum. Inclusion of a suitable optical filter into the
package can produce a device that responds only to ultra-
violet light. The metal can and optional screening mesh
ensure a rugged device with a high degree of immunity to
radiated electrical interference.
Standard TO-8
Operating temperature range
Storage temperature range
Temperature coefficient of responsively
Temperature coefficient of dark current
Reverse breakdown voltage
-40°C to +70°C
-45°C to +80°C
0.35% per °C
x2 per 8°C rise
60V
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
FEATURES
• HIGH SENSITIVITY
• EXCELLENT LINEARITY
• LOW NOISE
• WIDEST SPECTRAL RESPONSE
• ENHANCED UV SENSITIVITY
• INTEGRAL OPTICAL FILTER OPTION note 1
• TO8 HERMETIC METAL CAN PACKAGE
• EMI SCREENING MESH AVAILABLE
Note 1 Contact Semelab Plc for filter options
Pin 1 – Anode
Pin 2 – Cathode & Case


Similar Part No. - SMP1000G-JQ

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SMP1000G-KP SEME-LAB-SMP1000G-KP Datasheet
55Kb / 2P
   P.I.N. PHOTODIODE
More results

Similar Description - SMP1000G-JQ

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SMP600G-EN SEME-LAB-SMP600G-EN Datasheet
25Kb / 2P
   P.I.N. PHOTODIODE
SMP550G-X3 SEME-LAB-SMP550G-X3 Datasheet
56Kb / 2P
   P.I.N. PHOTODIODE
SMP600G-EM SEME-LAB-SMP600G-EM Datasheet
69Kb / 2P
   P.I.N. PHOTODIODE
SMP400G-X1 SEME-LAB-SMP400G-X1 Datasheet
52Kb / 2P
   P.I.N. PHOTODIODE
SMP525G-FJ SEME-LAB-SMP525G-FJ Datasheet
77Kb / 4P
   P.I.N. PHOTODIODE
SMP525G-FM SEME-LAB-SMP525G-FM Datasheet
82Kb / 4P
   P.I.N. PHOTODIODE
SMP550G-FL SEME-LAB-SMP550G-FL Datasheet
71Kb / 2P
   P.I.N. PHOTODIODE
SMP550G-FM SEME-LAB-SMP550G-FM Datasheet
71Kb / 2P
   P.I.N. PHOTODIODE
SMP525G-EK SEME-LAB-SMP525G-EK Datasheet
76Kb / 4P
   P.I.N. PHOTODIODE
SMP550G-X2 SEME-LAB-SMP550G-X2 Datasheet
26Kb / 2P
   P.I.N. PHOTODIODE
SMP550G-X4 SEME-LAB-SMP550G-X4 Datasheet
26Kb / 2P
   P.I.N. PHOTODIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com