Electronic Components Datasheet Search |
|
NIPXI-7853R Datasheet(PDF) 6 Page - National Instruments Corporation |
|
NIPXI-7853R Datasheet(HTML) 6 Page - National Instruments Corporation |
6 / 8 page Timebases Timebase reference sources NI PCI-781xR/783xR ....................... Onboard clock only NI PXI-78xxR ................................... Onboard clock, phase-locked to PXI 10 MHz clock LabVIEW FPGA derived clocks............ Up to 200 MHz Timebase accuracy, onboard clock ..... ±100 ppm, 250 ps peak-to-peak jitter Phase-locked to PXI 10 MHz clock (NI PXI-78xxR only) ......................... Adds 350 ps peak-to-peak jitter Additional frequency-dependent peak-to-peak jitter NI 781xR/783xR 40 MHz ....................................... None 80 MHz ....................................... 400 ps 120 MHz ..................................... 720 ps 160 MHz ..................................... 710 ps 200 MHz ..................................... 700 ps NI 784xR/785xR 40 MHz ....................................... None 80 MHz ....................................... 460 ps 120 MHz ..................................... 172 ps Calibration (NI 783xR/784xR/785xR Only) Recommended warm-up time............. 15 minutes Calibration interval ............................. 1 year Onboard calibration reference DC level........................................... 5.000 V (±3.5 mV) (actual value stored in flash memory) Temperature coefficient...................... ±5 ppm/°C max Long-term stability .............................. ±20 ppm/1,000 h Note: Refer to Calibration Certificates at ni.com/calibration to generate a calibration certificate for the NI 783xR. Bus Interface PXI (NI PXI-78xxR only) ....................... Master, slave PCI (NI PCI-781xR/783xR only) ........... Master, slave Physical Dimensions (not including connectors) NI PCI-781xR/783xR ......................... 17 by 11 cm (6.7 by 4.3 in.) NI PXI-78xxR ..................................... 16 by 10 cm (6.3 by 3.9 in.) Weight NI PCI-781xR/783xR ....................... 112 g NI PXI-78xxR ................................... 152 g I/O connectors NI 781xR ......................................... Four 68-pin female high-density VHDCI type NI 783xR/784xR/785xR .................. Three 68-pin female high-density VHDCI type Maximum Working Voltage Maximum working voltage refers to the signal voltage plus the common-mode voltage. Channel-to-earth ................................. ±12 V, Measurement Category I Channel-to-channel............................. ±24 V, Measurement Category I Caution: Do not use the NI 783xR/784xR/785xR for connection to signals in Measurement Category II, III, or IV. Power Requirement +5 VDC (±5%)1 NI 781xR ......................................... 9 mA (typ), 50 mA (max) NI 7830R/7831R ............................. 330 mA (typ), 355 mA (max) NI 7833R ......................................... 364 mA (typ), 586 mA (max) NI 7841R/7851R ............................. 125 mA (typ), 252 mA (max) NI 7842R/7852R ............................. 136 mA (typ), 291 mA (max) NI 7853R. ........................................ 460 mA typ NI 7854R ......................................... 484 mA typ +3.3 VDC (±5%)2 NI 7811R ......................................... 650 mA (typ), 1,000 mA (max) NI 7813R ......................................... 850 mA (typ), 1,350 mA (max) NI 7830R/7831R ............................. 462 mA (typ), 660 mA (max) NI 7833R ......................................... 727 mA (typ), 1,148 mA (max) NI 7841R/7851R ............................. 525 mA (typ), 1,244 mA (max) NI 7842R/7852R ............................. 604 mA (typ), 1,484 mA (max) NI 7853R .................................................. 640 mA typ NI 7854R .................................................. 843 mA typ +12 V NI 784xR/785xR.............................. 0.5 A -12 V NI 784xR/785xR.............................. 0.25 A +5 V terminal Connector 0..................................... 0.5 A max Connector 1..................................... 0.5 A max Connector 2..................................... 0.5 A max All connectors................................. 1.5 A max3 To calculate the total current sourced by the digital outputs, use the following equation: j ∑ current sourced on channel i i=1 Power available at I/O connectors ..... 4.50 to 5.25 VDC at 1 A total, 250 mA per I/O connector pin 1 Does not include current drawn from the +5 V line on the I/O connectors. 2 Does not include current sourced by the digital outputs. 3 The NI 784xR/785xR devices have a user-replaceable socketed fuse that opens when current exceeds the current specification. Refer to the R Series Intelligent DAQ User Manual, available at ni.com/manuals, for information about fuse replacement. R Series Intelligent DAQ – Data Acquisition and Control with Onboard Processing 6 BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.) |
Similar Part No. - NIPXI-7853R |
|
Similar Description - NIPXI-7853R |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |