Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NIPXI-7334 Datasheet(PDF) 2 Page - National Instruments Corporation

Part # NIPXI-7334
Description  Low-Cost Stepper Motion Controllers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPXI-7334 Datasheet(HTML) 2 Page - National Instruments Corporation

  NIPXI-7334 Datasheet HTML 1Page - National Instruments Corporation NIPXI-7334 Datasheet HTML 2Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Low-Cost Stepper Motion Controllers
639
National Instruments • Tel: (800) 433-3488 • Fax: (512) 683-9300 • info@ni.com • ni.com
NI PCI-7334 (4-axis stepper) ......................................778417-01
NI PXI-7334 (4-axis stepper) ......................................778444-01
Includes hardware and NI-Motion software, libraries, and examples
Accessories
NI Motion Assistant ......................................................778553-01
Universal Motion Interfaces ......................................see page 640
Drives..........................................................................see page 642
Cables..........................................................................see page 645
BUY ONLINE!
Visit ni.com/info and enter pxi7334, pci7334.
Ordering Information
Trajectory update rate range............................ 62.5 to 500 µs/sample
Maximum update rate............................... 62.5 µs/axis
4-axis update rate ..................................... 250 µs total
Multi-axis synchronization ............................... < 1 update sample
Trajectory parameters
Position range............................................ ±231 steps
Maximum relative move size .................... ±231 steps
Velocity range............................................ 1 to 4,000,000 steps/s
Acceleration/deceleration................................ 61 to 128,000,000 steps/s2
System Safety
Watchdog timer function ................................. Resets board to startup state
Shutdown input ................................................ Disable all axes and command outputs
Motion I/O
Stepper outputs
Maximum pulse rate ................................. 4 MHz (full, half, and microstep)
Step output mode...................................... Step and direction or CW/CCW
Encoder inputs.................................................. Quadrature, incremental, single-ended
Maximum count rate ................................. 20 MHz
Forward, reverse, and home inputs
Number of inputs....................................... 3 per axis
Control ....................................................... Individual enable/disable, stop on input, prevent motion,
find home
Trigger inputs.................................................... 1 per axis
Maximum repetitive capture rate ............. 150 Hz
Breakpoint outputs
Number of outputs .................................... 1 per axis, programmable polarity
Inhibit/enable output
Number of outputs .................................... 1 per axis, programmable polarity
Analog inputs ................................................... 12-bit resolution, ±10 V range, 50 µs scan rate
Digital I/O
Ports.................................................................. 4, 8-bit TTL ports, bit configurable,
sink or source 24 mA
Open-loop PWM outputs
Number of PWM outputs .......................... 2
Clock sources............................................. Internal or external
Power Requirements
+5 VDC (±3%) ................................................... 1 A
+12 VDC (±3%) ................................................. 30 mA
-12 VDC (±3%).................................................. 30 mA
Power consumption.......................................... 5.7 W, maximum
Physical
PCI ................................................................... 17.5 by 9.9 cm (6.9 by 3.9 in.)
PXI ................................................................... 16 by 10 cm (6.3 by 3.9 in)
Connectors
Motion I/O connector ................................ 68-pin female high-density VHDCI type
Digital I/O connector ................................. 68-pin female high-density VHDCI type
Environment
Operating temperature..................................... 0 to 55 °C
Storage temperature ........................................ -20 to 70 °C
Relative humidity range ................................... 10 to 90% (noncondensing)
Specifications
Technical Support for Motion Software
As a complement to your motion software product, consider:
Technical Support – FREE through applications engineers
worldwide, Web resources, and Premier Support – ni.com/support
Motion Control Fundamentals Training – Instructor-led
courses – ni.com/training
Professional Services – Feasibility, consulting, and integration
through our Alliance Program members – ni.com/alliance
For more information on NI services and support, visit ni.com/services


Similar Part No. - NIPXI-7334

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPXI-7342 NI-NIPXI-7342 Datasheet
217Kb / 4P
   Mid-Range Stepper/Servo Motion Controllers
NIPXI-7344 NI-NIPXI-7344 Datasheet
217Kb / 4P
   Mid-Range Stepper/Servo Motion Controllers
NIPXI-7352 NI-NIPXI-7352 Datasheet
209Kb / 5P
   High-Performance Stepper/Servo Motion Controllers
NIPXI-7354 NI-NIPXI-7354 Datasheet
209Kb / 5P
   High-Performance Stepper/Servo Motion Controllers
NIPXI-7356 NI-NIPXI-7356 Datasheet
209Kb / 5P
   High-Performance Stepper/Servo Motion Controllers
More results

Similar Description - NIPXI-7334

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI734X NI-NI734X Datasheet
217Kb / 4P
   Mid-Range Stepper/Servo Motion Controllers
NI735X NI-NI735X Datasheet
209Kb / 5P
   High-Performance Stepper/Servo Motion Controllers
logo
Nippon Pulse America, I...
PCD46X1A NPM-PCD46X1A Datasheet
657Kb / 2P
   Economical Motion Controllers for Stepper Motors
logo
Adlink Technology Inc.
PCIE-8158 ADLINK-PCIE-8158 Datasheet
171Kb / 2P
   Advanced 8/4-axis Servo & Stepper Motion Controllers
logo
TRINAMIC Motion Control...
TMC248 TRINAMIC-TMC248 Datasheet
1Mb / 40P
   Low-cost stepper driver
logo
Adlink Technology Inc.
PCI-8164 ADLINK-PCI-8164 Datasheet
494Kb / 1P
   Advanced 4-axis Servo & Stepper Motion Controllers with High-Speed Triggering
PCI-8158 ADLINK-PCI-8158 Datasheet
361Kb / 2P
   Advanced 8/4-axis Servo & Stepper Motion Controllers with Modular Design
logo
STMicroelectronics
L297D013TR STMICROELECTRONICS-L297D013TR Datasheet
173Kb / 11P
   STEPPER MOTOR CONTROLLERS
logo
Maxim Integrated Produc...
MAX1953EVKIT MAXIM-MAX1953EVKIT Datasheet
174Kb / 7P
   Low-Cost Current-Mode Controllers
Rev 0; 10/05
logo
STMicroelectronics
L297 STMICROELECTRONICS-L297 Datasheet
102Kb / 11P
   STEPPER MOTOR CONTROLLERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com