Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NI6033E Datasheet(PDF) 1 Page - National Instruments Corporation

Part # NI6033E
Description  Full-Featured E Series Multifunction DAQ 12 or 16-Bit, up to 1.25 MS/s, up to 64 Analog Inputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NI6033E Datasheet(HTML) 1 Page - National Instruments Corporation

  NI6033E Datasheet HTML 1Page - National Instruments Corporation NI6033E Datasheet HTML 2Page - National Instruments Corporation NI6033E Datasheet HTML 3Page - National Instruments Corporation NI6033E Datasheet HTML 4Page - National Instruments Corporation NI6033E Datasheet HTML 5Page - National Instruments Corporation NI6033E Datasheet HTML 6Page - National Instruments Corporation NI6033E Datasheet HTML 7Page - National Instruments Corporation NI6033E Datasheet HTML 8Page - National Instruments Corporation NI6033E Datasheet HTML 9Page - National Instruments Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Overview and Applications
NI Full-Featured E Series devices are the fastest and the most accurate
multiplexed data acquisition devices available. They are ideal for
applications ranging from continuous high-speed data logging to
control applications to high voltage signal or sensor measurements
when used with NI signal conditioning. Synchronize the operations
of multiple devices using the RTSI bus or PXI trigger bus and easily
integrate other hardware such as motion control and machine vision
to create an entire measurement and control system.
Visit ni.com/oem for information on our
quantity discounts for OEM customers.
Highly Accurate Hardware Design
NI Full-Featured E Series DAQ devices includethe following features
and technologies:
Temperature Drift Protection Circuitry – Designed with components
that minimize the effect of temperature changes on measurements to
less than 0.0006% of reading per °C.
Resolution-Improvement Technologies – Carefully designed noise
floor maximizes resolution.
Onboard Self-Calibration – Precise voltage reference included
for calibration and measurement accuracy. Self-calibration is
completely software controlled, with no potentiometers to adjust.
NI DAQ-STC – Timing and control ASIC designed to provide more
flexibility, lower power consumption, and a higher immunity to noise
and jitter than off-the-shelf counter/timer chips.
• 16 or 64 analog inputs at up to
1.25 MS/s, 12 or 16-bit resolution
•2 analog outputs at up to 1 MS/s,
12 or 16-bit resolution
•8 digital I/O lines (TTL/CMOS);
two 24-bit counter/timers
•Analog and digital triggering
• 14 or 15 analog input signal ranges
• NI-DAQ driver simplifies
configuration and measurements
Families
• NI 6071E
• NI 6070E
• NI 6062E
• NI 6052E
• NI 6040E
• NI 6033E
• NI 6032E
• NI 6031E
• NI 6030E
• NI 6020E (only digital triggering)
Operating Systems
•Windows 2000/NT/XP
•Real-time performance with
LabVIEW (page 134)
•Others such as Linux and Mac OS X
(page 187)
Recommended Software
• LabVIEW
• LabWindows/CVI
•Measurement Studio
• VI Logger
Other Compatible Software
•Visual Basic, C/C++, and C#
Driver Software (included)
• NI-DAQ 7
Calibration Certificate Included
See page 21.
E Series – Full-Featured
Full-Featured E Series Multifunction DAQ
12 or 16-Bit, up to 1.25 MS/s, up to 64 Analog Inputs
199
National Instruments • Tel: (800) 433-3488 • Fax: (512) 683-9300 • info@ni.com • ni.com
Analog
Input
Max
Input
Analog
Output
Output
Output
Family
Bus
Inputs
Resolution
Sampling Rate
Range
Outputs
Resolution
Rate
Range
Digital I/O
Counter/Timers
Triggers
NI 6071E
PCI, PXI
64 SE/32 DI
12 bits
1.25 MS/s
±0.05 to ±10 V
2
12 bits
1 MS/s
±10 V
8
2, 24-bit
Analog, digital
NI 6070E
PCI, PXI, FireWire
16 SE/8 DI
12 bits
1.25 MS/s
±0.05 to ±10 V
2
12 bits
1 MS/s
±10 V
8
2, 24-bit
Analog, digital
NI 6062E
PCMCIA
16 SE/8 DI
12 bits
500 kS/s
±0.05 to ±10 V
2
12 bits
850 kS/s
±10 V
8
2, 24-bit
Analog, digital
NI 6052E
PCI, PXI, FireWire
16 SE/8 DI
16 bits
333 kS/s
±0.05 to ±10 V
2
16 bits
333 kS/s
±10 V
8
2, 24-bit
Analog, digital
NI 6040E
PCI, PXI
16 SE/8 DI
12 bits
500 kS/s
±0.05 to ±10 V
2
12 bits
1 MS/s
±10 V
8
2, 24-bit
Analog, digital
NI 6033E
PCI
64 SE/32 DI
16 bits
100 kS/s
±0.1 to ±10 V
0
-
-
-
8
2, 24-bit
Analog, digital
NI 6032E
PCI
16 SE/8 DI
16 bits
100 kS/s
±0.1 to ±10 V
0
-
-
-
8
2, 24-bit
Analog, digital
NI 6031E
PCI, PXI
64 SE/32 DI
16 bits
100 kS/s
±0.1 to ±10 V
2
16 bits
100 kS/s
±10 V
8
2, 24-bit
Analog, digital
NI 6030E
PCI, PXI
16 SE/8 DI
16 bits
100 kS/s
±0.1 to ±10 V
2
16 bits
100 kS/s
±10 V
8
2, 24-bit
Analog, digital
NI 6020E
NI USB
16 SE/8 DI
12 bits
100 kS/s
±0.05 to ±10 V
2
12 bits
20 S/s
±10 V
8
2, 24-bit
Digital
Table 1. NI Full-Featured E Series Model Guide (See page 228 for detailed specifications.)


Similar Part No. - NI6033E

ManufacturerPart #DatasheetDescription
logo
Omega Engineering, Inc.
NI60 OMEGA-NI60 Datasheet
146Kb / 1P
   Resistance Heating Wire Nickel-Chromium Alloy
logo
Turck, Inc.
NI60-K90-AZ3X-B2131 TURCK-NI60-K90-AZ3X-B2131 Datasheet
239Kb / 2P
   Inductive Sensor
11/07/2023
NI60-K90-RZ3X-B2131 TURCK-NI60-K90-RZ3X-B2131 Datasheet
240Kb / 2P
   Inductive Sensor
11/07/2023
NI60-K90-VN4X-B2141 TURCK-NI60-K90-VN4X-B2141 Datasheet
227Kb / 2P
   Inductive Sensor
11/07/2023
NI60-K90-VP4X-B2141 TURCK-NI60-K90-VP4X-B2141 Datasheet
224Kb / 2P
   Inductive Sensor
11/07/2023
More results

Similar Description - NI6033E

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
777666-01 NI-777666-01 Datasheet
446Kb / 4P
   Portable E Series Multifunction DAQ 12 or 16-Bit, up to 1.25 MS/s, 16 Analog Inputs
NI6123 NI-NI6123 Datasheet
633Kb / 7P
   S Series Multifunction DAQ-up to 16-Bit, up to 3 MS/s per Channel, up to 8 Analog Inputs
NI6120 NI-NI6120 Datasheet
582Kb / 8P
   S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
778397-01 NI-778397-01 Datasheet
582Kb / 8P
   S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
778465-01 NI-778465-01 Datasheet
536Kb / 4P
   Low-Cost E Series Multifunction DAQ-12 or 16-Bit, 200 kS/s, 16 Analog Inputs
logo
List of Unclassifed Man...
DAQ-2200 ETC2-DAQ-2200 Datasheet
357Kb / 2P
   64-CH 12/16-Bit Up to 3 MS/s Multi-Function DAQ Cards
logo
Adlink Technology Inc.
PXI-2204 ADLINK-PXI-2204 Datasheet
208Kb / 1P
   64-CH 12/16-Bit Up to 3 MS/s Multi-Function DAQ Cards
logo
National Instruments Co...
NIPXIE-6124 NI-NIPXIE-6124 Datasheet
326Kb / 7P
   S Series Simultaneous Sampling Multifunction DAQ 16-Bit, 4 MS/s per Channel, 4 Analog Inputs
logo
Advantech Co., Ltd.
PCI-1712 ADVANTECH-PCI-1712_15 Datasheet
204Kb / 1P
   1 MS/s, 12-bit, 16-ch PCI Multifunction DAQ Card
logo
National Instruments Co...
778913-01 NI-778913-01 Datasheet
556Kb / 7P
   S Series Multifunction DAQ 16-Bit, 250 kS/s/Channel, 8 Analog Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com