Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NIPCI-67221 Datasheet(PDF) 6 Page - National Instruments Corporation

Part # NIPCI-67221
Description  High-Speed Voltage Output - up to 1 MS/s/Channel,up to 16 Bits, up to 32 Channels
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPCI-67221 Datasheet(HTML) 6 Page - National Instruments Corporation

  NIPCI-67221 Datasheet HTML 1Page - National Instruments Corporation NIPCI-67221 Datasheet HTML 2Page - National Instruments Corporation NIPCI-67221 Datasheet HTML 3Page - National Instruments Corporation NIPCI-67221 Datasheet HTML 4Page - National Instruments Corporation NIPCI-67221 Datasheet HTML 5Page - National Instruments Corporation NIPCI-67221 Datasheet HTML 6Page - National Instruments Corporation NIPCI-67221 Datasheet HTML 7Page - National Instruments Corporation NIPCI-67221 Datasheet HTML 8Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
High-Speed Voltage Output – up to 1 MS/s/Channel, up to 16 Bits, up to 32 Channels
6
BUY ONLINE at ni.com or CALL (800) 813 3693 (U.S.)
Timing I/O
Number of channels
Up/down counter/timers ................
2
Frequency scaler.............................
1
Resolution
Up/down counter/timers ................
24 bits
Frequency scaler.............................
4 bits
Compatibility .......................................
5 V TTL/CMOS
Digital logic levels
Data transfers
Up/down counter/timers ................
DMA (scatter-gather), interrupts,
programmed I/O
Frequency scaler.............................
Programmed I/O
Digital Trigger
Purpose
Analog output .................................
Start trigger, gate, clock
Counter/timers................................
Source, gate
Source .................................................
PFI <0...9>
Compatibility .......................................
5 V TTL
Response.............................................
Rising or falling edge
For more detailed specifications, please refer to the product manual.
High-Speed Voltage Output
Cables and Accessories
Recommended Configurations
• Shielded options for minimal noise interference
• Direct connectivity options such as BNC
• Low-cost options for OEM
• Front-mount terminal block for PXI
• Custom connectivity with the CA-1000
I/O Connector Blocks
BNC-2110 – Shielded I/O connector block with signal-labeled BNC
connectors for easy connectivity of your analog output (AO), digital I/O
(DIO), and counter/timer signals.
BNC-2110..............................................................................777643-01
Dimensions – 20.3 by 11.2 by 5.5 cm (8.0 by 4.4 by 2.2 in.)
BNC-2115 – Shielded I/O connector block with signal-labeled BNC
connectors for easy connectivity of your extended analog output on
NI 6723 devices.
BNC-2115..............................................................................777807-01
Dimensions – 20.3 by 11.2 by 5.5 cm (8.0 by 4.4 by 2.2 in.)
SCB-68 – Shielded I/O connector blocks giving you rugged, very low-noise
signal termination. The SCB-68 also houses silk-screened component
locations for easy addition of simple signal conditioning circuitry for
your AO channels.
SCB-68 ..................................................................................776844-01
Dimensions – 19.5 by 15.2 by 4.5 cm (7.7 by 6.0 by 1.8 in.)
CA-1000 – Configurable enclosure that gives you user-defined
connectivity and flexibility through customized panelettes.
CA-1000 ..............................................................................777664-01
Dimensions – 30.7 by 25.4 by 4.3 cm (12.1 by 10 by 1.7 in.)
TBX-68 – 68 screw terminals for easy connection of field signals to
68-pin DAQ devices. It includes one 68-pin male connector for direct
connection to 68-pin cables. The TBX-68 is mounted in a protective
plastic base with hardware for mounting on a standard DIN rail.
TBX-68 ..................................................................................777141-01
Dimensions – 12.50 by 10.74 cm (4.92 by 4.23 in.)
CB-68LP, CB-68LPR – 68 screw terminals for easy connection of field
signals to AO devices. They include one 68-pin male connector for direct
connection to 68-pin cables. The connector blocks include standoffs for
use on a desktop or for mounting in a custom panel. The CB-68LP has a
vertical mounted 68-pin connector. The CB-68LPR has a right-angle
mounted connector and can also be used with the CA-1000.
CB-68LP ................................................................................777145-01
Dimensions – 14.35 by 10.74 cm (5.65 by 4.23 in.)
Dimensions – 7.62 by 16.19 cm (3.00 by 6.36 in.)
TB-2705 – 68-pin screw-terminal block for PXI-671x and PXI-673x
modules. Latches to the front of your PXI module with locking screws
and provides strain relief as well as easy access to your analog, digital,
Level
Min
Max
Input low voltage
0.0 V
0.8 V
Input high voltage
2.0 V
5.0 V
Output low voltage (Iout = 5 mA)
0.4 V
Output high voltage (Iout = -3.5 mA)
4.35 V
Model
Shielding
Connect to …
Cable
Accessory
NI 673x,
NI 671x
Shielded
BNC
SH68-68-EP
BNC-2110
Shielded
Screw terminals
SH68-68-EP
SCB-68 or TBX-68
Shielded
Screw terminals
TB-2705 (PXI)
Shielded
Custom
SH68-68-EP
CA-1000
Unshielded Screw terminals
R6868
CB-68LP or CB-68LPR
NI 6723
Shielded
BNC
2 SH68-C68-S
BNC-2110 and BNC-2115
Shielded
Screw terminals
2 SH68-C68-S
2 SCB-68 or TBX-68
Shielded
Custom
2 SH68-C68-S
2 CA-1000
NI 6722
Shielded
BNC
SH68-C68-S
BNC-2110
Shielded
Screw terminals
SH68-C68-S
SCB-68
Shielded
Custom
SH68-C68-S
CA-1000
Unshielded Screw terminals
RC68-68
CB-68LP or CB-68LPR
DAQCard-6715
Shielded
BNC
SHC68-68-EPM
BNC-2110
Shielded
Screw terminals
SHC68-68-EPM
SCB-68
Shielded
Custom
SHC68-68-EPM
CA-1000
Unshielded Screw terminals
RC68-68
CB-68LP or CB-68LPR


Similar Part No. - NIPCI-67221

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPCI-6703 NI-NIPCI-6703 Datasheet
349Kb / 4P
   Software-Timed Analog Output-16-Bit, 16 or 32 Channels
NIPCI-6704 NI-NIPCI-6704 Datasheet
349Kb / 4P
   Software-Timed Analog Output-16-Bit, 16 or 32 Channels
More results

Similar Description - NIPCI-67221

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
777740-01 NI-777740-01 Datasheet
446Kb / 8P
   High-Speed Voltage Output- up to 1 MS/s/Channel, up to 16-Bit, up to 32 Channels
NI6123 NI-NI6123 Datasheet
633Kb / 7P
   S Series Multifunction DAQ-up to 16-Bit, up to 3 MS/s per Channel, up to 8 Analog Inputs
logo
Analog Devices
ADUCM322 AD-ADUCM322 Datasheet
565Kb / 24P
   Up to 16 ADC input channels
logo
Lowpower Semiconductor ...
LP6250 POWER-LP6250 Datasheet
399Kb / 8P
   2.1A Synchronous Current Boost DC/DC Regulator
Sep.-2010
logo
A-Data Technology
DDR2 A-DATA-DDR2 Datasheet
372Kb / 2P
   High speed up to 800MHz
DDR3L A-DATA-DDR3L Datasheet
438Kb / 2P
   High speed up to 1600MHz
DDR42400SO-DIMM A-DATA-DDR42400SO-DIMM Datasheet
401Kb / 2P
   High speed up to 2400MHz
DDR42400 A-DATA-DDR42400 Datasheet
394Kb / 2P
   High speed up to 2400MHz
DDR3 A-DATA-DDR3 Datasheet
434Kb / 2P
   High speed up to 1600MHz
DDR42133 A-DATA-DDR42133 Datasheet
401Kb / 2P
   High speed up to 2133MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com