Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NI6733 Datasheet(PDF) 2 Page - National Instruments Corporation

Part # NI6733
Description  High-Speed Voltage Output - up to 1 MS/s/Channel,up to 16 Bits, up to 32 Channels
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NI6733 Datasheet(HTML) 2 Page - National Instruments Corporation

  NI6733 Datasheet HTML 1Page - National Instruments Corporation NI6733 Datasheet HTML 2Page - National Instruments Corporation NI6733 Datasheet HTML 3Page - National Instruments Corporation NI6733 Datasheet HTML 4Page - National Instruments Corporation NI6733 Datasheet HTML 5Page - National Instruments Corporation NI6733 Datasheet HTML 6Page - National Instruments Corporation NI6733 Datasheet HTML 7Page - National Instruments Corporation NI6733 Datasheet HTML 8Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
and software. Each high-speed voltage output device offers multichannel
simultaneous updates and hardware-timed single-point updates.
Multidevice Synchronization
Each high-speed voltage output device offers the ability to be master or
slave of a multidevice timing and triggering system. Use integration
technologies such as the RTSI bus, PXI trigger bus, and PFI pins to trigger
and synchronize to a wide variety of I/O types. These I/O types range
from analog input, image acquisition, motion control, and high-speed
digitizers to multifunction data acquisition devices. With these
integration infrastructures, you can create powerful, custom test and
control systems with ease.
Measurement Services Software
National Instruments measurement services software, built around
NI-DAQmx driver software, features intuitive application programming
interfaces, configuration tools, I/O assistants, and other tools designed
to reduce system setup, configuration, and development time. This software,
part of your data acquisition purchase, includes helpful features such as:
Automatic Code Generation – DAQ Assistant is an interactive guide
that helps you navigate through configuring, testing, and programming
analog output tasks and automatically generates the necessary code
for NI LabVIEW, LabWindows/CVI, or Measurement Studio.
Cleaner Code Development – Basic and advanced software functions
have been combined into one easy-to-use yet powerful set to help you
build cleaner code and move from basic to advanced applications
without replacing functions.
High-Performance Driver Engine – NI-DAQmx delivers maximum
I/O system throughput with a multithreaded driver.
Test Panels – With the Measurement & Automation Explorer
configuration utility, you can test all of your module functionality
before you begin development.
Scaled Channels – Easily scale your voltage data into the proper
engineering units using the NI-DAQmx measurement-ready virtual
channels by choosing from a list of common sensors and signals or
creating your own custom scale.
LabVIEW Integration – All NI-DAQmx functions create the waveform
data type, which carries acquired data and timing information directly
into more than 400 LabVIEW built-in analysis routines for display of
results in engineering units on a graph.
NI-DAQmx Base Driver
NI-DAQmx Base (available at ni.com/downloads) offers Mac OS X and
Linux users a programming interface similar to NI-DAQmx. It features
ready-to-use LabVIEW VIs and C function features similar to those
included in NI-DAQmx driver software.
High-Speed Voltage Output – up to 1 MS/s/Channel, up to 16 Bits, up to 32 Channels
2
BUY ONLINE at ni.com or CALL (800) 813 3693 (U.S.)
Figure 1. NI 671x and NI 673x I/O Connector
FREQ_OUT
CTR_0_OUTT
PFI_9/CTR_0_GATE
D_GND
PFI_6/AO_START_TRIG
PFI_5/AO_SAMP_CLK
D_GND
+5 V
DBND
PFI_1
PFI_0
D_GND
D_GND
+5 V
D_GND
PO6
PO1
D_GND
PO4
EXTREF
AO_1
AO_0
AO_GND
AO_GND
AO_3
AO_GND
AO_GND
AO_51
AO_GND
AO_61
AO_GND
AO_GND
NC
AO_GND
D_GND
1 No Connect on 6711 or 6731
PFI_8/CTR_0_SOURCE
PFI_7
CTR_1_OUT
PFI_4/ CTR_1_GATE
PFI_3/ CTR_1_SOURCE
PFI_2
D_GND
D_GND
D_GND
EXTSTROBE
NC
PO3
PO7
DIO2
D_GND
PO5
DIO0
D_GND
AO_GND
AO_GND
AO_GND
AO_2
AOGND
AO_GND
AO_4
AO_GND
NC
AO_GND
AO_GND
AO_71
AO_GND
AO_GND
NC
135
236
337
438
539
640
741
842
943
10
44
11
45
1246
13
47
14
48
15
49
16
50
17
51
18
52
19
53
20
54
21
55
22
56
23
57
24
58
25
59
2660
27
61
28
62
29
63
30
64
3165
3266
33
67
34
68


Similar Part No. - NI6733

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI6703 NI-NI6703 Datasheet
349Kb / 4P
   Software-Timed Analog Output-16-Bit, 16 or 32 Channels
NI6704 NI-NI6704 Datasheet
349Kb / 4P
   Software-Timed Analog Output-16-Bit, 16 or 32 Channels
NI670X NI-NI670X Datasheet
349Kb / 4P
   Software-Timed Analog Output-16-Bit, 16 or 32 Channels
More results

Similar Description - NI6733

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
777740-01 NI-777740-01 Datasheet
446Kb / 8P
   High-Speed Voltage Output- up to 1 MS/s/Channel, up to 16-Bit, up to 32 Channels
NI6123 NI-NI6123 Datasheet
633Kb / 7P
   S Series Multifunction DAQ-up to 16-Bit, up to 3 MS/s per Channel, up to 8 Analog Inputs
logo
Analog Devices
ADUCM322 AD-ADUCM322 Datasheet
565Kb / 24P
   Up to 16 ADC input channels
logo
Lowpower Semiconductor ...
LP6250 POWER-LP6250 Datasheet
399Kb / 8P
   2.1A Synchronous Current Boost DC/DC Regulator
Sep.-2010
logo
A-Data Technology
DDR2 A-DATA-DDR2 Datasheet
372Kb / 2P
   High speed up to 800MHz
DDR3L A-DATA-DDR3L Datasheet
438Kb / 2P
   High speed up to 1600MHz
DDR42400SO-DIMM A-DATA-DDR42400SO-DIMM Datasheet
401Kb / 2P
   High speed up to 2400MHz
DDR42400 A-DATA-DDR42400 Datasheet
394Kb / 2P
   High speed up to 2400MHz
DDR3 A-DATA-DDR3 Datasheet
434Kb / 2P
   High speed up to 1600MHz
DDR42133 A-DATA-DDR42133 Datasheet
401Kb / 2P
   High speed up to 2133MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com