Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NIPCI-6601 Datasheet(PDF) 5 Page - National Instruments Corporation

Part # NIPCI-6601
Description  32-Bit Counter/Timers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPCI-6601 Datasheet(HTML) 5 Page - National Instruments Corporation

  NIPCI-6601 Datasheet HTML 1Page - National Instruments Corporation NIPCI-6601 Datasheet HTML 2Page - National Instruments Corporation NIPCI-6601 Datasheet HTML 3Page - National Instruments Corporation NIPCI-6601 Datasheet HTML 4Page - National Instruments Corporation NIPCI-6601 Datasheet HTML 5Page - National Instruments Corporation NIPCI-6601 Datasheet HTML 6Page - National Instruments Corporation NIPCI-6601 Datasheet HTML 7Page - National Instruments Corporation NIPCI-6601 Datasheet HTML 8Page - National Instruments Corporation NIPCI-6601 Datasheet HTML 9Page - National Instruments Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
390 National Instruments • Tel: (800) 433-3488 • Fax: (512) 683-9300 • info@ni.com • ni.com
Accessory and Cable Selection Process
Step 1. Select your counter/timer device from Tables 1 and 2.
Step 2. Using Tables 1 and 2 as a guide, determine which accessories are appropriate
for that device. Select an accessory using Table 3 as reference.
Step 3. Using Tables 1 and 2, determine the appropriate cable solution for your
selected counter/timer device and accessory.
Accessories
BNC-2121 (See Figure 1)
Connector block with BNC and spring terminal connections for easy connection of
I/O signals to counter/timer devices. The BNC-2121 offers spring terminals, as well
as eight dedicated and six user-defined BNC connectors, which provide access to all
I/O signals. This connector block is also a full-featured test accessory that provides
pulse-train, trigger, and quadrature encoder signals. For the connections, refer to
the BNC-2121 user guide at ni.com/manuals
BNC-2121 ......................................................................................................778289-01
Dimensions – 26.7 by 11.2 by 5.5 cm (8.0 by 4.4 by 2.2 in.)
CA-1000 (See Figure 2)
Configurable signal connectivity solution for connecting counter/timers to different
types of standard I/O connectors. You can also incorporate switches and LED
indicators. You can place the CA-1000 under a laptop PC, on a benchtop, or in a
19 in. rack.
CA-1000 ......................................................................................................See page 351
Dimensions – 30.7 by 25.4 by 4.3 cm (12.1 by 10 by 1.7 in.)
Counter/Timer Accessories and Cables
Figure 2. CA-1000 Configurable Signal Conditioning Solution
Figure 1. BNC-2121 Connector Block
Accessory
Description
Page
BNC-2121
BNC connector block with built-in test features
390
CA-1000
Configurable connector accessory
390
SCB-68
Shielded screw connector block
391
TB-2715
Front-mount terminal block for PXI-660x
391
TBX-68
DIN-rail connector block
391
CB-68LP
Low-cost screw connector block
391
CB-68LPR
Low-cost screw connector block
391
Table 1. Accessories and Cables for PXI-6601 and PCI-6602
Table 2. Accessories and Cables for PXI-6602 and PXI-6608
Table 3. Overview of Accessories
PCI-6601, PCI-6602
Accessories
Cables
BNC-2121, CA-1000, SCB-68,
TBX-68, CB-68LP, and CB-68LPR
R6868 or SH68-68-D1
TB-2715
N/A
PXI-6602, PXI-6608
Accessories
Cables
BNC-2121, CA-1000, SCB-68,
TBX-68, CB-68LP, and CB-68LPR
R6868 or SH68-68-D1
TB-2715
Connects directly to the device


Similar Part No. - NIPCI-6601

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPCI-6624 NI-NIPCI-6624 Datasheet
343Kb / 4P
   Industrial, Channel-Channel Isolated,32-Bit Counter/Timers
More results

Similar Description - NIPCI-6601

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI6624 NI-NI6624 Datasheet
343Kb / 4P
   Industrial, Channel-Channel Isolated,32-Bit Counter/Timers
logo
Mitsubishi Electric Sem...
M58479P MITSUBISHI-M58479P Datasheet
235Kb / 4P
   CMOS COUNTER/TIMERS
logo
Dallas Semiconductor
DS1371 DALLAS-DS1371_07 Datasheet
498Kb / 15P
   I2C, 32-Bit Binary Counter
logo
Maxim Integrated Produc...
DS1672 MAXIM-DS1672_11 Datasheet
197Kb / 15P
   I2C 32-Bit Binary Counter RTC
Rev 9/11
DS1672 MAXIM-DS1672 Datasheet
514Kb / 15P
   I2C 32-Bit Binary Counter RTC
REV: 031406
logo
Keysight Technologies
53220A KEYSIGHT-53220A Datasheet
1Mb / 24P
   RF/Universal Frequency Counter/Timers
53210A KEYSIGHT-53210A Datasheet
1Mb / 24P
   RF/Universal Frequency Counter/Timers
53230A KEYSIGHT-53230A Datasheet
1Mb / 24P
   RF/Universal Frequency Counter/Timers
logo
LSI Computer Systems
LS7366R LSI-LS7366R_14 Datasheet
716Kb / 17P
   32-BIT QUADRATURE COUNTER WITH SERIAL INTERFACE
LS7366 LSI-LS7366 Datasheet
83Kb / 10P
   32 BIT QUADRATURE COUNTER WITH SERIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com