Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2939HMS Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2939HMS
Description  Confi gurable 4- and 6-Supply Monitors with Watchdog Timer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2939HMS Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2939HMS Datasheet HTML 7Page - Linear Technology LTC2939HMS Datasheet HTML 8Page - Linear Technology LTC2939HMS Datasheet HTML 9Page - Linear Technology LTC2939HMS Datasheet HTML 10Page - Linear Technology LTC2939HMS Datasheet HTML 11Page - Linear Technology LTC2939HMS Datasheet HTML 12Page - Linear Technology LTC2939HMS Datasheet HTML 13Page - Linear Technology LTC2939HMS Datasheet HTML 14Page - Linear Technology LTC2939HMS Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC2938/LTC2939
11
293839ff
APPLICATIONS INFORMATION
A less accurate supervisor increases the required system
voltage margin and increases the probability of system
malfunction. The LTC2938 and LTC2939 ±1.5% specifica-
tion improves the reliability of the system over supervisors
with wider threshold tolerances.
Monitor Configuration
Select the LTC2938/LTC2939 input voltage combination
by placing the recommended resistive divider from VREF
to GND and connect the tap point to VPG, as shown in
Figure 2.
Table 1 offers recommended 1% resistor values for the
various modes. The rightmost column in Table 1 specifies
optimum VPG/VREF ratios (±0.01), when configuring with
a ratiometric DAC.
Table 1. Voltage Threshold Modes
MODE
V1 (V)
V2 (V)
V3 (V)
V4 (V)
R1 (kΩ)
R2 (kΩ)
VPG/VREF
0
5
3.3
ADJ
ADJ
Open
Short
0
1
5
3.3
ADJ
–ADJ
93.1
9.53
0.094
2
3.3
2.5
ADJ
ADJ
86.6
16.2
0.156
3
3.3
2.5
ADJ
–ADJ
78.7
22.1
0.219
4
3.3
1.8
1.5
ADJ
71.5
28
0.281
5
5
3.3
2.5
ADJ
66.5
34.8
0.344
6
5
3.3
2.5
1.8
59
40.2
0.406
7
3.3
1.8
1.5
1.2
53.6
47.5
0.469
8
3.3
1.8
1.2
ADJ
47.5
53.6
0.531
9
3.3
1.8
ADJ
ADJ
40.2
59
0.594
10
3.3
2.5
1.8
1.5
34.8
66.5
0.656
11
3.3
2.5
1.8
ADJ
28
71.5
0.719
12
3.3
1.8
ADJ
–ADJ
22.1
78.7
0.781
13
3.3
1.5
ADJ
ADJ
16.2
86.6
0.844
14
5
3.3
1.8
ADJ
9.53
93.1
0.906
15
3.3
1.2
ADJ
ADJ
Short
Open
1
Upon power-up, the LTC2938 or LTC2939 enters a con-
figuration period of approximately 150μs during which
the voltage on the VPG input is sampled and the monitor
is configured to the desired input combination. Do not
add capacitance to the VPG input. Immediately after
programming, the comparators are enabled and supply
monitoring begins.
Figure 2. Monitor Programming
R1
1%
R2
1%
293839 F02
VREF
VPG
GND
LTC2938/
LTC2939


Similar Part No. - LTC2939HMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2939 LINER-LTC2939 Datasheet
259Kb / 20P
   Confi gurable 4- and 6-Supply Monitors with Watchdog Timer
LTC2939 LINER-LTC2939_15 Datasheet
259Kb / 20P
   Confi gurable 4- and 6-Supply Monitors with Watchdog Timer
More results

Similar Description - LTC2939HMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2938 LINER-LTC2938_15 Datasheet
259Kb / 20P
   Confi gurable 4- and 6-Supply Monitors with Watchdog Timer
LTC2939 LINER-LTC2939_15 Datasheet
259Kb / 20P
   Confi gurable 4- and 6-Supply Monitors with Watchdog Timer
LTC2932 LINER-LTC2932_15 Datasheet
245Kb / 16P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer and Supply Tolerance
LTC2931 LINER-LTC2931 Datasheet
279Kb / 16P
   Confi gurable Six Supply Monitor with Adjustable Reset and Watchdog Timers
LTC2932 LINER-LTC2932 Datasheet
249Kb / 16P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer and Supply Tolerance
LTC2931 LINER-LTC2931_15 Datasheet
269Kb / 16P
   Confi gurable Six Supply Monitor with Adjustable Reset and Watchdog Timers
LTC2930 LINER-LTC2930_15 Datasheet
169Kb / 12P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer, Manual Reset
LTC2930 LINER-LTC2930 Datasheet
179Kb / 12P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer, Manual Reset
logo
NXP Semiconductors
FS5600 NXP-FS5600 Datasheet
2Mb / 111P
   Automotive buck regulator and controller with voltage monitors and watchdog timer
Rev. 3 - 2 August 2022
logo
Mitsubishi Electric Sem...
M62055FP MITSUBISHI-M62055FP Datasheet
87Kb / 6P
   3V POWER SUPPLY with WATCHDOG TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com