Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2938IMS Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2938IMS
Description  Confi gurable 4- and 6-Supply Monitors with Watchdog Timer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2938IMS Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2938IMS Datasheet HTML 6Page - Linear Technology LTC2938IMS Datasheet HTML 7Page - Linear Technology LTC2938IMS Datasheet HTML 8Page - Linear Technology LTC2938IMS Datasheet HTML 9Page - Linear Technology LTC2938IMS Datasheet HTML 10Page - Linear Technology LTC2938IMS Datasheet HTML 11Page - Linear Technology LTC2938IMS Datasheet HTML 12Page - Linear Technology LTC2938IMS Datasheet HTML 13Page - Linear Technology LTC2938IMS Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTC2938/LTC2939
10
293839ff
Supply Monitoring
The LTC2938 and LTC2939 are low power, high accuracy
configurable four (LTC2938) and six (LTC2939) supply
monitoring circuits with reset output and watchdog func-
tions. Both watchdog and reset timeouts are adjustable
using external capacitors. Single-pin configuration selects
one of sixteen input voltage monitor combinations. All four
(LTC2938) or six (LTC2939) voltage inputs must be above
predetermined thresholds for the reset not to be invoked.
The LTC2938/LTC2939 assert the reset during power-up,
power-down and brownout conditions on any one of the
voltage inputs.
Power-Up
The greater of V1 or V2 serves as the internal supply
voltage (VCC). On power-up, VCC powers the drive circuits
for the RST output. This ensures that the RST output will
be low as soon as V1 or V2 reaches 1V. The RST output
remains low until the part is configured. After configura-
tion, if any one of the supply monitor inputs is below its
configured threshold, RST will be at logic low. Once all
the monitor inputs rise above their thresholds, an internal
timer is started and RST is released after the configured
delay time.
APPLICATIONS INFORMATION
Figure 1. 1.5% Threshold Accuracy Improves System Reliability
Threshold Accuracy
Consider a 5V system with ±5% tolerance. The 5V supply
may vary between 4.75V to 5.25V. System ICs powered by
this supply must operate reliably within this band (and a
little more as subsequently explained). A perfectly accurate
supervisor for this supply generates a reset at exactly
4.75V. However, no supervisor is perfect. The actual reset
threshold of a supervisor varies over a specified band.
The LTC2938/LTC2939 varies ±1.5% around its nominal
threshold voltage (see Figure 1) over temperature.
The reset threshold band and the power supply tolerance
bands should not overlap. This prevents false or nuisance
resets when the power supply is actually within its speci-
fied tolerance band.
The LTC2938 and LTC2939 have ±1.5% reset threshold
accuracy, so a 5% threshold is typically set to 6.5% below
the nominal input voltage. Therefore, a typical 5V, 5%
threshold is 4.675V.
The threshold is guaranteed to lie in the band between
4.750V and 4.600V over temperature. The powered system
must work reliably down to the low end of the threshold
band, or risk malfunction before a reset signal is properly
issued.
5V
4.75V
4.675V
±1.5%
THRESHOLD
BAND
4.6V
NOMINAL
SUPPLY
VOLTAGE
SUPPLY TOLERANCE
MINIMUM
RELIABLE
SYSTEM
VOLTAGE
IDEAL
SUPERVISOR
THRESHOLD
REGION OF POTENTIAL MALFUNCTION
–5%
–6.5%
–8%
293839 F01


Similar Part No. - LTC2938IMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2938 LINER-LTC2938 Datasheet
259Kb / 20P
   Confi gurable 4- and 6-Supply Monitors with Watchdog Timer
LTC2938 LINER-LTC2938_15 Datasheet
259Kb / 20P
   Confi gurable 4- and 6-Supply Monitors with Watchdog Timer
More results

Similar Description - LTC2938IMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2938 LINER-LTC2938_15 Datasheet
259Kb / 20P
   Confi gurable 4- and 6-Supply Monitors with Watchdog Timer
LTC2939 LINER-LTC2939_15 Datasheet
259Kb / 20P
   Confi gurable 4- and 6-Supply Monitors with Watchdog Timer
LTC2932 LINER-LTC2932_15 Datasheet
245Kb / 16P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer and Supply Tolerance
LTC2931 LINER-LTC2931 Datasheet
279Kb / 16P
   Confi gurable Six Supply Monitor with Adjustable Reset and Watchdog Timers
LTC2932 LINER-LTC2932 Datasheet
249Kb / 16P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer and Supply Tolerance
LTC2931 LINER-LTC2931_15 Datasheet
269Kb / 16P
   Confi gurable Six Supply Monitor with Adjustable Reset and Watchdog Timers
LTC2930 LINER-LTC2930_15 Datasheet
169Kb / 12P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer, Manual Reset
LTC2930 LINER-LTC2930 Datasheet
179Kb / 12P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer, Manual Reset
logo
NXP Semiconductors
FS5600 NXP-FS5600 Datasheet
2Mb / 111P
   Automotive buck regulator and controller with voltage monitors and watchdog timer
Rev. 3 - 2 August 2022
logo
Mitsubishi Electric Sem...
M62055FP MITSUBISHI-M62055FP Datasheet
87Kb / 6P
   3V POWER SUPPLY with WATCHDOG TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com