Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3409AIDD Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3409AIDD
Description  600mA Low VIN Buck Regulator in 3mm3mm DFN
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3409AIDD Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3409AIDD Datasheet HTML 4Page - Linear Technology LTC3409AIDD Datasheet HTML 5Page - Linear Technology LTC3409AIDD Datasheet HTML 6Page - Linear Technology LTC3409AIDD Datasheet HTML 7Page - Linear Technology LTC3409AIDD Datasheet HTML 8Page - Linear Technology LTC3409AIDD Datasheet HTML 9Page - Linear Technology LTC3409AIDD Datasheet HTML 10Page - Linear Technology LTC3409AIDD Datasheet HTML 11Page - Linear Technology LTC3409AIDD Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC3409A
8
3409af
Main Control Loop
TheLTC3409Ausesaconstantfrequency,currentmodestep-
down architecture. Both the main (P-channel MOSFET) and
synchronous (N-channel MOSFET) switches are internal.
During normal operation, the internal top power MOSFET
is turned on each cycle when the oscillator sets the RS
latch, and turned off when the current comparator, ICOMP,
resets the RS latch. The peak inductor current at which
ICOMP resetstheRSlatchiscontrolledbytheoutputoferror
amplifier EA. The VFB pin, described in the Pin Functions
section, allows EA to receive an output feedback voltage
from an external resistive divider. When the load current
increases, it causes a slight decrease in the feedback voltage
relative to the 0.612V reference, which in turn, causes the
EA amplifier’s output voltage to increase until the average
inductor current matches the new load current. While the
top MOSFET is off, the bottom MOSFET is turned on until
either the inductor current starts to reverse, as indicated
by the current reversal comparator IRCMP, or the beginning
of the next clock cycle.
Comparator OVDET guards against transient overshoots
>10% by turning the main switch off and keeping it off
until the transient has ended.
Burst Mode Operation
The LTC3409A is capable of Burst Mode operation in
which the internal power MOSFETs operate intermittently
based on load demand. To enable Burst Mode operation,
simply connect the MODE pin to GND. To disable Burst
Mode operation and enable PWM pulse-skipping mode,
connect the MODE pin to VIN or drive it with a logic high
(VMODE >1.1V). In this mode, the efficiency is lower at
light loads, but becomes comparable to Burst Mode opera-
tion when the output load exceeds 30mA. The advantage
of pulse-skipping mode is lower output ripple and less
interference to audio circuitry. When the converter is in
Burst Mode operation, the minimum peak current of the
inductor is set to approximately 200mA regardless of the
output load. Each burst event can last from a few cycles
at light loads to almost continuously cycling with short
sleep intervals at moderate loads. In between these burst
events, the power MOSFETs and any unneeded circuitry
are turned off, reducing the quiescent current to 65μA. In
this sleep state, the load current is being supplied solely
from the output capacitor. As the output voltage droops,
the EA amplifier’s output rises above the sleep threshold
signaling the BURST comparator to trip and turn the top
MOSFET on. This process repeats at a rate that is depen-
dent on the load demand.
OPERATION


Similar Part No. - LTC3409AIDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3409A LINER-LTC3409A Datasheet
319Kb / 16P
   600mA Low VIN Buck Regulator in 3mm 3mm DFN
LTC3409A LINER-LTC3409A_15 Datasheet
319Kb / 16P
   600mA Low VIN Buck Regulator in 3mm 3mm DFN
More results

Similar Description - LTC3409AIDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3409 LINER-LTC3409_15 Datasheet
293Kb / 16P
   600mA Low VIN Buck Regulator in 3mm 3mm DFN
LTC3409A LINER-LTC3409A_15 Datasheet
319Kb / 16P
   600mA Low VIN Buck Regulator in 3mm 3mm DFN
LTC3409 LINER-LTC3409 Datasheet
246Kb / 16P
   600mA Low Vin Buck Regulator in 3mm x 3mm DFN
LTC3549 LINER-LTC3549 Datasheet
360Kb / 16P
   250mA Low VIN Buck Regulator in 2mm 횞 3mm DFN
LTC3447 LINER-LTC3447 Datasheet
564Kb / 16P
   I2C Controllable Buck Regulator in 3mm 횞 3mm DFN
LT3686 LINER-LT3686 Datasheet
557Kb / 28P
   37V/1.2A Step-Down Regulator in 3mm 횞 3mm DFN
LT3505 LINER-LT3505 Datasheet
812Kb / 24P
   1.2A, Step-Down Switching Regulator in 3mm 횞 3mm DFN
LTC3670 LINER-LTC3670 Datasheet
219Kb / 12P
   Monolithic 400mA Buck Regulator with Dual 150mA LDOs in 3mm 횞 2mm DFN
logo
Semtech Corporation
SC1564 SEMTECH-SC1564 Datasheet
445Kb / 11P
   Low Dropout 600mA Linear Regulator in 3mm x 3mm Package
logo
Linear Technology
LT3686 LINER-LT3686_15 Datasheet
519Kb / 28P
   37V/1.2A Step-Down Regulator in 3mm 3mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com