Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPLSI5256V-70LQ208 Datasheet(PDF) 4 Page - Lattice Semiconductor

Part # ISPLSI5256V-70LQ208
Description  In-System Programmable 3.3V SuperWIDE??High Density PLD
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI5256V-70LQ208 Datasheet(HTML) 4 Page - Lattice Semiconductor

  ISPLSI5256V-70LQ208 Datasheet HTML 1Page - Lattice Semiconductor ISPLSI5256V-70LQ208 Datasheet HTML 2Page - Lattice Semiconductor ISPLSI5256V-70LQ208 Datasheet HTML 3Page - Lattice Semiconductor ISPLSI5256V-70LQ208 Datasheet HTML 4Page - Lattice Semiconductor ISPLSI5256V-70LQ208 Datasheet HTML 5Page - Lattice Semiconductor ISPLSI5256V-70LQ208 Datasheet HTML 6Page - Lattice Semiconductor ISPLSI5256V-70LQ208 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI5256V-70LQ208 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI5256V-70LQ208 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Specifications ispLSI 5256V
4
Figure 2. ispLSI 5256V Block Diagram (192 I/O Version)
32
24
I/O
160
160
PT
160
32
D
Q
32
24
I/O
68
DQ
160
160
68
160
PT
32
32
24
I/O
160
160
PT
160
32
D
Q
32
24
I/O
68
DQ
160
160
68
160
PT
32
32
24
I/O
160
160
PT
160
32
D
Q
32
24
I/O
68
DQ
160
160
68
160
PT
32
5512_384
24
24
24
24
24
24
32
24
I/O
160
160
PT
160
32
D
Q
32
24
I/O
68
DQ
160
160
68
160
PT
32
32
32
24
24
448
24
24
32
32
24
24
32
32
24
24
32
32
24
24
5
5
PT
5
PT
5
5
5
PT
5
PT
5
5
5
PT
5
PT
5
5
5
PT
5
PT
5
SET/RESET
GOE1
GOE0
TOE
CLK1
CLK0
Global
Routing
Pool
(GRP)
Generic
Logic
Block
(GLB)
Buffers/Pins
CLK3
CLK2


Similar Part No. - ISPLSI5256V-70LQ208

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI5256VA LATTICE-ISPLSI5256VA Datasheet
311Kb / 25P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
ISPLSI5256VA-100LB208 LATTICE-ISPLSI5256VA-100LB208 Datasheet
311Kb / 25P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
ISPLSI5256VA-100LB272 LATTICE-ISPLSI5256VA-100LB272 Datasheet
311Kb / 25P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
ISPLSI5256VA-100LQ208 LATTICE-ISPLSI5256VA-100LQ208 Datasheet
311Kb / 25P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
ISPLSI5256VA-125LB208 LATTICE-ISPLSI5256VA-125LB208 Datasheet
311Kb / 25P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
More results

Similar Description - ISPLSI5256V-70LQ208

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI5256VE LATTICE-ISPLSI5256VE Datasheet
246Kb / 24P
   In-System Programmable 3.3V SuperWIDE High Density PLD
ISPLSI5128VE LATTICE-ISPLSI5128VE Datasheet
211Kb / 21P
   In-System Programmable 3.3V SuperWIDE High Density PLD
5384VA LATTICE-5384VA Datasheet
350Kb / 28P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
ISPLSI5384VE-125LB272 LATTICE-ISPLSI5384VE-125LB272 Datasheet
242Kb / 22P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
5256VA LATTICE-5256VA Datasheet
311Kb / 25P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
5512VA LATTICE-5512VA Datasheet
331Kb / 26P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
5384VA LATTICE-5384VA_02 Datasheet
311Kb / 31P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
ISPLSI5512VE LATTICE-ISPLSI5512VE Datasheet
275Kb / 25P
   In-System Programmable 3.3V SuperWIDE™ High Density PLD
January 2002
2032VE LATTICE-2032VE Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
2064VE LATTICE-2064VE Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com