Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPLSI5256V-100LQ208 Datasheet(PDF) 2 Page - Lattice Semiconductor

Part # ISPLSI5256V-100LQ208
Description  In-System Programmable 3.3V SuperWIDE??High Density PLD
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI5256V-100LQ208 Datasheet(HTML) 2 Page - Lattice Semiconductor

  ISPLSI5256V-100LQ208 Datasheet HTML 1Page - Lattice Semiconductor ISPLSI5256V-100LQ208 Datasheet HTML 2Page - Lattice Semiconductor ISPLSI5256V-100LQ208 Datasheet HTML 3Page - Lattice Semiconductor ISPLSI5256V-100LQ208 Datasheet HTML 4Page - Lattice Semiconductor ISPLSI5256V-100LQ208 Datasheet HTML 5Page - Lattice Semiconductor ISPLSI5256V-100LQ208 Datasheet HTML 6Page - Lattice Semiconductor ISPLSI5256V-100LQ208 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI5256V-100LQ208 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI5256V-100LQ208 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Specifications ispLSI 5256V
2
Functional Block Diagram
Figure 1. ispLSI 5256V Functional Block Diagram (272 BGA Option)
Global Routing Pool
(GRP)
Boundary
Scan
Interface
GSET/GRST
1.
CLK2, CLK3 and TOE signals are multiplexed with I/O signals. Which I/O is multiplexed is
determined by the package type used – see table below.
TDI
TDO
VCCIO
Input Bus
Generic
Logic Block
Input Bus
Input Bus
Input Bus
Generic
Logic Block
Generic
Logic Block
Generic
Logic Block
Package Type
Multplexed Signals
208 PQFP
I/O 89 / CLK2
I/O 98 / CLK3
I/O 0 / TOE
208 BGA
I/O 89 / CLK2
I/O 98 / CLK3
I/O 0 / TOE
272 BGA
I/O 119 / CLK2
I/O 131 / CLK3
I/O 0 / TOE
I/O 143
I/O 142
I/O 141
I/O 140
I/O 123
I/O 122
I/O 121
I/O 120
I/O 119
I/O 118
I/O 117
I/O 116
I/O 99
I/O 98
I/O 97
I/O 96
1I/O 0 / TOE
I/O 1
I/O 2
I/O 3
I/O 20
I/O 21
I/O 22
I/O 23
I/O 24
I/O 25
I/O 26
I/O 27
I/O 44
I/O 45
I/O 46
I/O 47


Similar Part No. - ISPLSI5256V-100LQ208

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI5256VA LATTICE-ISPLSI5256VA Datasheet
311Kb / 25P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
ISPLSI5256VA-100LB208 LATTICE-ISPLSI5256VA-100LB208 Datasheet
311Kb / 25P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
ISPLSI5256VA-100LB272 LATTICE-ISPLSI5256VA-100LB272 Datasheet
311Kb / 25P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
ISPLSI5256VA-100LQ208 LATTICE-ISPLSI5256VA-100LQ208 Datasheet
311Kb / 25P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
ISPLSI5256VA-125LB208 LATTICE-ISPLSI5256VA-125LB208 Datasheet
311Kb / 25P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
More results

Similar Description - ISPLSI5256V-100LQ208

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI5256VE LATTICE-ISPLSI5256VE Datasheet
246Kb / 24P
   In-System Programmable 3.3V SuperWIDE High Density PLD
ISPLSI5128VE LATTICE-ISPLSI5128VE Datasheet
211Kb / 21P
   In-System Programmable 3.3V SuperWIDE High Density PLD
5384VA LATTICE-5384VA Datasheet
350Kb / 28P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
ISPLSI5384VE-125LB272 LATTICE-ISPLSI5384VE-125LB272 Datasheet
242Kb / 22P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
5256VA LATTICE-5256VA Datasheet
311Kb / 25P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
5512VA LATTICE-5512VA Datasheet
331Kb / 26P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
5384VA LATTICE-5384VA_02 Datasheet
311Kb / 31P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
ISPLSI5512VE LATTICE-ISPLSI5512VE Datasheet
275Kb / 25P
   In-System Programmable 3.3V SuperWIDE™ High Density PLD
January 2002
2032VE LATTICE-2032VE Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
2064VE LATTICE-2064VE Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com