Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4620D2A-JQRS Datasheet(PDF) 3 Page - Seme LAB

Part # 1N4620D2A-JQRS
Description  LOW NOISE ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

1N4620D2A-JQRS Datasheet(HTML) 3 Page - Seme LAB

  1N4620D2A-JQRS Datasheet HTML 1Page - Seme LAB 1N4620D2A-JQRS Datasheet HTML 2Page - Seme LAB 1N4620D2A-JQRS Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LOW NOISE ZENER DIODE
1N4620D2A / 1N4620D2B
Semelab plc
Semelab plc
Semelab plc
Semelab plc
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Document Number 8864
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Issue 1
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Page 3 of 3
SCREENING OPTIONS
Space Level (JQRS/ESA) and High Reliability options are
available in accordance with the High Reliability and
Screening Options Handbook available for download from
the from the TT electronics Semelab web site.
ESA Quality Level Products are based on the testing
procedures specified in the generic ESCC 5000 and in the
corresponding part detail specifications.
Semelabs QR216 and QR217 processing specifications
(JQRS), in conjunction with the companies ISO 9001:2000
approval present a viable alternative to the American MIL-
PRF-19500 space level processing.
QR217 (Space Level Quality Conformance) is based on the
quality conformance inspection requirements of MIL-PRF-
19500 groups A (table V), B (table VIa), C (table VII) and
also ESA / ESCC 5000 (chart F4) lot validation tests.
QR216 (Space Level Screening) is based on the screening
requirements of MIL-PRF-19500 (table IV) and also ESA
/ESCC 5000 (chart F3).
JQRS parts are processed to the device data sheet and
screened to QR216 with conformance testing to Q217
groups A and B in accordance with MIL-STD-750 methods
and procedures.
Additional conformance options are available, for example
Pre-Cap Visual Inspection, Buy-Off Visit or Data Packs.
These are chargeable and must be specified at the order
stage
(See
Ordering
Information).
Minimum
order
quantities may apply.
Alternative or additional customer specific conformance or
screening requirements would be considered. Contact
Semelab sales with enquires.
MARKING DETAILS
Parts can be laser marked with approximately 7 characters
on two lines and always includes cathode identification.
Typical marking would include part or specification number,
week of seal or serial number subject to available space and
legibility.
Customer specific marking requirements can be arranged at
the time of order.
Example Marking:
ORDERING INFORMATION
Part numbers are built up from Type, Package Variant, and
screening level. The part numbers are extended to include
the additional options as shown below.
Type – See Electrical Stability Characteristics Table
Package Variant – See Mechanical Data
Screening Level – See Screening Options (ESA / JQRS)
Additional Options:
Customer Pre-Cap Visual Inspection
.CVP
Customer Buy-Off visit
.CVB
Data Pack
.DA
Solderability Samples
.SS
Scanning Electron Microscopy
.SEM
Radiography (X-ray)
.XRAY
Total Dose Radiation Test
.RAD
MIL-PRF-19500 (QR217)
Group B charge
.GRPB
Group B destructive mechanical samples
.GBDM (12 pieces)
Group C charge
.GRPC
Group C destructive electrical samples
.GCDE (12 pieces)
Group C destructive mechanical samples
.GCDM (6 pieces)
ESA/ESCC
Lot Validation Testing (subgroup 1) charge
.LVT1
LVT1 destructive samples (environmental)
.L1DE (15 pieces)
LVT1 destructive samples (mechanical)
.L1DM (15 pieces)
Lot Validation Testing (subgroup 2) charge
.LVT2
LVT2 endurance samples (electrical)
.L2D (15 pieces)
Lot Validation Testing (subgroup 3) charge
.LVT3
LVT3 destructive samples (mechanical)
.L3D (5 pieces)
Additional Option Notes:
1) All ‘Additional Options’ are chargeable and must be specified at order stage.
2) When Group B,C or LVT is required, additional electrical and mechanical destructive
samples must be ordered
3) All destructive samples are marked the same as other production parts unless
otherwise requested.
Example ordering information:
The following example is for the 1N4620 part with package
variant A, JQRS screening, additional Group C conformance
testing and a Data pack.
Part Numbers:
1N4620D2A-JQRS (Include quantity for flight parts)
1N4620D2A-JQRS.GRPC (chargeable conformance option)
1N4620D2A-JQRS.GCDE (charge for destructive parts)
1N4620D2A-JQRS.GCDM (charge for destructive parts)
1N4620D2A-JQRS.DA (charge for Data pack)
Customers with any specific requirements (e.g. marking or
screening) may be supplied with a similar alternative part
number (there is maximum 20 character limit to part
numbers). Contact Semelab sales with enquiries
High Reliability and Screening Options Handbook link: http://www.semelab.co.uk/pdf/misc/documents/hirel_and_screening_options.pdf


Similar Part No. - 1N4620D2A-JQRS

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4620D MICROSEMI-1N4620D Datasheet
120Kb / 2P
   Hermetically sealed glass case. DO - 35 outline.
1N4620D-1 MICROSEMI-1N4620D-1 Datasheet
120Kb / 2P
   Hermetically sealed glass case. DO - 35 outline.
1N4620DUR MICROSEMI-1N4620DUR Datasheet
189Kb / 3P
   GLASS SURFACE MOUNT 0.5 WATT ZENERS
1N4620DUR-1 MICROSEMI-1N4620DUR-1 Datasheet
189Kb / 3P
   GLASS SURFACE MOUNT 0.5 WATT ZENERS
1N4620DURTR MICROSEMI-1N4620DURTR Datasheet
189Kb / 3P
   GLASS SURFACE MOUNT 0.5 WATT ZENERS
More results

Similar Description - 1N4620D2A-JQRS

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
1N4099UR-1 MA-COM-1N4099UR-1 Datasheet
892Kb / 4P
   Low Noise Zener Diode Series
logo
Central Semiconductor C...
CMHZ4099 CENTRAL-CMHZ4099_15 Datasheet
375Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
CMHZ4614 CENTRAL-CMHZ4614_15 Datasheet
376Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
CMPZ4099 CENTRAL-CMPZ4099_15 Datasheet
397Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
CMPZ4614 CENTRAL-CMPZ4614_15 Datasheet
395Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
CMPZ4614 CENTRAL-CMPZ4614 Datasheet
92Kb / 2P
   350mW LOW NOISE ZENER DIODE 5% TOLERANCE
CMHZ4614 CENTRAL-CMHZ4614 Datasheet
55Kb / 2P
   500mW LOW NOISE ZENER DIODE 5% TOLERANCE
CMHZ4678 CENTRAL-CMHZ4678_15 Datasheet
382Kb / 2P
   SURFACE MOUNT LOW NOISE SILICON ZENER DIODE
CLL4614 CENTRAL-CLL4614 Datasheet
106Kb / 2P
   500mW LOW NOISE ZENER DIODE 5% TOLERANCE
logo
Renesas Technology Corp
HZU-L RENESAS-HZU-L Datasheet
77Kb / 6P
   Silicon Planar Zener Diode for Low Noise Application
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com