Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA2655V Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA2655V
Description  Clear Sound Control IC Loading Plus Sound Algorithm
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA2655V Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA2655V Datasheet HTML 1Page - Sanyo Semicon Device LA2655V Datasheet HTML 2Page - Sanyo Semicon Device LA2655V Datasheet HTML 3Page - Sanyo Semicon Device LA2655V Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LA2655V
No.6743–2/4
Electrical Characteristics at Ta = 25˚C, VCC=9V, fm=1kHz, Vin=300mVrms=0dB, RL=10kΩ
Block Diagram
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
t
n
a
r
r
u
c
t
n
e
c
s
e
i
u
QT
c
c
Is
s
a
p
y
b
,
l
a
n
g
i
s
o
N5
0
1A
m
n
o
i
t
a
i
v
e
d
l
e
v
e
l
t
u
p
t
u
O
T
G
Vs
s
a
p
y
B2
–0
2
+B
d
C
G
VN
O1
–1
+3
+B
d
e
g
a
t
l
o
v
t
u
p
t
u
o
m
u
m
i
x
a
M
T
x
a
m
o
Vs
s
a
p
y
B5
.
12
s
m
r
V
C
x
a
m
o
VN
O5
.
12
s
m
r
V
n
o
i
t
r
o
t
s
i
d
c
i
n
o
m
r
a
h
l
a
t
o
T
T
D
H
Ts
s
a
p
y
B5
0
0
.
03
0
.
0%
C
D
H
TN
O8
0
.
05
.
0%
e
g
a
t
l
o
v
e
s
i
o
n
t
u
p
t
u
O
T
o
n
Vs
s
a
p
y
B5
9
–m
B
d
C
o
n
VN
O5
8
–m
B
d
P1
Mode
L
I/O through
H
effect
High level
R1, R3
Remarks
Max
Mid
18k
Min
11k
Low level
R2, R4
Remarks
Max
10k
Mid
24k
Min
19
18
11
12
13
14
15
16
17
2
3
10
9
8
7
6
5
4
L-ch control box
ON/OFF
control
Lch-IN
Rch-IN
Lch-OUT
Rch-OUT
Vcc
CONT1
GND
VREF
R-IN
RC1
RC2
RC3
R-OU T
1
20
RV1
RV2
C1
4.7
µF
C2
1
µF
C3
2200pF
C4
R1
2200pF
Vcc
AGND
L- IN
LC1
LC2
LC3
L-OUT
N.C
LV1
LV2
C5
82000pF
R2
+
C6
1
µF
1
µF
2200p
1
µF
4.7
µF
82000pF
R4
C12
C8
C7
C9
C10
C11
R3
C13
2200p
F
47
µF
L/H
SW
B
A
A
SW
B
R-ch control box


Similar Part No. - LA2655V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA2650 SANYO-LA2650 Datasheet
319Kb / 13P
   Bass Boost IC
logo
LIGITEK electronics co....
LA265B-H-1-PF LIGITEK-LA265B-H-1-PF Datasheet
112Kb / 6P
   LED ARRAY
LA265W-G-PF LIGITEK-LA265W-G-PF Datasheet
107Kb / 6P
   LED ARRAY
More results

Similar Description - LA2655V

ManufacturerPart #DatasheetDescription
logo
Rohm
BH3852S ROHM-BH3852S Datasheet
198Kb / 11P
   Sound control IC
BH3854AS ROHM-BH3854AS Datasheet
306Kb / 15P
   Serial sound control IC
logo
Murata Manufacturing Co...
PKLCS1212E20A0-R1 MURATA-PKLCS1212E20A0-R1 Datasheet
197Kb / 3P
   high sound pressure level and clear sound
logo
List of Unclassifed Man...
BH3862FS ETC-BH3862FS Datasheet
237Kb / 2P
   3 wire serial sound control IC
logo
Rohm
BA3842F ROHM-BA3842F Datasheet
237Kb / 13P
   Preset equalizer sound control (P.S.C) IC
BH3856S ROHM-BH3856S Datasheet
166Kb / 16P
   2-wire serial sound control IC
logo
Murata Manufacturing Co...
PKLCS1212E2000-R1 MURATA-PKLCS1212E2000-R1 Datasheet
194Kb / 3P
   high sound pressure level and clear sound
logo
Panasonic Semiconductor
AN5285K PANASONIC-AN5285K Datasheet
57Kb / 5P
   Sound level automatic gain control IC
logo
Toshiba Semiconductor
TA2136FG TOSHIBA-TA2136FG Datasheet
197Kb / 7P
   Sound Retrieval System; 3D Sound IC
logo
NXP Semiconductors
TEA6324T PHILIPS-TEA6324T Datasheet
250Kb / 36P
   Sound control circuit
1997 Mar 13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com