Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPLSI2096E-180LT128 Datasheet(PDF) 1 Page - Lattice Semiconductor

Part # ISPLSI2096E-180LT128
Description  In-System Programmable SuperFAST??High Density PLD
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI2096E-180LT128 Datasheet(HTML) 1 Page - Lattice Semiconductor

  ISPLSI2096E-180LT128 Datasheet HTML 1Page - Lattice Semiconductor ISPLSI2096E-180LT128 Datasheet HTML 2Page - Lattice Semiconductor ISPLSI2096E-180LT128 Datasheet HTML 3Page - Lattice Semiconductor ISPLSI2096E-180LT128 Datasheet HTML 4Page - Lattice Semiconductor ISPLSI2096E-180LT128 Datasheet HTML 5Page - Lattice Semiconductor ISPLSI2096E-180LT128 Datasheet HTML 6Page - Lattice Semiconductor ISPLSI2096E-180LT128 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI2096E-180LT128 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI2096E-180LT128 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ispLSI
®
2096E
In-System Programmable
SuperFAST™ High Density PLD
2096e_04
1
Features
• SUPERFAST HIGH DENSITY IN-SYSTEM
PROGRAMMABLE LOGIC
— 4000 PLD Gates
— 96 I/O Pins, Six Dedicated Inputs
— 96 Registers
— High Speed Global Interconnect
— Wide Input Gating for Fast Counters, State
Machines, Address Decoders, etc.
— Small Logic Block Size for Random Logic
— 100% Functional/JEDEC Upward Compatible with
ispLSI 2096 Devices
• HIGH PERFORMANCE E2CMOS® TECHNOLOGY
fmax = 180 MHz Maximum Operating Frequency
tpd = 5.0 ns Propagation Delay
— TTL Compatible Inputs and Outputs
— 5V Programmable Logic Core
— ispJTAG™ In-System Programmable via IEEE 1149.1
(JTAG) Test Access Port
— User-Selectable 3.3V or 5V I/O Supports Mixed-
Voltage Systems
— PCI Compatible Outputs
— Open-Drain Output Option
— Electrically Erasable and Reprogrammable
— Non-Volatile
— Unused Product Term Shutdown Saves Power
• ispLSI OFFERS THE FOLLOWING ADDED FEATURES
— Increased Manufacturing Yields, Reduced Time-to-
Market and Improved Product Quality
— Reprogram Soldered Devices for Faster Prototyping
• OFFERS THE EASE OF USE AND FAST SYSTEM
SPEED OF PLDs WITH THE DENSITY AND FLEXIBILITY
OF FIELD PROGRAMMABLE GATE ARRAYS
— Complete Programmable Device Can Combine Glue
Logic and Structured Designs
— Enhanced Pin Locking Capability
— Three Dedicated Clock Input Pins
— Synchronous and Asynchronous Clocks
— Programmable Output Slew Rate Control to
Minimize Switching Noise
— Flexible Pin Placement
— Optimized Global Routing Pool Provides Global
Interconnectivity
Functional Block Diagram
Copyright © 2002 Lattice Semiconductor Corp. All brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject
to change without notice.
LATTICE SEMICONDUCTOR CORP., 5555 Northeast Moore Ct., Hillsboro, Oregon 97124, U.S.A.
Tel. (503) 268-8000; 1-800-LATTICE; FAX (503) 268-8556; http://www.latticesemi.com
January 2002
Description
The ispLSI 2096E is a High Density Programmable Logic
Device. The device contains 96 Registers, 96 Universal
I/O pins, six Dedicated Input pins, three Dedicated Clock
Input pins, two dedicated Global OE input pins and a
Global Routing Pool (GRP). The GRP provides complete
interconnectivity between all of these elements. The
ispLSI 2096E features 5V in-system programmability
and in-system diagnostic capabilities. The ispLSI 2096E
offers non-volatile reprogrammability of all logic, as well
as the interconnect to provide truly reconfigurable sys-
tems.
The basic unit of logic on the ispLSI 2096E device is the
Generic Logic Block (GLB). The GLBs are labeled A0, A1
.. C7 (see Figure 1). There are a total of 24 GLBs in the
ispLSI 2096E device. Each GLB is made up of four
macrocells. Each GLB has 18 inputs, a programmable
AND/OR/Exclusive OR array, and four outputs which can
be configured to be either combinatorial or
registered.Inputs to the GLB come from the GRP and
dedicated inputs. All of the GLB outputs are brought back
into the GRP so that they can be connected to the inputs
of any GLB on the device.
The device also has 96 I/O cells, each of which is directly
connected to an I/O pin. Each I/O cell can be individually
programmed to be a combinatorial input, output or bi-
directional I/O pin with 3-state control. The signal levels
are TTL compatible voltages and the output drivers can
source 4 mA or sink 8 mA. Each output can be pro-
grammed independently for fast or slow output slew rate
to minimize overall output switching noise. By connecting
Global Routing Pool
(GRP)
Output Routing Pool (ORP)
Output Routing Pool (ORP)
0919/2096E
C7
C4
C5
C6
A4
A7
A6
A5
GLB
Logic
Array
DQ
DQ
DQ
DQ
Output Routing Pool (ORP)
Output Routing Pool (ORP)
C3
C0
C1
C2
B0
B3
B2
B1
B7
B6
B4
B5
A0
A1
A3
A2


Similar Part No. - ISPLSI2096E-180LT128

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI2096E-180LT128 LATTICE-ISPLSI2096E-180LT128 Datasheet
142Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
More results

Similar Description - ISPLSI2096E-180LT128

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
2064E LATTICE-2064E Datasheet
144Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2128E LATTICE-2128E Datasheet
142Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
ISPLSI2032E LATTICE-ISPLSI2032E Datasheet
141Kb / 14P
   In-System Programmable SuperFAST High Density PLD
2096E LATTICE-2096E Datasheet
142Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VE LATTICE-2032VE Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VE LATTICE-2064VE Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
2192VE LATTICE-2192VE Datasheet
144Kb / 15P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com