Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA2650 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LA2650
Description  Bass Boost IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA2650 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LA2650 Datasheet HTML 1Page - Sanyo Semicon Device LA2650 Datasheet HTML 2Page - Sanyo Semicon Device LA2650 Datasheet HTML 3Page - Sanyo Semicon Device LA2650 Datasheet HTML 4Page - Sanyo Semicon Device LA2650 Datasheet HTML 5Page - Sanyo Semicon Device LA2650 Datasheet HTML 6Page - Sanyo Semicon Device LA2650 Datasheet HTML 7Page - Sanyo Semicon Device LA2650 Datasheet HTML 8Page - Sanyo Semicon Device LA2650 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
No. 5652-3/13
LA2650
Control Data for the Parameters in the Electrical Characteristics
*=don’t care
Parameter
Conditions
D1
D2
D3
D4
D5
D6
D7
D8
Quiescent current
ICCOT Boost: on
L
L
L
L
L
L
L
L
ICCOB Boost: off
H
H
H
H
H
H
L
H
Voltage gain
VIN = 0 dBm
VG T Boost: off
L
L
L
L
L
L
L
L
VG B Boost: on
H
H
H
H
H
H
L
H
Boost level: high
Boost: on, fi = 50 Hz, BST = 35 dB, ADD = 0 dB
H
H
H
H
H
H
L
H
Boost level: low
Boost: on, fi = 50 Hz, BST = 30 dB, ADD = –6 dB
H
L
H
L
H
H
L
H
Maximum output voltage
THD = 1%
VO maxT Boost: off
L
L
L
L
L
L
L
L
VO maxB Boost: on
H
H
H
H
H
H
L
H
Total harmonic distortion
VIN = –10 dBm
THD T Boost: off, BPF = 400 Hz to 30 kHz
L
L
L
L
L
L
L
L
THD B Boost: on, fi = 50 Hz, LPF = 30 kHz
H
H
H
H
H
H
L
H
Crosstalk
VO = 0 dBm, Rg = 10 kΩ, DIN AUDIO
CT T Boost: off
L
L
L
L
L
L
L
L
CT B Boost: on
H
H
H
H
H
H
L
H
Output noise voltage
Rg = 10 k
Ω, JIS A
VNO T Boost: off, Boost ADD = off
L
L
L
L
L
L
L
L
VNO B Boost: on
H
H
H
H
H
H
L
H
LED current
ILED RED LED
*
*
*
*
*
*
H
*


Similar Part No. - LA2650

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA2655V SANYO-LA2655V Datasheet
42Kb / 4P
   Clear Sound Control IC Loading Plus Sound Algorithm
logo
LIGITEK electronics co....
LA265B-H-1-PF LIGITEK-LA265B-H-1-PF Datasheet
112Kb / 6P
   LED ARRAY
LA265W-G-PF LIGITEK-LA265W-G-PF Datasheet
107Kb / 6P
   LED ARRAY
More results

Similar Description - LA2650

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
LAG668 MITSUMI-LAG668 Datasheet
134Kb / 5P
   IC for Headphone Stereos (bass boost)
logo
Nippon Precision Circui...
SM5852FS NPC-SM5852FS Datasheet
98Kb / 12P
   Digital Dynamic Bass Boost LSI
logo
Mitsubishi Electric Sem...
M62445FP MITSUBISHI-M62445FP Datasheet
218Kb / 17P
   DIGITAL SOUND CONTROLLER WITH DYNAMIC BASS BOOST
logo
New Japan Radio
NJW1201A NJRC-NJW1201A Datasheet
373Kb / 30P
   2ch Electronic Volume with Dynamic Bass Boost
logo
Rohm
BA3870 ROHM-BA3870 Datasheet
199Kb / 14P
   BBS (bass boost system) for radio cassette players
logo
New Japan Radio
NJM2706 NJRC-NJM2706 Datasheet
125Kb / 15P
   3D Surround Audio Processor with Dynamic Bass Boost
logo
ATMEL Corporation
AT85C51SND3B ATMEL-AT85C51SND3B_14 Datasheet
2Mb / 271P
   3-band EQ and Bass Boost and 3D Sound Effects
logo
Toshiba Semiconductor
TA7630P TOSHIBA-TA7630P Datasheet
362Kb / 10P
   DUAL VOLUME/BALANCE/TONE (BASS/BREBLE) DC CONTROL IC
logo
Shenzhen Huazhimei Semi...
HM4041 HMSEMI-HM4041 Datasheet
2Mb / 12P
   Boost Charger IC
logo
Shenzhenshi YONGFUKANG ...
VAS5280 YONGFUKANG-VAS5280 Datasheet
1Mb / 12P
   Boost Charger IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com