Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA2232M Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LA2232M
Description  RDS Decorder
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA2232M Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LA2232M Datasheet HTML 1Page - Sanyo Semicon Device LA2232M Datasheet HTML 2Page - Sanyo Semicon Device LA2232M Datasheet HTML 3Page - Sanyo Semicon Device LA2232M Datasheet HTML 4Page - Sanyo Semicon Device LA2232M Datasheet HTML 5Page - Sanyo Semicon Device LA2232M Datasheet HTML 6Page - Sanyo Semicon Device LA2232M Datasheet HTML 7Page - Sanyo Semicon Device LA2232M Datasheet HTML 8Page - Sanyo Semicon Device LA2232M Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Sample Application Circuit Using the LA2232/M and the LC7073/M
Adjusting the 57 kHz BPF
(A) Check the output level of the bi-phase signal from pin 4 or pin 22 (with the pin 6 RDS input at about 1 mVr ms and the ALC circuit not operating).
(B) Check the signal level of the BPF checkpoint (with the pin 6 RDS input in the range 3 to 6 mVr ms or higher).
No. 4416A-4/9
LA2232, 2232M
3 to 6 mVr ms
Recommended input signal level
(when RDS
∆f = ±2.0 kHz)
*R = 6.8 k
Ω (for the LA2232)
R = 5.6 k
Ω (for the LA2232M)
Bi-phase signal


Similar Part No. - LA2232M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA2232M SANYO-LA2232M Datasheet
247Kb / 9P
   RDS Decorder
More results

Similar Description - LA2232M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA2232 SANYO-LA2232 Datasheet
247Kb / 9P
   RDS Decorder
logo
Data Delay Devices, Inc...
MAD-85 DATADELAY-MAD-85 Datasheet
40Kb / 1P
   Manchester Decorder
logo
Sanyo Semicon Device
LC7874E SANYO-LC7874E Datasheet
241Kb / 22P
   CD Graphics Decorder
logo
Unisonic Technologies
TA7343AP UTC-TA7343AP Datasheet
246Kb / 5P
   FM STEREO MULTIPLEX DECORDER
logo
ON Semiconductor
SN74LS156 ONSEMI-SN74LS156 Datasheet
56Kb / 4P
   Dual 1-of-4 Decorder/Demultiplexer
December, 1999 ??Rev. 0
logo
Zarlink Semiconductor I...
MV1817 ZARLINK-MV1817 Datasheet
1Mb / 20P
   SINGLE CHIP TELETEXT DECORDER FOR 625 LINE OPERATION
logo
Sanyo Semicon Device
STK311-110 SANYO-STK311-110 Datasheet
149Kb / 5P
   RDS Demodulator
LA2230 SANYO-LA2230 Datasheet
138Kb / 6P
   RDS Decoder
STK311-120 SANYO-STK311-120 Datasheet
97Kb / 6P
   RDS Demodulator
logo
STMicroelectronics
TDA7332 STMICROELECTRONICS-TDA7332 Datasheet
47Kb / 6P
   RDS FILTER
November 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com